Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8T73S208B-01NLGI8 Datasheet(PDF) 4 Page - Integrated Device Technology

Part # 8T73S208B-01NLGI8
Description  2.5 V, 3.3 V Differential LVPECL Clock Divider and Fanout Buffer
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

8T73S208B-01NLGI8 Datasheet(HTML) 4 Page - Integrated Device Technology

  8T73S208B-01NLGI8 Datasheet HTML 1Page - Integrated Device Technology 8T73S208B-01NLGI8 Datasheet HTML 2Page - Integrated Device Technology 8T73S208B-01NLGI8 Datasheet HTML 3Page - Integrated Device Technology 8T73S208B-01NLGI8 Datasheet HTML 4Page - Integrated Device Technology 8T73S208B-01NLGI8 Datasheet HTML 5Page - Integrated Device Technology 8T73S208B-01NLGI8 Datasheet HTML 6Page - Integrated Device Technology 8T73S208B-01NLGI8 Datasheet HTML 7Page - Integrated Device Technology 8T73S208B-01NLGI8 Datasheet HTML 8Page - Integrated Device Technology 8T73S208B-01NLGI8 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
4
©2016 Integrated Device Technology, Inc.
April 28, 2016
8T73S208B-01 Datasheet
Absolute Maximum Ratings
NOTE: Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These ratings are stress
specifications only. Functional operation of the product at these conditions or any conditions beyond those listed in the DC Characteristics or
AC Characteristics is not implied. Exposure to absolute maximum rating conditions for extended periods may affect product reliability.
DC Electrical Characteristics
Table 4A. Power Supply DC Characteristics, VCC = VCCO = 2.5V ± 5% or 3.3V ± 5%, VEE = 0V, TA = -40°C to 85°C
Item
Rating
Supply Voltage, VCC
4.6V
Inputs, VI
-0.5V to VCC + 0.5V
Input Termination Current, IVT
±35mA
Outputs, IO (LVPECL)
Continuous Current
Surge Current
50mA
100mA
Storage Temperature, TSTG
-65
C to 150C
Maximum Junction Temperature, TJMAX
125°C
ESD - Human Body Model1
NOTE 1:According to JEDEC/JS-001-2012/JESD22-C101E.
2000V
ESD - Charged Device Model
500V
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VCC
Power Supply Voltage
2.375
2.5V
2.625
V
VCC
Power Supply Voltage
3.135
3.3V
3.465
V
VCCO
Output Supply Voltage
2.375
2.5V
2.625
V
VCCO
Output Supply Voltage
3.135
3.3V
3.465
V
IEE
Power Supply Current
92
110
mA


Similar Part No. - 8T73S208B-01NLGI8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
8T73S208B-01 RENESAS-8T73S208B-01 Datasheet
590Kb / 19P
   2.5 V, 3.3 V Differential LVPECL Clock Divider and Fanout Buffer
April 8, 2020
More results

Similar Description - 8T73S208B-01NLGI8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
8T73S208 RENESAS-8T73S208 Datasheet
837Kb / 23P
   2.5 V, 3.3 V Differential LVPECL Clock Divider and Fanout Buffer
June 15, 2016
8T73S208B-01 RENESAS-8T73S208B-01 Datasheet
590Kb / 19P
   2.5 V, 3.3 V Differential LVPECL Clock Divider and Fanout Buffer
April 8, 2020
logo
Integrated Device Techn...
8T73S208 IDT-8T73S208_16 Datasheet
532Kb / 22P
   2.5 V, 3.3 V Differential LVPECL Clock Divider and Fanout Buffer
logo
Renesas Technology Corp
8T74S208C-01 RENESAS-8T74S208C-01 Datasheet
666Kb / 21P
   2.5 V Differential LVDS Clock Divider and Fanout Buffer
August 22, 2016
logo
Integrated Device Techn...
8T74S208C-01 IDT-8T74S208C-01 Datasheet
469Kb / 20P
   2.5 V Differential LVDS Clock Divider and Fanout Buffer
logo
Renesas Technology Corp
MPC9456 RENESAS-MPC9456 Datasheet
451Kb / 14P
   2.5 V and 3.3 V LVCMOS Clock Fanout Buffer
2019
logo
Analog Devices
ADCLK944 AD-ADCLK944 Datasheet
227Kb / 12P
   2.5 V/3.3 V, Four LVPECL Outputs, SiGe Clock Fanout Buffer
REV. 0
logo
Freescale Semiconductor...
MPC9446 FREESCALE-MPC9446 Datasheet
330Kb / 12P
   2.5 V and 3.3 V LVCMOS Clock Fanout Buffer
logo
ON Semiconductor
NB6L14 ONSEMI-NB6L14 Datasheet
153Kb / 10P
   2.5 V/3.3 V 3.0 GHz Differential 1:4 LVPECL Fanout Buffer
December, 2006 ??Rev. 0
NB6L14 ONSEMI-NB6L14_07 Datasheet
113Kb / 10P
   2.5 V/3.3 V 3.0 GHz Differential 1:4 LVPECL Fanout Buffer
May, 2007 - Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com