Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8T74S208A-01 Datasheet(PDF) 6 Page - Integrated Device Technology

Part # 8T74S208A-01
Description  2.5V Differential LVDS Clock Divider and Fanout Buffer
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

8T74S208A-01 Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button 8T74S208A-01 Datasheet HTML 2Page - Integrated Device Technology 8T74S208A-01 Datasheet HTML 3Page - Integrated Device Technology 8T74S208A-01 Datasheet HTML 4Page - Integrated Device Technology 8T74S208A-01 Datasheet HTML 5Page - Integrated Device Technology 8T74S208A-01 Datasheet HTML 6Page - Integrated Device Technology 8T74S208A-01 Datasheet HTML 7Page - Integrated Device Technology 8T74S208A-01 Datasheet HTML 8Page - Integrated Device Technology 8T74S208A-01 Datasheet HTML 9Page - Integrated Device Technology 8T74S208A-01 Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
8T74S208A-01 DATA SHEET
2.5V DIFFERENTIAL LVDS CLOCK DIVIDER AND FANOUT BUFFER
6
REVISION 2 08/17/16
.
Table 4C. Differential Input DC Characteristics, VDD = VDDO = 2.5V ± 5%, TA = -40°C to 85°C
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VIN
Input Voltage
Swing1
NOTE 1: VIL should not be less than -0.3V and VIH should not be greater than VDD.
IN, nIN
0.15
1.2
V
VCMR
Common Mode Input
Voltage1, 2
NOTE 2: Common Mode Input Voltage is defined as the cross point.
1.2
VDD – (VPP/2)
V
VDIFF
Differential Input
Voltage Swing
IN, nIN
0.3
2.4
V
RIN
Input Resistance
IN,
nIN to VT
40
50
60
RIN, DIFF
Differential Input
Resistance
IN to nIN,
VT = open
80
100
120
Table 4D. LVDS DC Characteristics, VDD = VDDO = 2.5V, TA = -40°C to 85°C
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VOD
Differential Output Voltage
247
454
mV
V
OD
VOD Magnitude Change
50
mV
VOS
Offset Voltage
1.120
1.425
V
V
OS
VOS Magnitude Change
50
mV


Similar Part No. - 8T74S208A-01

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8T74S208A-01 IDT-8T74S208A-01 Datasheet
354Kb / 19P
   One differential input reference clock
logo
Renesas Technology Corp
8T74S208A-01 RENESAS-8T74S208A-01 Datasheet
563Kb / 20P
   2.5V Differential LVDS Clock Divider and Fanout Buffer
08/17/16
More results

Similar Description - 8T74S208A-01

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
8T74S208B RENESAS-8T74S208B Datasheet
662Kb / 22P
   2.5V Differential LVDS Clock Divider and Fanout Buffer
August 10, 2016
ICS874208I RENESAS-ICS874208I Datasheet
494Kb / 20P
   2.5V Differential LVDS Clock Divider and Fanout Buffer
9/18/14
8T74S208A-01 RENESAS-8T74S208A-01 Datasheet
563Kb / 20P
   2.5V Differential LVDS Clock Divider and Fanout Buffer
08/17/16
logo
Integrated Device Techn...
874208I IDT-874208I Datasheet
298Kb / 19P
   2.5V Differential LVDS Clock Divider and Fanout Buffer
IDT8T73S208I IDT-IDT8T73S208I Datasheet
1Mb / 22P
   2.5V, 3.3V Differential LVPECL Clock Divider and Fanout Buffer
logo
Renesas Technology Corp
8T74S208C-01 RENESAS-8T74S208C-01 Datasheet
666Kb / 21P
   2.5 V Differential LVDS Clock Divider and Fanout Buffer
August 22, 2016
logo
Integrated Device Techn...
8T74S208C-01 IDT-8T74S208C-01 Datasheet
469Kb / 20P
   2.5 V Differential LVDS Clock Divider and Fanout Buffer
logo
Renesas Technology Corp
8V79S674 RENESAS-8V79S674 Datasheet
617Kb / 22P
   Differential-to-3.3V, 2.5V LVPECL Clock Divider and Fanout Buffer
04/10/15
874328I-01 RENESAS-874328I-01 Datasheet
370Kb / 23P
   2.5V Differential Clock Divider/Buffer
January 27, 2016
logo
Integrated Device Techn...
874328I-01 IDT-874328I-01 Datasheet
370Kb / 23P
   2.5V Differential Clock Divider/Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com