Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8T74S208A-01NLGI Datasheet(PDF) 7 Page - Integrated Device Technology

Part # 8T74S208A-01NLGI
Description  2.5V Differential LVDS Clock Divider and Fanout Buffer
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

8T74S208A-01NLGI Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button 8T74S208A-01NLGI Datasheet HTML 3Page - Integrated Device Technology 8T74S208A-01NLGI Datasheet HTML 4Page - Integrated Device Technology 8T74S208A-01NLGI Datasheet HTML 5Page - Integrated Device Technology 8T74S208A-01NLGI Datasheet HTML 6Page - Integrated Device Technology 8T74S208A-01NLGI Datasheet HTML 7Page - Integrated Device Technology 8T74S208A-01NLGI Datasheet HTML 8Page - Integrated Device Technology 8T74S208A-01NLGI Datasheet HTML 9Page - Integrated Device Technology 8T74S208A-01NLGI Datasheet HTML 10Page - Integrated Device Technology 8T74S208A-01NLGI Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
REVISION 2 08/17/16
7
2.5V DIFFERENTIAL LVDS CLOCK DIVIDER AND FANOUT BUFFER
8T74S208A-01 DATA SHEET
AC Electrical Characteristics
Table 5. AC Electrical Characteristics, VDD = VDDO = 2.5V ± 5%, TA = -40°C to 85°C
1
NOTE 1: Electrical parameters are guaranteed over the specified ambient operating temperature range, which is established when the
device is mounted in a test socket with maintained transverse airflow greater than 500 lfpm. The device will meet specifications
after thermal equilibrium has been reached under these conditions.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
fREF
Input
Frequency
IN, nIN
1GHz
fSCL
I2C Clock Frequency
400
kHz
tJIT
Buffer Additive Phase Jitter,
RMS; refer to Additive Phase
Jitter Section, measured with
FSEL[1:0] = 00
fREF =156.25,
Integration Range:
12kHz – 20MHz
96
120
fs
tPD
Propagation
Delay2
NOTE 2: Measured from the differential input crosspoint to the differential output crosspoint.
IN, nIN to
Qx, nQx
FSEL[1:0] = 00
420
620
ps
FSEL[1:0] = 01
580
800
ps
FSEL[1:0] = 10
680
920
ps
FSEL[1:0] = 11
780
1050
ps
tsk(o)
Output Skew3, 4
NOTE 3: Defined as skew between outputs at the same supply voltage and with equal load conditions. Measured at the differential crosspoint.
NOTE 4: This parameter is defined in accordance with JEDEC Standard 65.
45
ps
tsk(p)
Pulse Skew
FSEL[1:0] = 00
55
ps
tsk(pp)
Part-to-Part Skew4, 5, 6
NOTE 5: Defined as skew between outputs on different devices operating at the same supply voltage, same temperature, same frequency
and with equal load conditions. Using the same type of inputs on each device, the outputs are measured at the differential cros-
spoint.
NOTE 6: Part-to-part skew specification does not guarantee divider synchronization among devices.
200
ps
odc
Output Duty Cycle7
NOTE 7: If FSEL[1:0] = 00 (divide-by-one), the output duty cycle will depend on the input duty cycle.
FSEL[1:0] = 00
50
%
FSEL[1:0] = 01
48
50
52
%
FSEL[1:0] = 10
48
50
52
%
FSEL[1:0] = 11
48
50
52
%
tPDZ
Output Enable and
Disable Time8
NOTE 8: Measured from SDA rising edge of I2C stop command.
Output Enable/ Disable State
from/ to Active/ Inactive
1µs
tR / tF
Output Rise/ Fall Time
20% to 80%
155
230
ps
10% to 90%
245
350
ps


Similar Part No. - 8T74S208A-01NLGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8T74S208A-01 IDT-8T74S208A-01 Datasheet
354Kb / 19P
   One differential input reference clock
logo
Renesas Technology Corp
8T74S208A-01 RENESAS-8T74S208A-01 Datasheet
563Kb / 20P
   2.5V Differential LVDS Clock Divider and Fanout Buffer
08/17/16
More results

Similar Description - 8T74S208A-01NLGI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
8T74S208B RENESAS-8T74S208B Datasheet
662Kb / 22P
   2.5V Differential LVDS Clock Divider and Fanout Buffer
August 10, 2016
ICS874208I RENESAS-ICS874208I Datasheet
494Kb / 20P
   2.5V Differential LVDS Clock Divider and Fanout Buffer
9/18/14
8T74S208A-01 RENESAS-8T74S208A-01 Datasheet
563Kb / 20P
   2.5V Differential LVDS Clock Divider and Fanout Buffer
08/17/16
logo
Integrated Device Techn...
874208I IDT-874208I Datasheet
298Kb / 19P
   2.5V Differential LVDS Clock Divider and Fanout Buffer
IDT8T73S208I IDT-IDT8T73S208I Datasheet
1Mb / 22P
   2.5V, 3.3V Differential LVPECL Clock Divider and Fanout Buffer
logo
Renesas Technology Corp
8T74S208C-01 RENESAS-8T74S208C-01 Datasheet
666Kb / 21P
   2.5 V Differential LVDS Clock Divider and Fanout Buffer
August 22, 2016
logo
Integrated Device Techn...
8T74S208C-01 IDT-8T74S208C-01 Datasheet
469Kb / 20P
   2.5 V Differential LVDS Clock Divider and Fanout Buffer
logo
Renesas Technology Corp
8V79S674 RENESAS-8V79S674 Datasheet
617Kb / 22P
   Differential-to-3.3V, 2.5V LVPECL Clock Divider and Fanout Buffer
04/10/15
874328I-01 RENESAS-874328I-01 Datasheet
370Kb / 23P
   2.5V Differential Clock Divider/Buffer
January 27, 2016
logo
Integrated Device Techn...
874328I-01 IDT-874328I-01 Datasheet
370Kb / 23P
   2.5V Differential Clock Divider/Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com