Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8T74S208C-01NLGI Datasheet(PDF) 4 Page - Integrated Device Technology

Part # 8T74S208C-01NLGI
Description  2.5 V Differential LVDS Clock Divider and Fanout Buffer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

8T74S208C-01NLGI Datasheet(HTML) 4 Page - Integrated Device Technology

  8T74S208C-01NLGI Datasheet HTML 1Page - Integrated Device Technology 8T74S208C-01NLGI Datasheet HTML 2Page - Integrated Device Technology 8T74S208C-01NLGI Datasheet HTML 3Page - Integrated Device Technology 8T74S208C-01NLGI Datasheet HTML 4Page - Integrated Device Technology 8T74S208C-01NLGI Datasheet HTML 5Page - Integrated Device Technology 8T74S208C-01NLGI Datasheet HTML 6Page - Integrated Device Technology 8T74S208C-01NLGI Datasheet HTML 7Page - Integrated Device Technology 8T74S208C-01NLGI Datasheet HTML 8Page - Integrated Device Technology 8T74S208C-01NLGI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
©2016 Integrated Device Technology, Inc.
August 22, 2016
8T74S208C-01 Datasheet
Function Tables
Input Frequency Divider Operation
The FSEL1 and FSEL0 control pins configure the input frequency
divider. In the default state (FSEL[1:0] are set to logic 0:0 or left open)
the output frequency is equal to the input frequency (divide-by-1).
The other FSEL[1:0] settings configure the input divider to
divide-by-2, 4 or 8, respectively.
Output Enable Operation
The output enable/disable state of each individual differential output
Qx, nQx can be set by the content of the I2C register (see Table 3C).
A logic zero to an I2C bit in register 0 enables the corresponding
differential output, while a logic one disables the differential output
(see Table 3B). After each power cycle, the device resets all I2C bits
(Dn) to its default state (logic 1) and all Qx, nQx outputs are disabled.
After the first valid I2C write, the output enable state is controlled by
the I2C register. Setting and changing the output enable state through
the I2C interface is asynchronous to the input reference clock.
I2C Interface Protocol
The 8T74S208C-01 uses an I2C slave interface for writing and
reading the device configuration to and from the on-chip
configuration registers. This device uses the standard I2C write
format for a write transaction, and a standard I2C read format for a
read transaction. Figure 1 defines the I2C elements of the standard
I2C transaction. These elements consist of a start bit, data bytes, an
acknowledge or Not-Acknowledge bit and the stop bit. These
elements are arranged to make up the complete I2C transactions as
shown in Figure 2 and Figure 3. Figure 2 is a write transaction while
Figure 3 is read transaction. The 7-bit I2C slave address of the
8T74S208C-01 is a combination of a 5-bit fixed addresses and two
variable bits which are set by the hardware pins ADR[1:0] (binary
11010, ADR1, ADR0). Bit 0 of slave address is used by the bus
controller to select either the read or write mode. The hardware pins
ADR1 and ADR0 and should be individually set by the user to avoid
address conflicts of multiple 8T74S208C-01 devices on the same
bus.
Figure 1. Standard I2C Transaction
START (S) – defined as high-to-low transition on SDA while holding
SCL HIGH.
DATA – between START and STOP cycles, SDA is synchronous with
SCL. Data may change only when SCL is LOW and must be stable
when SCL is HIGH.
ACKNOWLEDGE (A) – SDA is driven LOW before the SCL rising
edge and held LOW until the SCL falling edge.
STOP (P) – defined as low-to-high transition on SDA while holding
SCL HIGH
Figure 2. Write Transaction
Figure 3. Read Transaction
S – Start or Repeated Start
W – R/W is set for Write
R – R/W is set for Read
A –Ack
DevAdd –7 bit Device Address
P – Stop
Table 3A. FSEL[1:0] Input Selection Function Table1
NOTE 1: FSEL1, FSEL0 are asynchronous controls
Input
Operation
FSEL1
FSEL0
0 (default)
0 (default)
fQ[7:0] = fREF ÷ 1
01
fQ[7:0] = fREF ÷ 2
10
fQ[7:0] = fREF ÷ 4
11
fQ[7:0] = fREF ÷ 8
Table 3B. Individual Output Enable Control
Bit
Operation
Dn
0
Output Qx, nQx is enabled.
1 (default)
Output Qx, nQx is disabled in high-impedance
state.
Table 3C. Individual Output Enable Control
Bit
D7
D6D5D4D3
D2D1D0
Output
Q7
Q6
Q5
Q4
Q3
Q2
Q1
Q0
Default
1
1111
111
Table 3D. I2C Slave Address
765
43
21
0
1
1
0
1
0
ADR1
ADR0
R/W
SCL
SDA
START
Valid Data
Acknowledge
STOP
SW A
A P
DevAdd
Data Byte
SR A
A P
DevAdd
Data Byte


Similar Part No. - 8T74S208C-01NLGI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
8T74S208C-01 RENESAS-8T74S208C-01 Datasheet
666Kb / 21P
   2.5 V Differential LVDS Clock Divider and Fanout Buffer
August 22, 2016
More results

Similar Description - 8T74S208C-01NLGI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
8T74S208C-01 RENESAS-8T74S208C-01 Datasheet
666Kb / 21P
   2.5 V Differential LVDS Clock Divider and Fanout Buffer
August 22, 2016
ICS874208I RENESAS-ICS874208I Datasheet
494Kb / 20P
   2.5V Differential LVDS Clock Divider and Fanout Buffer
9/18/14
8T74S208A-01 RENESAS-8T74S208A-01 Datasheet
563Kb / 20P
   2.5V Differential LVDS Clock Divider and Fanout Buffer
08/17/16
8T74S208B RENESAS-8T74S208B Datasheet
662Kb / 22P
   2.5V Differential LVDS Clock Divider and Fanout Buffer
August 10, 2016
logo
Integrated Device Techn...
8T74S208A-01 IDT-8T74S208A-01_16 Datasheet
367Kb / 19P
   2.5V Differential LVDS Clock Divider and Fanout Buffer
874208I IDT-874208I Datasheet
298Kb / 19P
   2.5V Differential LVDS Clock Divider and Fanout Buffer
logo
Renesas Technology Corp
8T73S208B-01 RENESAS-8T73S208B-01 Datasheet
590Kb / 19P
   2.5 V, 3.3 V Differential LVPECL Clock Divider and Fanout Buffer
April 8, 2020
logo
Integrated Device Techn...
8T73S208B-01 IDT-8T73S208B-01 Datasheet
508Kb / 22P
   2.5 V, 3.3 V Differential LVPECL Clock Divider and Fanout Buffer
logo
Renesas Technology Corp
8T73S208 RENESAS-8T73S208 Datasheet
837Kb / 23P
   2.5 V, 3.3 V Differential LVPECL Clock Divider and Fanout Buffer
June 15, 2016
logo
Integrated Device Techn...
8T73S208 IDT-8T73S208_16 Datasheet
532Kb / 22P
   2.5 V, 3.3 V Differential LVPECL Clock Divider and Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com