Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT93C86VI-G Datasheet(PDF) 9 Page - ON Semiconductor

Part # CAT93C86VI-G
Description  16 Kb Microwire Serial EEPROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT93C86VI-G Datasheet(HTML) 9 Page - ON Semiconductor

Back Button CAT93C86VI-G Datasheet HTML 2Page - ON Semiconductor CAT93C86VI-G Datasheet HTML 3Page - ON Semiconductor CAT93C86VI-G Datasheet HTML 4Page - ON Semiconductor CAT93C86VI-G Datasheet HTML 5Page - ON Semiconductor CAT93C86VI-G Datasheet HTML 6Page - ON Semiconductor CAT93C86VI-G Datasheet HTML 7Page - ON Semiconductor CAT93C86VI-G Datasheet HTML 8Page - ON Semiconductor CAT93C86VI-G Datasheet HTML 9Page - ON Semiconductor CAT93C86VI-G Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
CAT93C86
www.onsemi.com
9
PACKAGE DIMENSIONS
SOIC−8, 208 mils
CASE 751BE−01
ISSUE O
E1
eb
SIDE VIEW
TOP VIEW
E
D
PIN#1 IDENTIFICATION
END VIEW
A1
A
L
c
Notes:
(1) All dimensions are in millimeters. Angles in degrees.
(2) Complies with EIAJ EDR-7320.
q
SYMBOL
MIN
NOM
MAX
θ
A
A1
b
c
D
E
E1
e
0.05
0.36
0.19
5.13
7.75
5.13
1.27 BSC
2.03
0.25
0.48
0.25
5.33
8.26
5.38
L
0.51
0.76


Similar Part No. - CAT93C86VI-G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT93C86VI-G ONSEMI-CAT93C86VI-G Datasheet
49Kb / 1P
   High Speed Operation: 4 MHz (5 V), 2 MHz (1.8 V) Sequential Read
6/13/2013
CAT93C86VI-G ONSEMI-CAT93C86VI-G Datasheet
154Kb / 10P
   16 Kb Microwire Serial EEPROM
October, 2013 ??Rev. 12
CAT93C86VI-G ONSEMI-CAT93C86VI-G Datasheet
154Kb / 10P
   16 Kb Microwire Serial EEPROM
October, 2013 ??Rev. 12
CAT93C86VI-G ONSEMI-CAT93C86VI-G Datasheet
154Kb / 10P
   16 Kb Microwire Serial EEPROM
October, 2013 ??Rev. 12
CAT93C86VI-G ONSEMI-CAT93C86VI-G Datasheet
154Kb / 10P
   16 Kb Microwire Serial EEPROM
October, 2013 ??Rev. 12
More results

Similar Description - CAT93C86VI-G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT93C86B ONSEMI-CAT93C86B Datasheet
185Kb / 14P
   16-Kb Microwire Serial EEPROM
September, 2013 ??Rev. 3
CAT93C86P ONSEMI-CAT93C86P Datasheet
154Kb / 10P
   16 Kb Microwire Serial EEPROM
October, 2013 ??Rev. 12
NV93C86WF ONSEMI-NV93C86WF Datasheet
175Kb / 9P
   EEPROM Serial 16-Kb Microwire
May, 2018 ??Rev. 1
CAT93C86SI ONSEMI-CAT93C86SI Datasheet
154Kb / 10P
   16 Kb Microwire Serial EEPROM
October, 2013 ??Rev. 12
CAV93C86 ONSEMI-CAV93C86 Datasheet
151Kb / 9P
   16 Kb Microwire Serial EEPROM
May, 2013 ??Rev. 0
CAT93C86W ONSEMI-CAT93C86W Datasheet
154Kb / 10P
   16 Kb Microwire Serial EEPROM
October, 2013 ??Rev. 12
CAT93C86VI ONSEMI-CAT93C86VI Datasheet
154Kb / 10P
   16 Kb Microwire Serial EEPROM
October, 2013 ??Rev. 12
CAT93C46B ONSEMI-CAT93C46B_18 Datasheet
193Kb / 15P
   EEPROM Serial 1-Kb Microwire
May 2018 ??Rev. 4
CAT93C46LI-G ONSEMI-CAT93C46LI-G Datasheet
173Kb / 16P
   1 kb Microwire Serial EEPROM
May, 2012 ??Rev. 9
CAT93C46R ONSEMI-CAT93C46R Datasheet
153Kb / 13P
   1 kb Microwire Serial EEPROM
October, 2009 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com