Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N25S830HAT22I Datasheet(PDF) 6 Page - ON Semiconductor

Part # N25S830HAT22I
Description  256 kb Low Power Serial SRAMs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

N25S830HAT22I Datasheet(HTML) 6 Page - ON Semiconductor

Back Button N25S830HAT22I Datasheet HTML 2Page - ON Semiconductor N25S830HAT22I Datasheet HTML 3Page - ON Semiconductor N25S830HAT22I Datasheet HTML 4Page - ON Semiconductor N25S830HAT22I Datasheet HTML 5Page - ON Semiconductor N25S830HAT22I Datasheet HTML 6Page - ON Semiconductor N25S830HAT22I Datasheet HTML 7Page - ON Semiconductor N25S830HAT22I Datasheet HTML 8Page - ON Semiconductor N25S830HAT22I Datasheet HTML 9Page - ON Semiconductor N25S830HAT22I Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
N25S830HA
www.onsemi.com
6
Table 8. CONTROL SIGNAL DESCRIPTIONS
Signal
Name
I/O
Description
CS
Chip Select
I
A low level selects the device and a high level puts the device in standby mode. If CS is brought
high during a program cycle, the cycle will complete and then the device will enter standby mode.
When CS is high, SO is in high−Z. CS must be driven low after power−up prior to any sequence
being started.
SCK
Serial Clock
I
Synchronizes all activities between the memory and controller. All incoming addresses, data and
instructions are latched on the rising edge of SCK. Data out is updated on SO after the falling edge
of SCK.
SI
Serial Data In
I
Receives instructions, addresses and data on the rising edge of SCK.
SO
Serial Data Out
O
Data is transferred out after the falling edge of SCK.
HOLD
Hold
I
A high level is required for normal operation. Once the device is selected and a serial sequence is
started, this input may be taken low to pause serial communication without resetting the serial se-
quence. The pin must be brought low while SCK is low for immediate use. If SCK is not low, the
Hold function will not be invoked until the next SCK high to low transition. The device must remain
selected during this sequence. SO is high−Z during the Hold time and SI and SCK are inputs are
ignored. To resume operations, HOLD must be pulled high while the SCK pin is low.
Lowering the HOLD input at any time will take to SO output to High−Z.
Functional Operation
Basic Operation
The 256 Kb serial SRAM is designed to interface directly
with a standard Serial Peripheral Interface (SPI) common on
many standard micro−controllers. It may also interface with
other non−SPI ports by programming discrete I/O lines to
operate the device.
The serial SRAM contains an 8−bit instruction register
and is accessed via the SI pin. The CS pin must be low and
the HOLD pin must be high for the entire operation. Data is
sampled on the first rising edge of SCK after CS goes low.
If the clock line is shared, the user can assert the HOLD input
and place the device into a Hold mode. After releasing the
HOLD pin, the operation will resume from the point where
it was held.
The following table contains the possible instructions and
formats. All instructions, addresses and data are transferred
MSB first and LSB last.
Table 9. INSTRUCTION SET
Instruction
Instruction Format
Description
READ
0000 0011
Read data from memory starting at selected address
WRITE
0000 0010
Write data to memory starting at selected address
RDSR
0000 0101
Read status register
WRSR
0000 0001
Write status register
READ Operations
The serial SRAM READ is selected by enabling CS low.
First, the 8−bit READ instruction is transmitted to the device
followed by the 16−bit address with the MSB being a don’t
care. After the READ instruction and addresses are sent, the
data stored at that address in memory is shifted out on the SO
pin after the output valid time from the clock edge.
If operating in page mode, after the initial word of data is
shifted out, the data stored at the next memory location on
the page can be read sequentially by continuing to provide
clock pulses. The internal address pointer is automatically
incremented to the next higher address on the page after each
word of data is read out. This can be continued for the entire
page length of 32 words long. At the end of the page, the
addresses pointer will be wrapped to the 0 word address
within the page and the operation can be continuously
looped over the 32 words of the same page.
If operating in burst mode, after the initial word of data is
shifted out, the data stored at the next memory location can
be read sequentially by continuing to provide clock pulses.
The internal address pointer is automatically incremented to
the next higher address after each word of data is read out.
This can be continued for the entire array and when the
highest address is reached (7FFFh), the address counter
wraps to the address 0000h. This allows the burst read cycle
to be continued indefinitely.
All READ operations are terminated by pulling CS high.


Similar Part No. - N25S830HAT22I

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
N25S830HAT22I ONSEMI-N25S830HAT22I Datasheet
236Kb / 15P
   256Kb Low Power Serial SRAMs 32K 횞 8 bit Organization
July 2008 - Rev. 9
N25S830HAT22IT ONSEMI-N25S830HAT22IT Datasheet
236Kb / 15P
   256Kb Low Power Serial SRAMs 32K 횞 8 bit Organization
July 2008 - Rev. 9
More results

Similar Description - N25S830HAT22I

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
N25S818HA ONSEMI-N25S818HA_12 Datasheet
152Kb / 12P
   256 kb Low Power Serial SRAMs
June, 2012 ??Rev. 12
N64S830HA ONSEMI-N64S830HA_12 Datasheet
154Kb / 13P
   64 kb Low Power Serial SRAMs
June, 2012 ??Rev. 12
N64S818HA ONSEMI-N64S818HA_12 Datasheet
154Kb / 13P
   64 kb Low Power Serial SRAMs
June, 2012 ??Rev. 11
CAV24C256 ONSEMI-CAV24C256_18 Datasheet
265Kb / 14P
   EEPROM Serial 256-Kb I2C
May, 2018 ??Rev. 1
CAT25256 ONSEMI-CAT25256_18 Datasheet
387Kb / 22P
   EEPROM Serial 256-Kb SPI
June, 2018 ??Rev. 11
CAV24C256 ONSEMI-CAV24C256 Datasheet
157Kb / 11P
   256-Kb CMOS Serial EEPROM
November, 2012 ??Rev. 0
CAT24C256 ONSEMI-CAT24C256_18 Datasheet
375Kb / 20P
   EEPROM Serial 256-Kb I2C
May, 2018 ??Rev. 15
CAT25256 ONSEMI-CAT25256 Datasheet
187Kb / 16P
   256-Kb SPI Serial CMOS EEPROM
September, 2012 ??Rev. 7
CAT25256 ONSEMI-CAT25256_15 Datasheet
151Kb / 19P
   256-Kb SPI Serial CMOS EEPROM
June, 2015 ??Rev. 8
CAT24C256WI-G ONSEMI-CAT24C256WI-G Datasheet
193Kb / 18P
   256 kb I2C CMOS Serial EEPROM
October, 2012 ??Rev. 13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com