Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCN8024 Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCN8024
Description  Smart Card Interface IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCN8024 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCN8024 Datasheet HTML 4Page - ON Semiconductor NCN8024 Datasheet HTML 5Page - ON Semiconductor NCN8024 Datasheet HTML 6Page - ON Semiconductor NCN8024 Datasheet HTML 7Page - ON Semiconductor NCN8024 Datasheet HTML 8Page - ON Semiconductor NCN8024 Datasheet HTML 9Page - ON Semiconductor NCN8024 Datasheet HTML 10Page - ON Semiconductor NCN8024 Datasheet HTML 11Page - ON Semiconductor NCN8024 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
NCN8024
http://onsemi.com
8
DIGITAL INPUT/OUTPUT SECTION CLKIN, RSTIN, I/Ouc, AUX1uc, AUX2uc, CLKDIV1, CLKDIV2, CMDVCC, 5V/3V
(VDD = 3.3 V; VDDP = 5 V; Tamb = 25°C; FCLKIN = 10 MHz)
Pin
Unit
Max
Typ
Min
Rating
Symbol
26, 27, 28
VOH
VOL
tRi/Fi
tRo/Fo
I/Ouc, AUX1uc, AUX2uc data channels, @ Cs v 30 pF
High Level Output Voltage (CRD_I/O = CRD_AUX1 = CRD_AUX2 =
CRD_VCC)IOH = 0
IOH = −40 mA
Low Level Output Voltage (C_I/O= CRD_AUX1 = CRD_AUX2 = 0 V)
IOL = +1 mA
Input Rising/Falling Times (Note 6)
Output Rising/Falling Times (Note 6)
0.9 x VDD
0.75 x VDD
0
VDD + 0.1
VDD + 0.1
0.3
1.2
0.1
V
V
V
ms
ms
26, 27, 28
Fbidi
Maximum Frequency through Bidirectional I/O, AUX1 and AUX2
Channels (Note 6)
1
MHz
26, 27, 28
Rpu
I/0uc, AUX1uc, AUX2uc Pullup Resistor
8.0
11
16
kW
23
VOH
Output High Voltage
INT @ IOH = −15 mA (Source)
0.75 x VDD
V
23
VOL
Output Low Voltage
INT @ IOL = 2 mA (Sink)
0
0.30
V
23
RINT
INT Pullup Resistor
14
20
26
kW
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed
circuit board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the
declared operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device
specification limit values are applied individually under normal operating conditions and not valid simultaneously.
6. Guaranteed by design and characterization


Similar Part No. - NCN8024

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCN8024 ONSEMI-NCN8024 Datasheet
227Kb / 16P
   Smart Card Interface IC
May, 2010 ??Rev. 0
NCN8024DTBR2G ONSEMI-NCN8024DTBR2G Datasheet
227Kb / 16P
   Smart Card Interface IC
May, 2010 ??Rev. 0
NCN8024DWR2G ONSEMI-NCN8024DWR2G Datasheet
227Kb / 16P
   Smart Card Interface IC
May, 2010 ??Rev. 0
NCN8024R ONSEMI-NCN8024R Datasheet
178Kb / 15P
   Smart Card Interface IC
October, 2012 ??Rev. 1
More results

Similar Description - NCN8024

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCN8024 ONSEMI-NCN8024 Datasheet
227Kb / 16P
   Smart Card Interface IC
May, 2010 ??Rev. 0
NCN8024R ONSEMI-NCN8024R Datasheet
178Kb / 15P
   Smart Card Interface IC
October, 2012 ??Rev. 1
NCN6001 ONSEMI-NCN6001 Datasheet
332Kb / 36P
   Compact Smart Card Interface IC
July, 2003 - Rev. 2
NCN8025 ONSEMI-NCN8025 Datasheet
190Kb / 15P
   Compact SMART CARD Interface IC
May, 2012 ??Rev. 4
NCN8025 ONSEMI-NCN8025_16 Datasheet
137Kb / 15P
   Compact SMART CARD Interface IC
October, 2016 ??Rev. 5
NCN8025AMNGEVB ONSEMI-NCN8025AMNGEVB Datasheet
137Kb / 15P
   Compact SMART CARD Interface IC
October, 2016 ??Rev. 5
NCN6804 ONSEMI-NCN6804 Datasheet
341Kb / 25P
   Dual Smart Card Interface IC
December, 2008 ??Rev. 1
NCN6001 ONSEMI-NCN6001_06 Datasheet
471Kb / 34P
   Compact Smart Card Interface IC
January, 2006 ??Rev. 3
NCN6000 ONSEMI-NCN6000 Datasheet
361Kb / 36P
   Compact Smart Card Interface IC
March, 2006 ??Rev. 4
NCN6001 ONSEMI-NCN6001_14 Datasheet
524Kb / 33P
   Compact Smart Card Interface IC
October, 2014 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com