Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N64S818HAS21IT Datasheet(PDF) 1 Page - ON Semiconductor

Part # N64S818HAS21IT
Description  64 kb Low Power Serial SRAMs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

N64S818HAS21IT Datasheet(HTML) 1 Page - ON Semiconductor

  N64S818HAS21IT Datasheet HTML 1Page - ON Semiconductor N64S818HAS21IT Datasheet HTML 2Page - ON Semiconductor N64S818HAS21IT Datasheet HTML 3Page - ON Semiconductor N64S818HAS21IT Datasheet HTML 4Page - ON Semiconductor N64S818HAS21IT Datasheet HTML 5Page - ON Semiconductor N64S818HAS21IT Datasheet HTML 6Page - ON Semiconductor N64S818HAS21IT Datasheet HTML 7Page - ON Semiconductor N64S818HAS21IT Datasheet HTML 8Page - ON Semiconductor N64S818HAS21IT Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
© Semiconductor Components Industries, LLC, 2012
June, 2012 − Rev. 11
1
Publication Order Number:
N64S818HA/D
N64S818HA
64 kb Low Power Serial
SRAMs
8 k x 8 Bit Organization
Introduction
The ON Semiconductor serial SRAM family includes several
integrated memory devices including this 64 k serially accessed Static
Random Access Memory, internally organized as 8 k words by 8 bits.
The devices are designed and fabricated using ON Semiconductor’s
advanced CMOS technology to provide both high−speed performance
and low power. The devices operate with a single chip select (CS)
input and use a simple Serial Peripheral Interface (SPI) serial bus. A
single data in and data out line is used along with a clock to access data
within the devices. The N64S818HA devices include a HOLD pin that
allows communication to the device to be paused. While paused, input
transitions will be ignored. The devices can operate over a wide
temperature range of −40
°C to +85°C and can be available in several
standard package offerings.
Features
Power Supply Range: 1.7 to 1.95 V
Very Low Standby Current: As low as 200 nA
Very Low Operating Current: As low as 3 mA
Simple Memory Control:
Single chip select (CS)
Serial input (SI) and serial output (SO)
Flexible Operating Modes:
Word read and write
Page mode (32 word page)
Burst mode (full array)
Organization: 8 k x 8 bit
Self Timed Write Cycles
Built−in Write Protection (CS High)
HOLD Pin for Pausing Communication
High Reliability: Unlimited write cycles
Green SOIC and TSSOP
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
http://onsemi.com
Device
Package
ORDERING INFORMATION
N64S818HAS21I
SOIC−8
(Pb−Free)
Shipping
100 Units / Tube
N64S818HAT21I
TSSOP−8
(Pb−Free)
100 Units / Tube
N64S818HAS21IT
SOIC−8
(Pb−Free)
3000 / Tape &
Reel
N64S818HAT21IT
TSSOP−8
(Pb−Free)
3000 / Tape &
Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
TSSOP−8
T SUFFIX
CASE 948AL
MARKING
DIAGRAMS
A124
XXXXYZZ
XXXX
= Date Code
Y
= Assembly Code
ZZ
= Lot Traceability
SOIC−8
S SUFFIX
CASE 751BD
A114
XXXXYZZ


Similar Part No. - N64S818HAS21IT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
N64S818HAS21IT ONSEMI-N64S818HAS21IT Datasheet
206Kb / 15P
   64Kb Low Power Serial SRAMs 8K 횞 8 bit Organization
July 2008 - Rev. J
More results

Similar Description - N64S818HAS21IT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
N64S830HA ONSEMI-N64S830HA_12 Datasheet
154Kb / 13P
   64 kb Low Power Serial SRAMs
June, 2012 ??Rev. 12
N25S818HA ONSEMI-N25S818HA_12 Datasheet
152Kb / 12P
   256 kb Low Power Serial SRAMs
June, 2012 ??Rev. 12
N25S830HA ONSEMI-N25S830HA_14 Datasheet
98Kb / 12P
   256 kb Low Power Serial SRAMs
December, 2014 ??Rev. 11
NV25640WF ONSEMI-NV25640WF Datasheet
195Kb / 13P
   EEPROM Serial 64-Kb SPI
June, 2018 ??Rev. 1
N24C64 ONSEMI-N24C64_18 Datasheet
213Kb / 14P
   EEPROM Serial 64-Kb I2C
May, 2018 ??Rev. 2
CAT25640 ONSEMI-CAT25640_18 Datasheet
316Kb / 20P
   EEPROM Serial 64-Kb SPI
June, 2018 ??Rev. 11
CAV24C64 ONSEMI-CAV24C64_18 Datasheet
339Kb / 17P
   EEPROM Serial 64-Kb I2C
April, 2018 ??Rev. 4
NV24C64LV ONSEMI-NV24C64LV Datasheet
324Kb / 18P
   EEPROM Serial 64-Kb I2C
May, 2018 ??Rev. P3
CAT24C64LI ONSEMI-CAT24C64LI Datasheet
185Kb / 15P
   64 kb I2C CMOS Serial EEPROM
August, 2013 ??Rev. 17
CAT25640VI ONSEMI-CAT25640VI Datasheet
189Kb / 19P
   64-Kb SPI Serial CMOS EEPROM
May, 2012 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com