Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4140IDGK Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # THS4140IDGK
Description  HIGH SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4140IDGK Datasheet(HTML) 6 Page - Texas Instruments

Back Button THS4140IDGK Datasheet HTML 2Page - Texas Instruments THS4140IDGK Datasheet HTML 3Page - Texas Instruments THS4140IDGK Datasheet HTML 4Page - Texas Instruments THS4140IDGK Datasheet HTML 5Page - Texas Instruments THS4140IDGK Datasheet HTML 6Page - Texas Instruments THS4140IDGK Datasheet HTML 7Page - Texas Instruments THS4140IDGK Datasheet HTML 8Page - Texas Instruments THS4140IDGK Datasheet HTML 9Page - Texas Instruments THS4140IDGK Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
THS4140, THS4141
HIGHSPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
SLOS320E − MAY 2000 − REVISED JANUARY 2004
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
−20
−15
−10
−5
0
5
10
15
20
25
30
35
40
45
100 k
1M
10 M
100 M
1 G
RL = 800 Ω,
VCC = ±5 V,
VI = 45 mVPP
f − Frequency − Hz
SMALL SIGNAL FREQUENCY RESPONSE
Rf = 240 Ω
Rf = 470 Ω
Rf = 1.2 kΩ
Rf = 2.4 kΩ
Rf = 24 kΩ
Figure 2
−35
−30
−25
−20
−15
−10
−5
0
5
100 k
1 M
10 M
100 M
1 G
VI = 0.4 VPP
VI = 40 m VPP
VI = 0.126 VPP
Rf = 330 Ω,
RL = 800 Ω,
VCC = ±5 V,
G = 1
LARGE SIGNAL FREQUENCY RESPONSE
f − Frequency − Hz
Figure 3
Figure 4
−100
−80
−70
−60
−50
−40
1 M
10 M
100 M
1 G
−90
f − Frequency − Hz
COMMON-MODE REJECTION RATIO
vs
FREQUENCY
VCC = ±15 V
VCC = 5 V
VCC = ±5 V
VI = 0.8 mVPP
Figure 5
−3
−2
−1
0
1
100 k
1 M
10 M
100 M
1 G
VCC = ±15 V
VCC = 5 V
VCC = ±5 V
f − Frequency − Hz
SMALL SIGNAL FREQUENCY RESPONSE
Rf = 390 Ω,
RL = 800 Ω,
VI = 45 mV RMS
G = 1


Similar Part No. - THS4140IDGK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4140IDGK TI-THS4140IDGK Datasheet
1Mb / 33P
[Old version datasheet]   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
THS4140IDGKG4 TI-THS4140IDGKG4 Datasheet
1Mb / 33P
[Old version datasheet]   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
More results

Similar Description - THS4140IDGK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4141CDGNR TI-THS4141CDGNR Datasheet
1Mb / 33P
[Old version datasheet]   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
logo
National Semiconductor ...
THS4140 NSC-THS4140 Datasheet
1Mb / 33P
   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
logo
Texas Instruments
THS4121IDGN TI1-THS4121IDGN Datasheet
1Mb / 30P
[Old version datasheet]   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
THS4121CD TI-THS4121CD Datasheet
1Mb / 30P
[Old version datasheet]   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
THS4120 TI-THS4120 Datasheet
504Kb / 23P
[Old version datasheet]   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
logo
National Semiconductor ...
THS4121 NSC-THS4121 Datasheet
1Mb / 31P
   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
logo
Texas Instruments
THS4130CDG4 TI-THS4130CDG4 Datasheet
1Mb / 36P
[Old version datasheet]   HIGH-SPEED, LOW-NOISE, FULLY-DIFFERENTIAL I/O AMPLIFIERS
THS4130 TI-THS4130 Datasheet
569Kb / 27P
[Old version datasheet]   HIGH SPEED LOW NOISE, FULLY DIFFERENTIAL I/O AMPLIFIERS
logo
National Semiconductor ...
THS4131 NSC-THS4131 Datasheet
1Mb / 37P
   HIGH-SPEED, LOW-NOISE, FULLY-DIFFERENTIAL I/O AMPLIFIERS
logo
Texas Instruments
THS4150CDGN TI-THS4150CDGN Datasheet
1,010Kb / 34P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL I/O AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com