Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP73871 Datasheet(PDF) 8 Page - Microchip Technology

Part # MCP73871
Description  Stand-Alone System Load Sharing and Li-Ion/Li-Polymer Battery Charge Management Controller
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73871 Datasheet(HTML) 8 Page - Microchip Technology

Back Button MCP73871_13 Datasheet HTML 4Page - Microchip Technology MCP73871_13 Datasheet HTML 5Page - Microchip Technology MCP73871_13 Datasheet HTML 6Page - Microchip Technology MCP73871_13 Datasheet HTML 7Page - Microchip Technology MCP73871_13 Datasheet HTML 8Page - Microchip Technology MCP73871_13 Datasheet HTML 9Page - Microchip Technology MCP73871_13 Datasheet HTML 10Page - Microchip Technology MCP73871_13 Datasheet HTML 11Page - Microchip Technology MCP73871_13 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
MCP73871
DS20002090C-page 8
 2008-2013 Microchip Technology Inc.
Chip Enable (CE)
Input High Voltage Level
VIH
1.8
V
Input Low Voltage Level
VIL
0.8
V
Input Leakage Current
ILK
0.01
1
μAVCE = VDD
Input Source Selection (SEL)
Input High Voltage Level
VIH
1.8
V
Input Low Voltage Level
VIL
0.8
V
Input Leakage Current
ILK
0.01
1
μAVSEL = VDD
Thermistor Bias
Thermistor Current
Source
ITHERM
47
50
53
μA2 k
 < RTHERM < 50 k
Thermistor Comparator
Upper Trip Threshold
VT1
1.20
1.24
1.26
V
VT1 Low-to-High
Upper Trip Point
Hysteresis
VT1HYS
-40
mV
Lower Trip Threshold
VT2
0.23
0.25
0.27
V
VT2 High-to-Low
Lower Trip Point
Hysteresis
VT2HYS
—40
mV
Thermal Shutdown
Die Temperature
TSD
150
C
Die Temperature
Hysteresis
TSDHYS
—10
C
DC CHARACTERISTICS (CONTINUED)
Electrical Specifications: Unless otherwise indicated, all limits apply for VIN = VREG + 0.3V to 6V, TA = -40°C to +85°C.
Typical values are at +25°C, VIN = [VREG (typical) + 1.0V]
Parameters
Sym
Min
Typ
Max
Units
Conditions
Note 1:
The value is ensured by design and not production tested.
2:
The maximum available charge current is also limited by the value set at PROG1 input.


Similar Part No. - MCP73871_13

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP73871-1AAI/ML MICROCHIP-MCP73871-1AAI/ML Datasheet
670Kb / 38P
   Stand-Alone System Load Sharing and Li-Ion / Li-Polymer Battery Charge Management Controller
2009
MCP73871-1AAI/ML MICROCHIP-MCP73871-1AAI/ML Datasheet
1,009Kb / 36P
   Stand-Alone System Load Sharing and Li-Ion/Li-Polymer Battery Charge Management Controller
Revision F February 2022
MCP73871-1CAI/ML MICROCHIP-MCP73871-1CAI/ML Datasheet
670Kb / 38P
   Stand-Alone System Load Sharing and Li-Ion / Li-Polymer Battery Charge Management Controller
2009
MCP73871-1CCI/ML MICROCHIP-MCP73871-1CCI/ML Datasheet
670Kb / 38P
   Stand-Alone System Load Sharing and Li-Ion / Li-Polymer Battery Charge Management Controller
2009
More results

Similar Description - MCP73871_13

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP73871 MICROCHIP-MCP73871 Datasheet
670Kb / 38P
   Stand-Alone System Load Sharing and Li-Ion / Li-Polymer Battery Charge Management Controller
2009
MCP73871 MICROCHIP-MCP73871_V01 Datasheet
1,009Kb / 36P
   Stand-Alone System Load Sharing and Li-Ion/Li-Polymer Battery Charge Management Controller
Revision F February 2022
MCP73833T-AMI MICROCHIP-MCP73833T-AMI Datasheet
1Mb / 26P
   Stand-Alone Linear Li-Ion / Li-Polymer Charge Management Controller
08/29/06
MCP73833 MICROCHIP-MCP73833 Datasheet
1Mb / 26P
   Stand-Alone Linear Li-Ion / Li-Polymer Charge Management Controller
2006
MCP73833 MICROCHIP-MCP73833_09 Datasheet
1Mb / 32P
   Stand-Alone Linear Li-Ion / Li-Polymer Charge Management Controller
2009
MCP73837 MICROCHIP-MCP73837_15 Datasheet
1Mb / 36P
   Advanced Stand-Alone Li-Ion/Li-Polymer Battery Charge Management Controller with Autonomous AC Adapter or USB Port Source Selection
07/14/15
MCP73837 MICROCHIP-MCP73837 Datasheet
842Kb / 30P
   Advanced Stand-Alone Li-Ion / Li-Polymer Battery Charge Management Controller with Autonomous AC-Adapter or USB-Port Source Selection
2007
logo
Texas Instruments
BQ24170RGYT TI1-BQ24170RGYT Datasheet
2Mb / 40P
[Old version datasheet]   1.6-MHz Synchronous Switch-Mode Li-Ion and Li-Polymer Stand-Alone Battery Charger
BQ24170 TI-BQ24170 Datasheet
2Mb / 35P
[Old version datasheet]   1.6-MHz Synchronous Switch-Mode Li-Ion and Li-Polymer Stand-Alone Battery Charger
logo
Silicon Standard Corp.
SS4035G SSC-SS4035G Datasheet
802Kb / 11P
   Two-Cell Li-Ion and Li-Polymer Charge Management IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com