Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAT71210SU Datasheet(PDF) 1 Page - Cynergy3 Co

Part # DAT71210SU
Description  UL Approved, Normally Open, High Voltage Relays - 10kV
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNERGY3 [Cynergy3 Co]
Direct Link  http://www.cynergy3.com
Logo CYNERGY3 - Cynergy3 Co

DAT71210SU Datasheet(HTML) 1 Page - Cynergy3 Co

  DAT71210SU Datasheet HTML 1Page - Cynergy3 Co DAT71210SU Datasheet HTML 2Page - Cynergy3 Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.cynergy3.com
© 2016 Cynergy3 Components, All Rights Reserved. Specifications are subject to change without prior notice. Cynergy3 Components and the Cynergy3 Components logo are trademarks of Cynergy3 Components Limited.
ISO
9001CERTIFIED
DA(UL) Series
Cynergy3 Components Ltd.
7 Cobham Road
Ferndown Industrial Estate
Wimborne, Dorset BH21 7PE
DA(UL) 2016
Telephone +44 (0) 1202 897969
Email:sales@cynergy3.com
Recently approved by UL, very high
isolation voltages (up to 10kV) are
achieved through the use of high vacuum
reed switches with either Rhodium or
Tungsten contacts and make these relays
suitable for high reliability applications,
such as cardiac defibrillators, test
equipment and high voltage power
supplies.
The Rhodium contact relays have low
contact resistance, while the Tungsten
contact relays can switch higher voltages.
PCB or Panel Mount, via Nylon studs,
versions are available.
Connection options, for the HV, include
PCB, solder turret(wire wrap), flying lead
and 0.25” spade terminals.
PCB or Panel Mount
Excellent AC characteristics
10kV Isolation
Low Contact Resistance
HV connections via Flying Leads, Solder Turret
(wire wrap), or 1/4” Spade Terminals
Contact
Unit Condition
10kV SPNO
10kV SPNC
Specification
Contact Type
N/O (normally open)
N/O (normally open)
Contact Material
Rhodium
Tungsten
Rhodium Tungsten
Isolation across contacts kV
DC or AC peak
10
10
10
10
Switching Power Max.
W
50
50
50
50
Switching Voltage Max. V
DC or AC peak
1000
7000
1000
7000
Switching Current Max. A
DC or AC peak
3
2
3
2
Carry Current Max
A
DC or AC peak
4
3
4
3
Capacitance across
pF
coil to screen
<0.2
<0.2
<0.2
<0.2
contacts
grounded
Lifetime operations
dry switching
10
10
10
10
99
9
9
50W switching
10
10
10
10
66
6
6
Contact Resistance
m
max (typical)
50 (15)
250(100)
50 (15)
250(100)
W
Insulation Resistance
min (typical)
10
(10 )
10
(10 )
W
10
13
10
13
Coil Specification
5V
12V
24V
5V
12V
24V
Must Operate Voltage
V
DC
3.7
9
20
3.7
9
20
Must Release Voltage
V
DC
0.5
1.25
4
0.5
1.25
4
Operate Time
ms
3.0
3.0
3.0
2.0
2.0
2.0
diode fitted
Release Time
ms
2.0
2.0
2.0
3.0
3.0
3.0
diode fitted
Resistance
28
150
780
38
240
925
W
Relay Specification
Isolation contact/coil
kV
17
17
Insulation resistance contact
to all terminals
min (typical)
10 (10 )
10 (10 )
W
10
13
10
13
Environmental
Operating Temp range
ºC
-20 to +70
-20 to +70
Part Numbering System
D A T 7 12 10 F U
Reed Switch Size
Contact Form A=n/o
Moulding Ref. No.
Contact Material
R=Rhodium,
T=Tungsten
Coil Voltage
05=5Vdc, 12=12Vdc,
24=24Vdc
Isolation between
Contacts
10=10kV
Mounting or Connection Style
No suffix indicates PCB mount
F= CB
coil connection
P
mount &
with
Flying lead HV connection
P=Panel mount with wire wrap
terminals
S=PCB
coil connection
mount &
with
stud fixing & 1/4” spade HV
connection
T=PCB
coil connection
mount &
with
stud fixing & wire wrap HV
connection
*Consult factory for UL ratings
“ ” indicates UL approved
U
UL Approved *, Normally Open, High Voltage Relays - 10kV


Similar Part No. - DAT71210SU

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DAT71210S ETC2-DAT71210S Datasheet
1Mb / 2P
   high voltage reed relays 15kV, 50W
logo
Cynergy3 Co
DAT71210S CYNERGY3-DAT71210S Datasheet
258Kb / 2P
   High Voltage relays 10kV & 15kV
More results

Similar Description - DAT71210SU

ManufacturerPart #DatasheetDescription
logo
Cynergy3 Co
DBUL CYNERGY3-DBUL Datasheet
277Kb / 2P
   UL Approved Normally Closed, High Voltage Relays - 10kV
DAT71210F CYNERGY3-DAT71210F Datasheet
258Kb / 2P
   High Voltage relays 10kV & 15kV
S8UL CYNERGY3-S8UL Datasheet
312Kb / 1P
   UL Approved Miniature High Voltage Relay
logo
IXYS Corporation
LBA716 IXYS-LBA716_12 Datasheet
136Kb / 8P
   Dual Single-Pole OptoMOS Relays Normally Open & Normally Closed
logo
Cynergy3 Co
D-HR CYNERGY3-D-HR Datasheet
73Kb / 2P
   High Insulation Resistance, High Voltage Relays -10kV and 15kV
logo
IXYS Corporation
LAA125 IXYS-LAA125_12 Datasheet
133Kb / 7P
   Dual Single-Pole, Normally Open OptoMOS Relays
PAA140 IXYS-PAA140 Datasheet
132Kb / 7P
   Dual Single-Pole, Normally Open OptoMOS Relays
PAA191 IXYS-PAA191 Datasheet
122Kb / 7P
   Dual Single-Pole, Normally Open OptoMOS Relays
PAA190 IXYS-PAA190 Datasheet
122Kb / 7P
   Dual Single-Pole, Normally Open OptoMOS짰 Relays
PAA150 IXYS-PAA150 Datasheet
115Kb / 5P
   Dual Single-Pole, Normally Open OptoMOS Relays
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com