Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DBT71210TU Datasheet(PDF) 1 Page - Cynergy3 Co

Part # DBT71210TU
Description  UL Approved Normally Closed, High Voltage Relays - 10kV
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNERGY3 [Cynergy3 Co]
Direct Link  http://www.cynergy3.com
Logo CYNERGY3 - Cynergy3 Co

DBT71210TU Datasheet(HTML) 1 Page - Cynergy3 Co

  DBT71210TU Datasheet HTML 1Page - Cynergy3 Co DBT71210TU Datasheet HTML 2Page - Cynergy3 Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.cynergy3.com
© 2016 Cynergy3 Components, All Rights Reserved. Specifications are subject to change without prior notice. Cynergy3 Components and the Cynergy3 Components logo are trademarks of Cynergy3 Components Limited.
ISO
9001CERTIFIED
DB(UL) Series
Cynergy3 Components Ltd.
7 Cobham Road
Ferndown Industrial Estate
Wimborne, Dorset BH21 7PE
DB(UL) 2016
Telephone +44 (0) 1202 897969
Email:sales@cynergy3.com
Recently approved by UL, very high
isolation voltages (up to 10kV) are
achieved through the use of high vacuum
reed switches with Tungsten contacts and
make these relays suitable for high
reliability applications, such as cardiac
defibrillators, test equipment and high
voltage power supplies.
The Tungsten contact relays can switch
higher voltages, up to 7000Vdc/ac peak to
peak
PCB or Panel Mount, via Nylon studs,
versions are available.
Connection options, for the HV, include
PCB, solder turret(wire wrap), flying lead
and 0.25” spade terminals.
PCB or Panel Mount
Excellent AC characteristics
10kV Isolation
Low Contact Resistance
HV connections via Flying Leads, Solder Turret
(wire wrap), or 1/4” Spade Terminals
Contact
Unit Condition
10kV SPNC
Specification
Contact Form
N/C (normally closed)
Contact Material
Tungsten
Isolation across contacts kV
DC or AC peak
10
Switching Power Max.
W
50
Switching Voltage Max. V
DC or AC peak
7000
Switching Current Max. A
DC or AC peak
2
Carry Current Max
A
DC or AC peak
3
Capacitance across
pF
coil to screen
<0.2
contacts
grounded
Lifetime operations
dry switching
10
9
50W switching
10
6
Contact Resistance
m
max (typical)
250(100)
W
Insulation Resistance
min (typical)
(10 )
W
13
Coil Specification
5V
12V
24V
Must Operate Voltage
V
DC
3.7
9
20
Must Release Voltage
V
DC
0.5
1.25
4
Operate Time
ms
2.0
2.0
2.0
diode fitted
Release Time
ms
3.0
3.0
3.0
diode fitted
Resistance
38
240
925
W
Relay Specification
Isolation contact/coil
kV
17
Insulation resistance contact
to all terminals
min (typical)
10 (10 )
W
10
13
Environmental
Operating Temp range
ºC
-20 to +70
Part Numbering System
D B T 7 12 10 F U
Reed Switch Size
Contact Form B =n/c
Moulding Ref. No.
Contact Material
T=Tungsten
Coil Voltage
05=5Vdc, 12=12Vdc,
24=24Vdc
Isolation between
Contacts
10=10kV
Mounting or Connection Style
No suffix indicates PCB mount
F= CB
coil connection
P
mount &
with
Flying lead HV connection
P=Panel mount with wire wrap
terminals
S=PCB
coil connection
mount &
with
stud fixing & 1/4” spade HV
connection
T=PCB
coil connection
mount &
with
stud fixing & wire wrap HV
connection
*Consult factory for UL ratings
“ ” indicates UL approved
U
UL Approved* Normally Closed, High Voltage Relays - 10kV


Similar Part No. - DBT71210TU

ManufacturerPart #DatasheetDescription
logo
Cynergy3 Co
DBT71210T CYNERGY3-DBT71210T Datasheet
258Kb / 2P
   High Voltage relays 10kV & 15kV
More results

Similar Description - DBT71210TU

ManufacturerPart #DatasheetDescription
logo
Cynergy3 Co
DAUL CYNERGY3-DAUL Datasheet
277Kb / 2P
   UL Approved, Normally Open, High Voltage Relays - 10kV
DAT71210F CYNERGY3-DAT71210F Datasheet
258Kb / 2P
   High Voltage relays 10kV & 15kV
logo
IXYS Corporation
LBA716 IXYS-LBA716_12 Datasheet
136Kb / 8P
   Dual Single-Pole OptoMOS Relays Normally Open & Normally Closed
logo
Cynergy3 Co
S8UL CYNERGY3-S8UL Datasheet
312Kb / 1P
   UL Approved Miniature High Voltage Relay
D-HR CYNERGY3-D-HR Datasheet
73Kb / 2P
   High Insulation Resistance, High Voltage Relays -10kV and 15kV
logo
Littelfuse
TS441165 LITTELFUSE-TS441165 Datasheet
730Kb / 2P
   Time Delay Relays / Dedicated - Delay-on-Make, Normally Closed
2016 Rev: 1-A-062216
logo
C&K Components
ATS CK-COMPONENTS-ATS Datasheet
531Kb / 2P
   Normally closed function
logo
GETAI ELECTRONICS DEVIC...
2CL72 GETEDZ-2CL72 Datasheet
72Kb / 1P
   5mA 10kV HIGH VOLTAGE DIODES
HV600S10 GETEDZ-HV600S10 Datasheet
68Kb / 1P
   600mA 10kV HIGH VOLTAGE DIODES
logo
Cynergy3 Co
S8-HR CYNERGY3-S8-HR Datasheet
153Kb / 1P
   UL Approved* Miniature High Voltage Relay with High Insulation Resistance
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com