Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM10CN10 Datasheet(PDF) 2 Page - Cynergy3 Co

Part # LM10CN10
Description  For smaller tanks and restricted space
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNERGY3 [Cynergy3 Co]
Direct Link  http://www.cynergy3.com
Logo CYNERGY3 - Cynergy3 Co

LM10CN10 Datasheet(HTML) 2 Page - Cynergy3 Co

  LM10CN10 Datasheet HTML 1Page - Cynergy3 Co LM10CN10 Datasheet HTML 2Page - Cynergy3 Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Use in sewer and
industrial waste
water
For smaller tanks and
restricted space
Shape avoids
“ragging”, in sewer
systems
Unaffected by
suspended solids
Operates in Turbulent
Fluids
This is suitable for use in water, industrial wastewater and sewage, that can have wide
variations of temperature. This small design of switch is for use in more confined spaces, where
there is not enough room for the larger FFSMC type.
The rounded body design and floating attitude prevents accumulation of solids on the body.
The switch has additional internal ballast, to bring the centre of gravity and rotation close to the
cable entry point.
The switching element is a self cleaning type, that makes the complete switch insensitive to
humidity and condensation, allowing this type to operate in widely fluctuating temperatures. The
switch contacts are rated at 10 Amp resistive.
Supplied, as standard, with 5 metres cable and adjustable counterweight.
Cynergy3 Components Ltd
7 Cobham Road
Ferndown Industrial Estate
Wimborne
Dorset BH21 7PE
Tel:
+44 (0) 1202 897969
sales@cynergy3.com
MECHANICAL
On - Off
Differential
15°
15°
Off - On
47
75
Part Numbering System
Series
Max. current
Contact Form
A = n/o
B = n/c
C = c/o
Blank = PVC
U = Polyurethane
N = Neoprene
S = Silicone
Cable length in mtrs:
Blank = 5M standard
LM 10 A U 10
Cable covering:
Installation
Minimum Cable Pivot
length 120mm
Technical Specifications
LM10A
LM10B
LM10C
Contact Form
N/O
N/C
C/O
Material
High Density Polyethylene
Temp Range
°C
0 / +55
°F
+ 32 / +131
Cable (standard length 5m)
With protective earth
no earth
Standard cable covering
PVC
U cable option for Fuel oils
Polyurethane
Max. working pressure
10 bar
Electrical Specifications
Power Rating
Max
AC : 750 VA DC : 180W
Switching Voltage
Max
AC : 250 V DC : 110 V
Switching Current Max. Resistive
10 A
Switching Current Max. Inductive
AC : 4A DC : 1 A
129
cable
external
counterweight
differential
pipe
cable entrance
tie
brown
wiring diagram
for emptying pump
wiring diagram
for filling pump
black
brown
pump - on
level drop
pump - off
black
pump - off
level drop
pump - on
brown
blue
blue
brown
It is necessary to use an auxiliary relay, when switching pump motors or any loads that are not
purely resistive.
LM Series
LM Series
www.cynergy3.com
www.cynergy3.com
ISO 9001
ISO 9001
C E R T I F IED
C E R T I F IED
© 2011 Cynergy3 Components, All Rights Reserved.
© 2011 Cynergy3 Components, All Rights Reserved.
Specifications are subject to change without prior notice. Cynergy3 Components and the Cynergy3 Components logo are trademarks of Cynergy3 Components Limited.
Specifications are subject to change without prior notice. Cynergy3 Components and the Cynergy3 Components logo are trademarks of Cynergy3 Components Limited.


Similar Part No. - LM10CN10

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM10CN NSC-LM10CN Datasheet
688Kb / 21P
   Operational Amplifier and Voltage Reference
logo
Texas Instruments
LM10CN TI-LM10CN Datasheet
2Mb / 34P
[Old version datasheet]   LM10 Operational Amplifier and Voltage Reference
logo
National Semiconductor ...
LM10CN NSC-LM10CN Datasheet
2Mb / 34P
   LM10 Operational Amplifier and Voltage Reference
logo
Texas Instruments
LM10CN TI1-LM10CN Datasheet
3Mb / 37P
[Old version datasheet]   Operational Amplifier and Voltage Reference
LM10CN/NOPB TI1-LM10CN/NOPB Datasheet
3Mb / 37P
[Old version datasheet]   Operational Amplifier and Voltage Reference
More results

Similar Description - LM10CN10

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
SMD1812 LEIDITECH-SMD1812 Datasheet
764Kb / 5P
   Smaller size saves board space and cost
30V LEIDITECH-30V Datasheet
638Kb / 3P
   Smaller size saves board space and cost
logo
Littelfuse
NGD18N45CLB LITTELFUSE-NGD18N45CLB Datasheet
279Kb / 8P
   DPAK Package Offers Smaller Footprint for Increased Board Space
logo
ALPS ELECTRIC CO.,LTD.
RS08U ALPS-RS08U Datasheet
843Kb / 3P
   High precision space saving design helps smaller and lighter set
logo
Quelighting Corp
QLSP1308YG-288 QUELIGHTING-QLSP1308YG-288 Datasheet
578Kb / 11P
   This is the much smaller than lead frame type components, thus enable smaller board size, higher packing density, reduced storage space and finally smaller equipment to be obtained.
1.0 03-13-2021
QLSP1308R-289 QUELIGHTING-QLSP1308R-289 Datasheet
579Kb / 10P
   This is the much smaller than lead frame type components, thus enable smaller board size, higher packing density, reduced storage space and finally smaller equipment to be obtained.
1.0 03-13-2021
QLSP1608R-293 QUELIGHTING-QLSP1608R-293 Datasheet
630Kb / 11P
   This is the much smaller than lead frame type components, thus enable smaller board size, higher packing density, reduced storage space and finally smaller equipment to be obtained.
1.0 03-13-2021
logo
Littelfuse
TR600-150F-EX LITTELFUSE-TR600-150F-EX Datasheet
96Kb / 2P
   Specification Status: Released & Restricted
logo
Xilinx, Inc
DS071 XILINX-DS071 Datasheet
172Kb / 20P
   Radiation-hardened FPGAs for space and satellite
logo
MERITEK ELECTRONICS COR...
SENSORS MERITEK-SENSORS Datasheet
153Kb / 1P
   Temperature Sensors of Tanks Pipes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com