Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0622024500 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0622024500
Description  Impact 4 Pair, Right Angle Power Header, 2 Modules with Right Hold-Down
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

0622024500 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0622024500 Datasheet HTML 1Page - Molex Electronics Ltd. 0622024500 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Termination Interface: Style
Through Hole - Compliant Pin
Electrical
Current - Maximum per Contact
20.0A
Data Rate
N/A
Shield Type
N/A
Shielded
No
Voltage - Maximum
250V
Solder Process Data
Lead-freeProcess Capability
N/A
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-78349-002
Product Specification
PS-78213-001-001
Sales Drawing
SD-78349-001
Symbol/Footprint Data
SYM-78349-2044
Right Angle Power
Module Installation
Press-In Tool
0622018642
This document was generated on 11/17/2016
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0622024500

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0622024500 MOLEX11-0622024500 Datasheet
31Kb / 1P
   Impact Power Module Right Angle Removal Tool
0622024500 MOLEX11-0622024500 Datasheet
41Kb / 2P
   Impact 4 Pair, Right Angle Power Header, Left Hold-Down
0622024500 MOLEX11-0622024500 Datasheet
41Kb / 2P
   Impact 5 Pair, Right Angle Power Header, Press-Fit, Blade A1 & A2 Length 5.70mm
0622024500 MOLEX11-0622024500 Datasheet
42Kb / 2P
   Impact 5 Pair, Right Angle Power Header, 2 Modules with Left Hold-Down
0622024500 MOLEX11-0622024500 Datasheet
50Kb / 2P
   Impact 3 Pair, Right Angle Power Header, 2 Modules with Left Hold-Down
More results

Similar Description - 0622024500

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0783492022 MOLEX1-0783492022_17 Datasheet
40Kb / 2P
   Impact 4 Pair, Right Angle Power Header, 2 Modules with Right Hold-Down
0783492011 MOLEX1-0783492011_17 Datasheet
40Kb / 2P
   Impact 4 Pair, Right Angle Power Header, 2 Modules with Right Hold-Down
0783492024 MOLEX1-0783492024_17 Datasheet
40Kb / 2P
   Impact 4 Pair, Right Angle Power Header, 2 Modules with Right Hold-Down
0783492024 MOLEX11-0783492024 Datasheet
41Kb / 2P
   Impact 4 Pair, Right Angle Power Header, 2 Modules with Right Hold-Down
0783492044 MOLEX1-0783492044_17 Datasheet
40Kb / 2P
   Impact 4 Pair, Right Angle Power Header, 2 Modules with Right Hold-Down,
0783492021 MOLEX1-0783492021_17 Datasheet
40Kb / 2P
   Impact 4 Pair, Right Angle Power Header, 2 Modules with Right Hold-Down
0783492021 MOLEX11-0783492021 Datasheet
41Kb / 2P
   Impact 4 Pair, Right Angle Power Header, 2 Modules with Right Hold-Down
0783492011 MOLEX11-0783492011 Datasheet
41Kb / 2P
   Impact 4 Pair, Right Angle Power Header, 2 Modules with Right Hold-Down
0783492022 MOLEX11-0783492022 Datasheet
41Kb / 2P
   Impact 4 Pair, Right Angle Power Header, 2 Modules with Right Hold-Down
0783491011 MOLEX11-0783491011 Datasheet
44Kb / 2P
   Impact 4 Pair, Right Angle Power Header, 2 Modules with Left Hold-Down
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com