Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61092RSA Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS61092RSA
Description  SYNCHRONOUS BOOST CONVERTER WITH 2A SWITCH
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61092RSA Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS61092RSA Datasheet HTML 4Page - Texas Instruments TPS61092RSA Datasheet HTML 5Page - Texas Instruments TPS61092RSA Datasheet HTML 6Page - Texas Instruments TPS61092RSA Datasheet HTML 7Page - Texas Instruments TPS61092RSA Datasheet HTML 8Page - Texas Instruments TPS61092RSA Datasheet HTML 9Page - Texas Instruments TPS61092RSA Datasheet HTML 10Page - Texas Instruments TPS61092RSA Datasheet HTML 11Page - Texas Instruments TPS61092RSA Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
www.ti.com
3.2
3.25
3.3
3.35
10
100
1000
10000
TPS61091
OUTPUT VOLTAGE
vs
OUTPUT CURRENT
IO - Output Current - mA
VBAT = 2.4 V
50
55
60
65
70
75
80
85
90
95
100
1.8
2.2
2.6
3
3.4
3.8
4.2
4.6
5
TPS61092
EFFICIENCY
vs
INPUT VOLTAGE
VI - Input Voltage - V
IO = 100 mA
IO = 500 mA
IO = 10 mA
4.8
4.85
4.9
4.95
5
5.05
5.1
10
100
1000
10000
TPS61092
OUTPUT VOLTAGE
vs
OUTPUT CURRENT
IO - Output Current - mA
VBAT = 3.3 V
0
2
4
6
8
10
12
14
16
2
3
4
5
TPS61092
NO-LOAD SUPPLY CURRENT INTO VBAT
vs
INPUT VOLTAGE
VI - Input Voltage - V
-40
°C
85
°C
25
°C
TPS61090
TPS61091, TPS61092
SLVS484A – JUNE 2003 – REVISED APRIL 2004
TYPICAL CHARACTERISTICS (continued)
Figure 7.
Figure 8.
Figure 9.
Figure 10.
8


Similar Part No. - TPS61092RSA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61092RSAR TI1-TPS61092RSAR Datasheet
1Mb / 25P
[Old version datasheet]   SYNCHRONOUS BOOST CONVERTER WITH 2A SWITCH
TPS61092RSARG4 TI1-TPS61092RSARG4 Datasheet
1Mb / 25P
[Old version datasheet]   SYNCHRONOUS BOOST CONVERTER WITH 2A SWITCH
More results

Similar Description - TPS61092RSA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61090RSAR TI1-TPS61090RSAR Datasheet
1Mb / 25P
[Old version datasheet]   SYNCHRONOUS BOOST CONVERTER WITH 2A SWITCH
logo
Linear Technology
LTC3402 LINER-LTC3402 Datasheet
229Kb / 16P
   2A, 3MHz Micropower Synchronous Boost Converter
LTC3402 LINER-LTC3402_15 Datasheet
235Kb / 16P
   2A, 3MHz Micropower Synchronous Boost Converter
logo
Monolithic Power System...
MP1542 MPS-MP1542 Datasheet
485Kb / 10P
   700KHz/1.3MHz Boost Converter with a 2A Switch
EV1542DK-00A MPS-EV1542DK-00A Datasheet
197Kb / 4P
   700KHz/1.3MHz Boost Converter with a 2A Switch
MP1542 MPS-MP1542_06 Datasheet
460Kb / 10P
   700KHz/1.3MHz Boost Converter with a 2A Switch
MPQ1542 MPS-MPQ1542 Datasheet
917Kb / 15P
   700KHz/1.3MHz Boost Converter with a 2A Switch
EV1542DK-SEPIC-00A MPS-EV1542DK-SEPIC-00A Datasheet
175Kb / 4P
   700KHz/1.3MHz Boost Converter with a 2A Switch
logo
Texas Instruments
TPS61030 TI-TPS61030_10 Datasheet
878Kb / 28P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 4A SWITCH
TPS61090 TI-TPS61090_15 Datasheet
960Kb / 27P
[Old version datasheet]   TPS6109x Synchronous Boost Converter With 2-A Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com