Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI4974DY Datasheet(PDF) 6 Page - Vishay Siliconix

Part # SI4974DY
Description  Dual N-Channel 30-V (D-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4974DY Datasheet(HTML) 6 Page - Vishay Siliconix

  SI4974DY Datasheet HTML 1Page - Vishay Siliconix SI4974DY Datasheet HTML 2Page - Vishay Siliconix SI4974DY Datasheet HTML 3Page - Vishay Siliconix SI4974DY Datasheet HTML 4Page - Vishay Siliconix SI4974DY Datasheet HTML 5Page - Vishay Siliconix SI4974DY Datasheet HTML 6Page - Vishay Siliconix SI4974DY Datasheet HTML 7Page - Vishay Siliconix SI4974DY Datasheet HTML 8Page - Vishay Siliconix SI4974DY Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
www.vishay.com
6
Document Number: 73052
S09-0228-Rev. D, 09-Feb-09
Vishay Siliconix
Si4974DY
CHANNEL-2 TYPICAL CHARACTERISTICS
25 °C, unless otherwise noted
Output Characteristics
On-Resistance vs. Drain Current
Gate Charge
0
5
10
15
20
25
30
35
40
0
1234
5
VGS = 10 thru 6 V
5 V
VDS - Drain-to-Source Voltage (V)
4 V
0.00
0.02
0.04
0.06
0.08
0.10
0
5
10
15
20
25
30
35
40
I - Drain Current (A)
D
VGS = 4.5 V
VGS = 10 V
0
1
2
3
4
5
6
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
VDS = 15 V
ID = 6 A
Qg - Total Gate Charge (nC)
Transfer Characteristics
Capacitance
On-Resistance vs. Junction Temperature
0
5
10
15
20
25
30
35
40
0
123
456
TC = 125 °C
- 55 °C
25 °C
VGS - Gate-to-Source Voltage (V)
0
50
100
150
200
250
300
350
400
450
500
550
0
5
10
15
20
25
30
VDS - Drain-to-Source Voltage (V)
Crss
Coss
Ciss
0.6
0.8
1.0
1.2
1.4
1.6
- 50
- 25
0
25
50
75
100
125
150
VGS = 10 V
ID = 6 A
TJ - Junction Temperature (°C)


Similar Part No. - SI4974DY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4974DY VISHAY-SI4974DY Datasheet
117Kb / 9P
   Dual N-Channel 30-V (D-S) MOSFET
01-Jan-2022
SI4974DY VISHAY-SI4974DY_V01 Datasheet
117Kb / 9P
   Dual N-Channel 30-V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SI4974DY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7212DN VISHAY-SI7212DN Datasheet
94Kb / 6P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. B, 13-Jun-05
logo
DinTek Semiconductor Co...
DTM4936 DINTEK-DTM4936 Datasheet
294Kb / 9P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4932DY VISHAY-SI4932DY Datasheet
111Kb / 7P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. A, 22-Dec-08
SIZ340DT VISHAY-SIZ340DT Datasheet
372Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. B, 24-Mar-14
logo
Analog Power
AM6926NH ANALOGPOWER-AM6926NH Datasheet
398Kb / 5P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4276DY-T1-E3 VISHAY-SI4276DY-T1-E3 Datasheet
232Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. A, 11-Apr-11
SI4276DY VISHAY-SI4276DY Datasheet
304Kb / 15P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. A, 31-May-10
SI5906DU VISHAY-SI5906DU Datasheet
164Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. A, 20-Jul-09
SI7212DN VISHAY-SI7212DN_09 Datasheet
549Kb / 12P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. F, 14-Sep-09
logo
Analog Power
AM4934N ANALOGPOWER-AM4934N Datasheet
95Kb / 3P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4936ADY VISHAY-SI4936ADY Datasheet
61Kb / 4P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. B, 13-Oct-03
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com