Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC27221 Datasheet(PDF) 5 Page - Texas Instruments

Part # UCC27221
Description  HIGH EFFICIENCY PREDICTIVE SYNCHRONOUS BUCK DRIVER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC27221 Datasheet(HTML) 5 Page - Texas Instruments

  UCC27221 Datasheet HTML 1Page - Texas Instruments UCC27221 Datasheet HTML 2Page - Texas Instruments UCC27221 Datasheet HTML 3Page - Texas Instruments UCC27221 Datasheet HTML 4Page - Texas Instruments UCC27221 Datasheet HTML 5Page - Texas Instruments UCC27221 Datasheet HTML 6Page - Texas Instruments UCC27221 Datasheet HTML 7Page - Texas Instruments UCC27221 Datasheet HTML 8Page - Texas Instruments UCC27221 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
UCC27221
UCC27222
SLUS486B − AUGUST 2001 − REVISED JULY 2003
5
www.ti.com
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
AGND
6
Analog ground for all internal logic circuitry. AGND and PGND should be tied to the PCB ground plane
with vias.
G1
13
O
High-side gate driver output that swings between SW and VHI.
G2
9
O
Low-side gate driver output that swings between PGND and PVLO.
G2S
10
I
Used by the predictive deadtime controller for sensing the SR MOSFET gate voltage to set the
appropriate deadtime.
IN
7
I
Digital input command pin. A logic high forces on the main switch and forces off the synchronous
rectifier.
PGND
8
Ground return for the G2 driver. Connect PGND to PCB ground plane with several vias.
PVLO
5
I
PVLO supplies the G2 driver. Connect PVLO to VLO and bypass on the PCB.
SW
12
G1 driver return connection.
SWS
11
I
Used by the predictive controller to sense SR body-diode conduction. Connect to SR MOSFET drain
close to the MOSFET package.
VDD
3
I
Input to the internal VLO regulator. Nominal VDD range is from 8.5 V to 20 V. Bypass with at least
0.1
µF of capacitance.
VHI
14
I
Floating G1 driver supply pin. VHI is fed by an external Schottky diode during the SR MOSFET on-time.
Bypass VHI to SW with an external capacitor.
VLO
4
O
Output of the VLO regulator and supply input for the logic and control circuitry. Connect VLO to PVLO and
bypass on the PCB.
SIMPLIFIED BLOCK DIAGRAM
UDG−01030
N/C
N/C
VDD
VLO
PVLO
1
2
3
4
5
VLO
REGULATOR
+
3.82 V/ 3.7 V
UVLO
PREDICTIVE
DELAY
CONTROLLER
14
13
12
11
10
9
VHI
G1
SWS
SW
G2S
G2
AGND
IN
6
7
PVLO
PVLO
8
PGND
VLO
UCC27221
UCC27222


Similar Part No. - UCC27221

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27221PWP TI1-UCC27221PWP Datasheet
1Mb / 34P
[Old version datasheet]   HIGH-EFFICIENCY PREDICTIVE SYNCHRONOUS BUCK DRIVER
UCC27221 TI1-UCC27221_15 Datasheet
1Mb / 34P
[Old version datasheet]   HIGH-EFFICIENCY PREDICTIVE SYNCHRONOUS BUCK DRIVER
More results

Similar Description - UCC27221

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC27221 TI1-UC27221 Datasheet
1Mb / 34P
[Old version datasheet]   HIGH-EFFICIENCY PREDICTIVE SYNCHRONOUS BUCK DRIVER
UCC27221 TI1-UCC27221_15 Datasheet
1Mb / 34P
[Old version datasheet]   HIGH-EFFICIENCY PREDICTIVE SYNCHRONOUS BUCK DRIVER
UCC27223 TI1-UCC27223_15 Datasheet
1,016Kb / 36P
[Old version datasheet]   HIGH-EFFICIENCY PREDICTIVE SYNCHRONOUS BUCK DRIVER WITH ENABLE
UCC27223 TI-UCC27223 Datasheet
538Kb / 30P
[Old version datasheet]   HIGH-EFFICIENCY PREDICTIVE SYNCHRONOUS BUCK DRIVER WITH ENABLE
logo
Micrel Semiconductor
MIC2182 MICREL-MIC2182_04 Datasheet
229Kb / 28P
   High-Efficiency Synchronous Buck Controller
logo
Diodes Incorporated
AP3409 DIODES-AP3409 Datasheet
486Kb / 11P
   HIGH EFFICIENCY SYNCHRONOUS BUCK CONVERTER
logo
Bel Fuse Inc.
YEV09T03 BEL-YEV09T03 Datasheet
574Kb / 10P
   High efficiency synchronous buck topology
logo
Microchip Technology
MIC2182 MICROCHIP-MIC2182 Datasheet
2Mb / 40P
   High-Efficiency Synchronous Buck Controller
09/14/21
logo
Texas Instruments
TPS92201 TI-TPS92201 Datasheet
2Mb / 28P
[Old version datasheet]   TPS92201 1.5-A High Efficiency Synchronous Buck LED Driver
NOVEMBER 2023
logo
Bel Fuse Inc.
YEV09T06 BEL-YEV09T06 Datasheet
639Kb / 10P
   High efficiency synchronous buck topology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com