Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FF450R12KT4P Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # FF450R12KT4P
Description  62mm C-Serien Modul mit schnellem Trench/Feldstopp IGBT4 und Emitter Controlled HE Diode und bereits
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

FF450R12KT4P Datasheet(HTML) 2 Page - Infineon Technologies AG

  FF450R12KT4P Datasheet HTML 1Page - Infineon Technologies AG FF450R12KT4P Datasheet HTML 2Page - Infineon Technologies AG FF450R12KT4P Datasheet HTML 3Page - Infineon Technologies AG FF450R12KT4P Datasheet HTML 4Page - Infineon Technologies AG FF450R12KT4P Datasheet HTML 5Page - Infineon Technologies AG FF450R12KT4P Datasheet HTML 6Page - Infineon Technologies AG FF450R12KT4P Datasheet HTML 7Page - Infineon Technologies AG FF450R12KT4P Datasheet HTML 8Page - Infineon Technologies AG FF450R12KT4P Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
TechnischeInformation/TechnicalInformation
FF450R12KT4P
IGBT-Modul
IGBT-Module
preparedby:AKB
approvedby:MK
dateofpublication:2016-04-04
revision:V2.0
VorläufigeDaten
PreliminaryData
IGBT,Wechselrichter/IGBT,Inverter
HöchstzulässigeWerte/MaximumRatedValues
Kollektor-Emitter-Sperrspannung
Collector-emittervoltage
Tvj = 25°C
VCES

1200
 V
Kollektor-Dauergleichstrom
ContinuousDCcollectorcurrent
TH = 70°C, Tvj max = 175°C
IC nom

450
 A
PeriodischerKollektor-Spitzenstrom
Repetitivepeakcollectorcurrent
tP = 1 ms
ICRM

900
 A
Gate-Emitter-Spitzenspannung
Gate-emitterpeakvoltage
VGES

+/-20
 V
CharakteristischeWerte/CharacteristicValues
min.
typ.
max.
Kollektor-Emitter-Sättigungsspannung
Collector-emittersaturationvoltage
IC = 450 A, VGE = 15 V
IC = 450 A, VGE = 15 V
IC = 450 A, VGE = 15 V
VCE sat
1,75
2,05
2,10
2,15
V
V
V
Tvj = 25°C
Tvj = 125°C
Tvj = 150°C
Gate-Schwellenspannung
Gatethresholdvoltage
IC = 17,0 mA, VCE = VGE, Tvj = 25°C
VGEth
5,20
5,80
6,40
V
Gateladung
Gatecharge
VGE = -15 V ... +15 V
QG
3,60
µC
InternerGatewiderstand
Internalgateresistor
Tvj = 25°C
RGint
1,9
Eingangskapazität
Inputcapacitance
f = 1 MHz, Tvj = 25°C, VCE = 25 V, VGE = 0 V
Cies
28,0
nF
Rückwirkungskapazität
Reversetransfercapacitance
f = 1 MHz, Tvj = 25°C, VCE = 25 V, VGE = 0 V
Cres
1,10
nF
Kollektor-Emitter-Reststrom
Collector-emittercut-offcurrent
VCE = 1200 V, VGE = 0 V, Tvj = 25°C
ICES
5,0
mA
Gate-Emitter-Reststrom
Gate-emitterleakagecurrent
VCE = 0 V, VGE = 20 V, Tvj = 25°C
IGES
400
nA
Einschaltverzögerungszeit,induktiveLast
Turn-ondelaytime,inductiveload
IC = 450 A, VCE = 600 V
VGE = ±15 V
RGon = 1,0
td on
0,16
0,17
0,18
µs
µs
µs
Tvj = 25°C
Tvj = 125°C
Tvj = 150°C
Anstiegszeit,induktiveLast
Risetime,inductiveload
IC = 450 A, VCE = 600 V
VGE = ±15 V
RGon = 1,0
tr
0,04
0,045
0,05
µs
µs
µs
Tvj = 25°C
Tvj = 125°C
Tvj = 150°C
Abschaltverzögerungszeit,induktiveLast
Turn-offdelaytime,inductiveload
IC = 450 A, VCE = 600 V
VGE = ±15 V
RGoff = 1,0
td off
0,45
0,52
0,54
µs
µs
µs
Tvj = 25°C
Tvj = 125°C
Tvj = 150°C
Fallzeit,induktiveLast
Falltime,inductiveload
IC = 450 A, VCE = 600 V
VGE = ±15 V
RGoff = 1,0
tf
0,10
0,16
0,18
µs
µs
µs
Tvj = 25°C
Tvj = 125°C
Tvj = 150°C
EinschaltverlustenergieproPuls
Turn-onenergylossperpulse
IC = 450 A, VCE = 600 V, LS = 30 nH
VGE = ±15 V, di/dt = 9000 A/µs (Tvj = 150°C)
RGon = 1,0
Eon
19,0
30,0
36,0
mJ
mJ
mJ
Tvj = 25°C
Tvj = 125°C
Tvj = 150°C
AbschaltverlustenergieproPuls
Turn-offenergylossperpulse
IC = 450 A, VCE = 600 V, LS = 30 nH
VGE = ±15 V, du/dt = 4500 V/µs (Tvj = 150°C)
RGoff = 1,0
Eoff
26,0
40,0
43,0
mJ
mJ
mJ
Tvj = 25°C
Tvj = 125°C
Tvj = 150°C
Kurzschlußverhalten
SCdata
VGE
≤ 15 V, VCC = 800 V
VCEmax = VCES -LsCE ·di/dt
ISC
1800
A
Tvj = 150°C
tP
≤ 10 µs,
Wärmewiderstand,ChipbisKühlkörper
Thermalresistance,junctiontoheatsink
proIGBT/perIGBT
validwithIFXpre-appliedthermalinterfacematerial
RthJH
0,0859 K/W
TemperaturimSchaltbetrieb
Temperatureunderswitchingconditions
Tvj op
-40
150
°C


Similar Part No. - FF450R12KT4P

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
FF450R12KT4 INFINEON-FF450R12KT4 Datasheet
279Kb / 8P
   62mm C-series module with fast trench/fieldstop IGBT4 and Emitter Controlled diode
2008-11-19 revision:2.3
FF450R12KT4 INFINEON-FF450R12KT4 Datasheet
666Kb / 9P
   62mm C-Serien Modul mit schnellem Trench
2013-11-04 revision:3.0
FF450R12KT4 INFINEON-FF450R12KT4_13 Datasheet
666Kb / 9P
   62mm C-Serien Modul mit schnellem Trench
2013-11-04 revision:3.0
More results

Similar Description - FF450R12KT4P

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
FF400R12KT3P_E INFINEON-FF400R12KT3P_E Datasheet
545Kb / 9P
   62mm C-Serien Modul mit Trench/Feldstopp IGBT3 und Emitter Controlled HE Diode und bereits
2016-04-25 revision:V2.0
FF300R12KT4P INFINEON-FF300R12KT4P Datasheet
603Kb / 9P
   62mm C-Serien Modul mit schnellem Trench/Feldstopp IGBT4 und Emitter Controlled HE Diode und bereits aufgetragenem Thermal Interface Material
2016-04-01 revision:V2.0
FF200R12KE4P INFINEON-FF200R12KE4P Datasheet
606Kb / 9P
   62mm C-Serien Modul mit Trench/Feldstopp IGBT4 und Emitter Controlled HE Diode und bereits aufgetragenem Thermal Interface Material
2016-04-04 revision:V2.0
FF200R17KE4 INFINEON-FF200R17KE4_13 Datasheet
668Kb / 9P
   62mm C-Serien Modul mit schnellem Trench/Feldstopp IGBT4 und Emitter Controlled 4 Diode
2013-11-05 revision:2.2
FF450R12KE4P INFINEON-FF450R12KE4P Datasheet
601Kb / 9P
   62mm C-Serien Modul mit Trench/Feldstopp IGBT4 und Emitter Controlled HE Diode und bereits aufgetragenem Thermal Interface Material
2016-04-04 revision:V2.0
FF150R17KE4 INFINEON-FF150R17KE4_18 Datasheet
577Kb / 8P
   62mm C-Serien Modul mit Trench/Feldstopp IGBT4 und Emitter Controlled Diode
V2.3 2018-04-06
FF400R07KE4 INFINEON-FF400R07KE4_13 Datasheet
684Kb / 9P
   62mm C-Serien Modul mit Trench/Feldstopp IGBT4 und Emitter Controlled Diode
2013-11-08 revision:3.0
FF300R17KE4 INFINEON-FF300R17KE4_13 Datasheet
657Kb / 9P
   62mm C-Serien Modul mit Trench/Feldstopp IGBT4 und Emitter Controlled Diode
2013-11-05 revision:2.2
FS450R12OE4P INFINEON-FS450R12OE4P Datasheet
765Kb / 9P
   EconoPACK?? Modul mit Trench/Feldstopp IGBT4 und Emitter Controlled HE Diode und PressFIT / bereits
V3.0 2016-11-09
FF500R17KE4 INFINEON-FF500R17KE4 Datasheet
608Kb / 9P
   62mm C-Serien Modul mit Trench/Feldstopp IGBT4 und Emitter Controlled 3 Diode
2016-08-09 revision:V2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com