Electronic Components Datasheet Search |
|
PBT-RB010SN1SS0ALA0Z Datasheet(PDF) 2 Page - SICK AG |
|
PBT-RB010SN1SS0ALA0Z Datasheet(HTML) 2 Page - SICK AG |
2 / 7 page A B C D E F H I J K L M N O P Q R S T PBT-RB010SN1SS0ALA0Z | PBT PRESSURE SENSORS Illustration may differ Ordering information Type Part no. PBT-RB010SN1SS0ALA0Z 6042137 Other models and accessories www.sick.com/PBT Detailed technical data Features Medium Liquid, gaseous Pressure type Gauge pressure Measuring range 0 bar ... 10 bar Process temperature 0 °C ... +80 °C Output signal 4 mA ... 20 mA Performance Non-linearity ≤ ± 0.5 %, (Best Fit Straight Line, BFSL) according to IEC 61298-2 Accuracy ≤ ± 1 % of the span (with non-linearity 0.25 %) ≤ ± 0,6 % of Span (with non-linearity 0.25 % and with signal output 0 ... 5 V) ≤ ± 1,0 % of Span (with non-linearity 0.5 %) Including non-linearity, hysteresis, zero point and full scale error (corresponds to error of mea- surement as per IEC 61298-2) Adjustment accuracy of zero signal ≤ 0.5 % of span typ., ≤ 0.8 % of span max. (with non-linerarity 0.5 %) Hysteresis ≤ 0.16 % of the span Non-repeatability ≤ 0.1 % of the span Response time < 4 ms Signal noise ≤ 0.3 % of the span Long-term drift/one-year stability ≤ 0.1 % of span to IEC 61298-2 Rated temperature range 0 °C ... +80 °C Service life Minimum 100 Mio. life cycles Mechanics/electronics Process connection ¼'' NPT Wetted parts Pressure Connection: stainless steel 316L Pressure sensor: stainless steel 316L (for measurement ranges from 0 bar ... 10 bar rel stain- less steel 13-8 PH) Internal transmission fluid Silicone oil (only with pressure ranges < 0 bar ... 10 bar and ≤ 0 bar abs ... 25 bar abs) Pressure port Standard Housing material Stainless steel 316L 1) The pressure transmitter must be supplied with power by a limited energy circuit compliant with 9.3 of UL/EN/IEC 601010-1 or LPS to UL/EN/IEC 60950-1 or Class 2 to UL 1310/UL1585 (NEC or CEC). The power supply must be suitable for operation above 2,000 m if the pressure transmitter is used above this altitude. 2 FLUID SENSORS | SICK Online data sheet | 2016-08-17 15:00:09 Subject to change without notice |
Similar Part No. - PBT-RB010SN1SS0ALA0Z |
|
Similar Description - PBT-RB010SN1SS0ALA0Z |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |