Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QVS107CG5R1CCHT Datasheet(PDF) 2 Page - Taiyo Yuden (U.S.A.), Inc

Part # QVS107CG5R1CCHT
Description  Standard packaging quantity (minimum) Taping paper 4000pcs
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

QVS107CG5R1CCHT Datasheet(HTML) 2 Page - Taiyo Yuden (U.S.A.), Inc

  QVS107CG5R1CCHT Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc QVS107CG5R1CCHT Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Multi Layer Ceramic Capacitor -Electrical Characteristics Data-
16CUD02
RoHS compliance product
○QVS107CG5R1CCHT
250V 1608 CG/C0G 5.1pF +/- 0.25pF t=0.8mmMAX
250V 0603 CG/C0G 5.1pF +/- 0.25pF t=0.031inchMAX
部品特性は設置環境、測定条件等により変化する場合があります。本データをご使用される際は実際の製品特性に対する参考
データとしてご活用ください。また、本データは予告無く追加・削除及び変更を行う場合があります。ご注文の際は、納入仕様書の
ご確認をお願いします。
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the data at any time without notice.
Before making final selection, please check product specification.
0.1
1
10
100
1000
500
1400
2300
3200
4100
5000
Frequency[MHz]
QVS107CG5R1CCHT
Ca pa cita nce Freq.
-10
-5
0
5
10
0
50
100
150
200
250
DC Bia s Volta ge[V]
QVS107CG5R1CCHT
DC Bia s Cha r.
0.01
0.1
1
10
100
1000
10000
500
1400
2300
3200
4100
5000
Frequency[MHz]
QVS107CG5R1CCHT
Impeda nce,ESR Freq.
ESR
Z
-10
-5
0
5
10
-55 -35 -15
5
25
45
65
85 105 125
Tempera ture[degreeC]
QVS107CG5R1CCHT
Ca pa cita nce Temp.


Similar Part No. - QVS107CG5R1CCHT

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
QVS107CG5R1CC8T TAIYO-YUDEN-QVS107CG5R1CC8T Datasheet
398Kb / 3P
   High Frequency Medium-High Voltage MLCC for Telecommunications Infrastructure and Industrial Equipment / Medical Devices
More results

Similar Description - QVS107CG5R1CCHT

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
HMK107BJ224MA-TE TAIYO-YUDEN-HMK107BJ224MA-TE Datasheet
331Kb / 2P
   Standard packaging quantity (minimum) Taping paper 4000pcs
QVS107CG390JCHT TAIYO-YUDEN-QVS107CG390JCHT Datasheet
284Kb / 2P
   Standard packaging quantity (minimum) Taping paper 4000pcs
QVS107CG0R8BCHT TAIYO-YUDEN-QVS107CG0R8BCHT Datasheet
285Kb / 2P
   Standard packaging quantity (minimum) Taping paper 4000pcs
QVS107CG5R6DCHT TAIYO-YUDEN-QVS107CG5R6DCHT Datasheet
283Kb / 2P
   Standard packaging quantity (minimum) Taping paper 4000pcs
QVS107CG4R3BCHT TAIYO-YUDEN-QVS107CG4R3BCHT Datasheet
284Kb / 2P
   Standard packaging quantity (minimum) Taping paper 4000pcs
JMK325B7226KMHPR TAIYO-YUDEN-JMK325B7226KMHPR Datasheet
289Kb / 2P
   Standard packaging quantity (minimum) Taping Embossed 1000pcs
PMK325AC6227MM-P TAIYO-YUDEN-PMK325AC6227MM-P Datasheet
334Kb / 2P
   Standard packaging quantity (minimum) Taping Embossed 1000pcs
JMK325ABJ157MM-P TAIYO-YUDEN-JMK325ABJ157MM-P Datasheet
334Kb / 2P
   Standard packaging quantity (minimum) Taping Embossed 1000pcs
HMK212BC7105KG-TE TAIYO-YUDEN-HMK212BC7105KG-TE Datasheet
330Kb / 2P
   Standard packaging quantity (minimum) Taping Embossed 3000pcs
HMK212C7474MG-TE TAIYO-YUDEN-HMK212C7474MG-TE Datasheet
331Kb / 2P
   Standard packaging quantity (minimum) Taping Embossed 3000pcs
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com