Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AQFC480F_SERIES Datasheet(PDF) 4 Page - Arch Electronics Corp.

Part # AQFC480F_SERIES
Description  Universal Input: 90-264 VAC
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

AQFC480F_SERIES Datasheet(HTML) 4 Page - Arch Electronics Corp.

  AQFC480F_SERIES Datasheet HTML 1Page - Arch Electronics Corp. AQFC480F_SERIES Datasheet HTML 2Page - Arch Electronics Corp. AQFC480F_SERIES Datasheet HTML 3Page - Arch Electronics Corp. AQFC480F_SERIES Datasheet HTML 4Page - Arch Electronics Corp. AQFC480F_SERIES Datasheet HTML 5Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
VER : A_0
update : 2010.09.06
AC-DC Switching Power Supply
AQFC480F SERIES (CC Mode)
480 Watts
MECHANICAL DIMENSION
A Type
AC Input Terminal Pin
PIN#
SINGLE
1
AC IN (N)
2
AC IN (L)
3
FG
DC Output Terminal Pin
PIN#
SINGLE
4~9
+DC OUT
10~15
-DC OUT
Connector Pin (CN4)
PIN#
SINGLE
C1
NC
C2
NC
C3
+RC
C4
-RC
C5
NC
C6
NC
C7
+5V SB
C8
-5V SB


Similar Part No. - AQFC480F_SERIES

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
AQFC480F-12S ARCH-AQFC480F-12S Datasheet
337Kb / 5P
   AC-DC Switching Power Supply
AQFC480F-24S ARCH-AQFC480F-24S Datasheet
337Kb / 5P
   AC-DC Switching Power Supply
AQFC480F-36S ARCH-AQFC480F-36S Datasheet
337Kb / 5P
   AC-DC Switching Power Supply
AQFC480F-48S ARCH-AQFC480F-48S Datasheet
337Kb / 5P
   AC-DC Switching Power Supply
AQFC480F ARCH-AQFC480F_16 Datasheet
337Kb / 5P
   AC-DC Switching Power Supply
More results

Similar Description - AQFC480F_SERIES

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
AQFV480E_SERIES ARCH-AQFV480E_SERIES Datasheet
550Kb / 7P
   Universal Input: 90-264 VAC
AQF240U_SERIES ARCH-AQF240U_SERIES Datasheet
255Kb / 2P
   Universal Input: 90-264 VAC
logo
Bel Fuse Inc.
ABC401 BEL-ABC401 Datasheet
1Mb / 14P
   Universal input voltage range (90 ??264 VAC)
ABS400 BEL-ABS400 Datasheet
725Kb / 9P
   Universal input voltage range (90 ??264 VAC)
ABC400 BEL-ABC400_V01 Datasheet
920Kb / 12P
   Universal AC Input Voltage Range: 90-264 VAC
MAP140 BEL-MAP140 Datasheet
821Kb / 5P
   Universal Input 85-264 VAC
logo
Power-One
MAP30 POWER-ONE-MAP30 Datasheet
133Kb / 4P
   Universal Input 85-264 VAC
logo
Bel Fuse Inc.
MAP110 BEL-MAP110 Datasheet
781Kb / 6P
   Universal Input 85-264 VAC
logo
Power-One
MAP140 POWER-ONE-MAP140_06 Datasheet
198Kb / 4P
   Universal Input 85-264 VAC
MAP140 POWER-ONE-MAP140 Datasheet
575Kb / 3P
   Universal Input 85-264 VAC
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com