Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIS5595 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # SIS5595
Description  Pentium PCI System I/O Chipset
Download  216 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SIS5595 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button SIS5595 Datasheet HTML 7Page - List of Unclassifed Manufacturers SIS5595 Datasheet HTML 8Page - List of Unclassifed Manufacturers SIS5595 Datasheet HTML 9Page - List of Unclassifed Manufacturers SIS5595 Datasheet HTML 10Page - List of Unclassifed Manufacturers SIS5595 Datasheet HTML 11Page - List of Unclassifed Manufacturers SIS5595 Datasheet HTML 12Page - List of Unclassifed Manufacturers SIS5595 Datasheet HTML 13Page - List of Unclassifed Manufacturers SIS5595 Datasheet HTML 14Page - List of Unclassifed Manufacturers SIS5595 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 216 page
background image
SiS5595 PCI System I/O Chipset
Preliminary V2.0 Nov. 2, 1998
Silicon Integrated Systems Corporation
5
Table 1.2-1 Multi-Function Pins
GPIO0/PAR
GPIO8/OC1#
GPIO16/IOCHK#
GPIO1/PMCLK
GPIO9/THERM#/
BTI/SMBALERT#
GPIO17/SIRQ
GPIO2/KBCLK
GPIO10/PME1#/ACPILED
GPCS1#/KLOCK#
GPIO3/CPU_STOP#/SLP#
GPIO11/FAN2
OSC32KHI/IRQ8#
GPIO4/FAN1
GPI12/VIN0
OSC32KHO/RTCCS#
GPIO5/PME0#/DUAL_ON#
GPI13/VIN1
PS_ON#/RTCALE
GPO6/CKE_S/ACPILED
GPI14/VIN2
KBDAT/IRQ1
GPIO7/OC0#/PPS
GPI15/VIN3
PMDAT/IRQ12
DXP/VIN4


Similar Part No. - SIS5595

ManufacturerPart #DatasheetDescription
logo
Silicon Supplies
SIS5219A SS-SIS5219A Datasheet
4Mb / 8P
   Linear Voltage Regulator
SIS5219A SS-SIS5219A Datasheet
4Mb / 8P
   Positive Adjustable 1A Low-Dropout Voltage Regulator in bare die form
Rev 1.1 30/03/22
SIS5219A SS-SIS5219A_V01 Datasheet
4Mb / 8P
   Positive Adjustable 1A Low-Dropout Voltage Regulator in bare die form
Rev 1.1 30/03/22
logo
Vishay Siliconix
SIS5712DN VISHAY-SIS5712DN Datasheet
180Kb / 7P
   N-Channel 150 V (D-S) MOSFET
01-Jan-2022
SIS590DN VISHAY-SIS590DN Datasheet
303Kb / 14P
   N- and P-Channel 100 V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SIS5595

ManufacturerPart #DatasheetDescription
logo
Winbond
W83C553F WINBOND-W83C553F Datasheet
3Mb / 159P
   SYSTEM I/O CONTROLLER WITH PCI ARBITER
logo
List of Unclassifed Man...
PLI9080 ETC-PLI9080 Datasheet
883Kb / 133P
   PCI I/O ACCELERATOR
logo
Winbond
W83C554F WINBOND-W83C554F Datasheet
3Mb / 156P
   SYSTEM I/O CONTROLLER WITH PCI ARBITER & UltraDMA/33 IDE Controller
logo
Contec Co., Ltd
DIO-6464T2-PCI CONTEC-DIO-6464T2-PCI Datasheet
308Kb / 4P
   Digital I/O Board for PCI
logo
Samtec, Inc
ERC-019-01-02 SAMTEC-ERC-019-01-02 Datasheet
639Kb / 1P
   HIGH SPEED I/O SYSTEM
logo
STMicroelectronics
ST20138 STMICROELECTRONICS-ST20138 Datasheet
121Kb / 6P
   PCI/USB ADSL CHIPSET
logo
Contec Co., Ltd
COM-2DL-PCI CONTEC-COM-2DL-PCI Datasheet
70Kb / 3P
   PCI ?밹ompliant I/O RS-422A/485 2ch Serial I/O board
logo
Advantech Co., Ltd.
PCI-1753 ADVANTECH-PCI-1753 Datasheet
665Kb / 1P
   96-ch Digital I/O PCI Card
PCI-1753 ADVANTECH-PCI-1753_15 Datasheet
340Kb / 1P
   96-ch Digital I/O PCI Card
logo
Pericom Semiconductor C...
PI7C9X7954 PERICOM-PI7C9X7954 Datasheet
419Kb / 1P
   PCI Express짰 Quad UART I/O Bridge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com