Electronic Components Datasheet Search |
|
EMK042CG9R3BD-W Datasheet(PDF) 1 Page - Taiyo Yuden (U.S.A.), Inc |
|
EMK042CG9R3BD-W Datasheet(HTML) 1 Page - Taiyo Yuden (U.S.A.), Inc |
1 / 2 page Spec Sheet http://www.ty-top.com The data is reference only. Electrical characteristics vary depending on environment or measurement condition. TAIYO YUDEN reserves the right to make change to the Date at any time without notice. Before making final selection, please check product specification. PrintPDF Standard Multilayer Ceramic Capacitors (Temperature compensating type) EMK042CG9R3BD-W Features Item Summary 9.3pF±0.1pF, 16V, C0G/CG, 01005/0402 (EIA/JIS) Lifecycle Stage Mass Production Standard packaging quantity (minimum) Taping Embossed 40000pcs Products characteristics table Capacitance 9.3 pF ± 0.1pF Case Size (EIA/JIS) 01005/0402 Rated Voltage 16 V Q (min) 586 at 1MHz Temperature Characteristic (EIA) C0G Operating Temp. Range (EIA) -55 to +125 ℃ Temperature Characteristic (JIS) CG Operating Temp. Range (JIS) -55 to +125 ℃ Temperature Characteristic 0 ±30 ppm/℃ High Temperature Loading 200 % (% Rated Voltage) Insulation Resistance (min) 10 GΩ RoHS2 Compliance (10 subst.) Yes REACH Compliance (168 subst.) Yes Soldering Reflow External Dimensions Dimension L 0.4 ±0.02 mm Dimension W 0.2 ±0.02 mm Dimension T 0.2 ±0.02 mm Dimension e 0.10 ±0.03 mm 2016.11.30 1 / 1 |
Similar Part No. - EMK042CG9R3BD-W |
|
Similar Description - EMK042CG9R3BD-W |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |