Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1651DR2 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP1651DR2
Description  Single Stage Power Factor Controller
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1651DR2 Datasheet(HTML) 1 Page - ON Semiconductor

  NCP1651DR2 Datasheet HTML 1Page - ON Semiconductor NCP1651DR2 Datasheet HTML 2Page - ON Semiconductor NCP1651DR2 Datasheet HTML 3Page - ON Semiconductor NCP1651DR2 Datasheet HTML 4Page - ON Semiconductor NCP1651DR2 Datasheet HTML 5Page - ON Semiconductor NCP1651DR2 Datasheet HTML 6Page - ON Semiconductor NCP1651DR2 Datasheet HTML 7Page - ON Semiconductor NCP1651DR2 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2004
December, 2004 − Rev. 5
1
Publication Order Number:
NCP345/D
NCP345
Overvoltage Protection IC
The NCP345 overvoltage protection circuit (OVP) protects
sensitive electronic circuitry from overvoltage transients and power
supply faults when used in conjunction with an external P−channel
FET. The device is designed to sense an overvoltage condition and
quickly disconnect the input voltage supply from the load before any
damage can occur. The OVP consists of a precise voltage reference, a
comparator with hysteresis, control logic, and a MOSFET gate driver.
The OVP is designed on a robust BiCMOS process and is intended to
withstand voltage transients up to 30 V.
The device is optimized for applications that have an external
AC/DC adapter or car accessory charger to power the product and/or
recharge the internal batteries. The nominal overvoltage threshold is
6.85 V so it is suitable for single cell Li−Ion applications as well as 3/4
cell NiCD/NiMH applications.
Features
Overvoltage Turn−Off Time of less than 1.0 msec
Accurate Voltage Threshold of 6.85 V (nominal)
Undervoltage Lockout Protection
CNTRL Input Compatible with 1.8 V Logic Levels
Pb−Free Package is Available
Typical Applications
Cellular Phones
Digital Cameras
Portable Computers and PDAs
Portable CD and other Consumer Electronics
+
OUT
IN
Vref
GND
CNTRL
+
VCC
Logic
FET
Driver
Undervoltage
Lock Out
LOAD
AC/DC Adapter or
Accessory Charger
C1
Schottky
Diode
Microprocessor port
P−CH
Figure 1. Simplified Application Diagram
NCP345
Note: This device contains 89 active transistors
THIN SOT−23−5
SN SUFFIX
CASE 483
1
5
PIN CONNECTIONS &
MARKING DIAGRAM
1
3
IN
OUT
2
GND
CNTRL
4
VCC
5
(Top View)
Device
Package
Shipping
ORDERING INFORMATION
NCP345SNT1
SOT−23−5
3000 / Tape &
Reel
(7 inch Reel)
Y
= Year
W
= Work Week
NCP345SNT1G
SOT−23−5
(Pb−Free)
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
http://onsemi.com


Similar Part No. - NCP1651DR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1651DR2G ONSEMI-NCP1651DR2G Datasheet
785Kb / 32P
   Single Stage Power Factor Controller
December, 2010 -- Rev. 9
More results

Similar Description - NCP1651DR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1651D ONSEMI-NCP1651D Datasheet
785Kb / 32P
   Single Stage Power Factor Controller
December, 2010 -- Rev. 9
NCP1652DR2G ONSEMI-NCP1652DR2G Datasheet
346Kb / 34P
   High-Efficiency Single Stage Power Factor Correction and Step-Down Controller
April, 2010 ??Rev. 3
NCP1652ADR2G ONSEMI-NCP1652ADR2G Datasheet
346Kb / 34P
   High-Efficiency Single Stage Power Factor Correction and Step-Down Controller
April, 2010 ??Rev. 3
NCP1652 ONSEMI-NCP1652_10 Datasheet
346Kb / 34P
   High-Efficiency Single Stage Power Factor Correction and Step-Down Controller
April, 2010 ??Rev. 3
NCL30001 ONSEMI-NCL30001_15 Datasheet
287Kb / 31P
   High-Efficiency Single Stage Power Factor Correction
February, 2015 ??Rev. 1
logo
Dialog Semiconductor
IW3600 DIALOG-IW3600 Datasheet
317Kb / 5P
   AC/DC Digital Power Controller for Single-Stage High Power Factor Dimmable LED Drivers
IW3689 DIALOG-IW3689 Datasheet
287Kb / 6P
   AC/DC Digital Power Controller for Single-Stage High Power Factor Dimmable LED Drivers
logo
List of Unclassifed Man...
UC3892 ETC1-UC3892 Datasheet
258Kb / 4P
   Two Stage Power Factor Converter
logo
Unisonic Technologies
7524-D08-T UTC-7524-D08-T Datasheet
117Kb / 5P
   POWER FACTOR CONTROLLER
logo
ON Semiconductor
MC33232 ONSEMI-MC33232_07 Datasheet
213Kb / 15P
   Power Factor Controller
January, 2007 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com