Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1651DR2 Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCP1651DR2
Description  Single Stage Power Factor Controller
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1651DR2 Datasheet(HTML) 2 Page - ON Semiconductor

  NCP1651DR2 Datasheet HTML 1Page - ON Semiconductor NCP1651DR2 Datasheet HTML 2Page - ON Semiconductor NCP1651DR2 Datasheet HTML 3Page - ON Semiconductor NCP1651DR2 Datasheet HTML 4Page - ON Semiconductor NCP1651DR2 Datasheet HTML 5Page - ON Semiconductor NCP1651DR2 Datasheet HTML 6Page - ON Semiconductor NCP1651DR2 Datasheet HTML 7Page - ON Semiconductor NCP1651DR2 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
NCP345
http://onsemi.com
2
Figure 2. Detailed Block Diagram
+
CNTRL
(3)
OUT
(1)
GND
(2)
+
LOGIC
BLOCK
DRIVER
Pre−
regulator
VCC
(5)
IN
(4)
ON/OFF
UVLO
OUT
V5
R1
R2
R3
R4
COMP
Bandgap
Reference
VCC
VCC
PIN FUNCTION DESCRIPTIONS
Pin #
Symbol
Pin Description
1
OUT
This signal drives the gate of a P−channel MOSFET. It is controlled by the voltage level on IN or the logic state
of the CNTRL input. When an overvoltage event is detected, the OUT pin is driven to within 1.0 V of VCC in
less than 1.0
msec provided that gate and stray capacitance is less than 12 nF.
2
GND
Circuit Ground
3
CNTRL
This logic signal is used to control the state of OUT and turn−on/off the P−channel MOSFET. A logic High
results in the OUT signal being driven to within 1.0 V of VCC which disconnects the FET. If this pin is not used,
the input should be connected to ground.
4
IN
This pin senses an external voltage point. If the voltage on this input rises above the overvoltage threshold
(VTH), the OUT pin will be driven to within 1.0 V of VCC, thus disconnecting the FET. The nominal threshold
level is 6.85 V and this threshold level can be increased with the addition of an external resistor between IN
and VCC.
5
VCC
Positive Voltage supply. If VCC falls below 2.8 V (nom), the OUT pin will be driven to within 1.0 V of VCC, thus
disconnecting the P−channel FET.
TRUTH TABLE
IN
CNTRL
OUT
<Vth
L
GND
<Vth
H
VCC
>Vth
L
VCC
>Vth
H
VCC


Similar Part No. - NCP1651DR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1651DR2G ONSEMI-NCP1651DR2G Datasheet
785Kb / 32P
   Single Stage Power Factor Controller
December, 2010 -- Rev. 9
More results

Similar Description - NCP1651DR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1651D ONSEMI-NCP1651D Datasheet
785Kb / 32P
   Single Stage Power Factor Controller
December, 2010 -- Rev. 9
NCP1652DR2G ONSEMI-NCP1652DR2G Datasheet
346Kb / 34P
   High-Efficiency Single Stage Power Factor Correction and Step-Down Controller
April, 2010 ??Rev. 3
NCP1652ADR2G ONSEMI-NCP1652ADR2G Datasheet
346Kb / 34P
   High-Efficiency Single Stage Power Factor Correction and Step-Down Controller
April, 2010 ??Rev. 3
NCP1652 ONSEMI-NCP1652_10 Datasheet
346Kb / 34P
   High-Efficiency Single Stage Power Factor Correction and Step-Down Controller
April, 2010 ??Rev. 3
NCL30001 ONSEMI-NCL30001_15 Datasheet
287Kb / 31P
   High-Efficiency Single Stage Power Factor Correction
February, 2015 ??Rev. 1
logo
Dialog Semiconductor
IW3600 DIALOG-IW3600 Datasheet
317Kb / 5P
   AC/DC Digital Power Controller for Single-Stage High Power Factor Dimmable LED Drivers
IW3689 DIALOG-IW3689 Datasheet
287Kb / 6P
   AC/DC Digital Power Controller for Single-Stage High Power Factor Dimmable LED Drivers
logo
List of Unclassifed Man...
UC3892 ETC1-UC3892 Datasheet
258Kb / 4P
   Two Stage Power Factor Converter
logo
Unisonic Technologies
7524-D08-T UTC-7524-D08-T Datasheet
117Kb / 5P
   POWER FACTOR CONTROLLER
logo
ON Semiconductor
MC33232 ONSEMI-MC33232_07 Datasheet
213Kb / 15P
   Power Factor Controller
January, 2007 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com