Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMK042CG9R9BD-W Datasheet(PDF) 1 Page - Taiyo Yuden (U.S.A.), Inc

Part # EMK042CG9R9BD-W
Description  Standard Multilayer Ceramic Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

EMK042CG9R9BD-W Datasheet(HTML) 1 Page - Taiyo Yuden (U.S.A.), Inc

  EMK042CG9R9BD-W Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc EMK042CG9R9BD-W Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Spec Sheet
http://www.ty-top.com
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the Date at any time without notice.
Before making final selection, please check product specification.
PrintPDF
Standard Multilayer Ceramic Capacitors (Temperature compensating type)
EMK042CG9R9BD-W
Features
Item Summary
9.9pF±0.1pF, 16V,
C0G/CG, 01005/0402 (EIA/JIS)
Lifecycle Stage
Mass Production
Standard packaging quantity (minimum)
Taping Embossed 40000pcs
Products characteristics table
Capacitance
9.9 pF ± 0.1pF
Case Size (EIA/JIS)
01005/0402
Rated Voltage
16 V
Q (min)
598 at 1MHz
Temperature Characteristic (EIA)
C0G
Operating Temp. Range (EIA)
-55 to +125 ℃
Temperature Characteristic (JIS)
CG
Operating Temp. Range (JIS)
-55 to +125 ℃
Temperature Characteristic
0 ±30 ppm/℃
High Temperature Loading
200 %
(% Rated Voltage)
Insulation Resistance (min)
10 GΩ
RoHS2 Compliance (10 subst.)
Yes
REACH Compliance (168 subst.)
Yes
Soldering
Reflow
External Dimensions
Dimension L
0.4 ±0.02 mm
Dimension W
0.2 ±0.02 mm
Dimension T
0.2 ±0.02 mm
Dimension e
0.10 ±0.03 mm
2016.11.30
1 / 1


Similar Part No. - EMK042CG9R9BD-W

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
EMK042CG9R9CD-W TAIYO-YUDEN-EMK042CG9R9CD-W Datasheet
286Kb / 2P
   Standard Multilayer Ceramic Capacitors
EMK042CG9R9DD-W TAIYO-YUDEN-EMK042CG9R9DD-W Datasheet
143Kb / 1P
   Standard Multilayer Ceramic Capacitors (Temperature compensating type)
More results

Similar Description - EMK042CG9R9BD-W

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
UMK105CG471JV-F TAIYO-YUDEN-UMK105CG471JV-F Datasheet
307Kb / 2P
   Standard Multilayer Ceramic Capacitors
EMK042CG7R2BD-W TAIYO-YUDEN-EMK042CG7R2BD-W Datasheet
286Kb / 2P
   Standard Multilayer Ceramic Capacitors
EMK042CG7R6CD-W TAIYO-YUDEN-EMK042CG7R6CD-W Datasheet
286Kb / 2P
   Standard Multilayer Ceramic Capacitors
EMK042CG7R8CD-W TAIYO-YUDEN-EMK042CG7R8CD-W Datasheet
286Kb / 2P
   Standard Multilayer Ceramic Capacitors
EMK042CG8R6BD-W TAIYO-YUDEN-EMK042CG8R6BD-W Datasheet
286Kb / 2P
   Standard Multilayer Ceramic Capacitors
EMK042CG9R2BD-W TAIYO-YUDEN-EMK042CG9R2BD-W Datasheet
286Kb / 2P
   Standard Multilayer Ceramic Capacitors
EMK042CG9R8BD-W TAIYO-YUDEN-EMK042CG9R8BD-W Datasheet
286Kb / 2P
   Standard Multilayer Ceramic Capacitors
EMK042CG060CD-W TAIYO-YUDEN-EMK042CG060CD-W Datasheet
286Kb / 2P
   Standard Multilayer Ceramic Capacitors
EMK107BC6225KA-T TAIYO-YUDEN-EMK107BC6225KA-T Datasheet
290Kb / 2P
   Standard Multilayer Ceramic Capacitors
EMK042CG5R2CD-W TAIYO-YUDEN-EMK042CG5R2CD-W Datasheet
287Kb / 2P
   Standard Multilayer Ceramic Capacitors
TMK042CG4R8BD-W TAIYO-YUDEN-TMK042CG4R8BD-W Datasheet
286Kb / 2P
   Standard Multilayer Ceramic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com