Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPD65R1K4C6 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # IPD65R1K4C6
Description  Metal Oxide Semiconductor Field Effect Transistor
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPD65R1K4C6 Datasheet(HTML) 4 Page - Infineon Technologies AG

  IPD65R1K4C6 Datasheet HTML 1Page - Infineon Technologies AG IPD65R1K4C6 Datasheet HTML 2Page - Infineon Technologies AG IPD65R1K4C6 Datasheet HTML 3Page - Infineon Technologies AG IPD65R1K4C6 Datasheet HTML 4Page - Infineon Technologies AG IPD65R1K4C6 Datasheet HTML 5Page - Infineon Technologies AG IPD65R1K4C6 Datasheet HTML 6Page - Infineon Technologies AG IPD65R1K4C6 Datasheet HTML 7Page - Infineon Technologies AG IPD65R1K4C6 Datasheet HTML 8Page - Infineon Technologies AG IPD65R1K4C6 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4
650VCoolMOS™C6PowerTransistor
IPD65R1K4C6
Rev.2.0,2013-07-26
Final Data Sheet
2Maximumratings
atTj=25°C,unlessotherwisespecified
Table2Maximumratings
Values
Min.
Typ.
Max.
Parameter
Symbol
Unit Note/TestCondition
Continuous drain current
1)
ID
3.2
A
TC=25°C
2.0
TC=100°C
Pulsed drain current
2)
IDpulse
8.3
A
TC=25°C
Avalanche energy, single pulse
EAS
26
mJ
ID=0.6A,VDD=50V
(see table 10)
Avalanche energy, repetitive
EAR
0.10
mJ
ID=0.6A,VDD=50V
Avalanche current, repetitive
IAR
0.6
A
MOSFET dv/dt ruggedness
dv/dt
50
V/ns
VDS=0...480V
Gate source voltage
VGS
-20
20
V
static
-30
30
AC (f > 1 Hz)
Operating and storage temperature
Tj‚Tstg
-55
150
°C
Continuous diode forward current
IS
2.8
A
TC=25°C
Diode pulse current
ISpulse
8.3
A
TC=25°C
Reverse diode dv/dt
3)
dv/dt
15
V/ns
VDS=0...400V,ISD
≤ID,
Tj=25°C
(see table 8)
Maximum diode commutation speed
dif/dt
500
A/µs
Power dissipation
Ptot
28
W
TC=25°C
1) Limited by Tj max. Maximum duty cycle D=0.75
2) Pulse width tp limited by Tj max
3) Identical low side and high side switch with identical RG


Similar Part No. - IPD65R1K4C6

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IPD65R1K4C6 ISC-IPD65R1K4C6 Datasheet
336Kb / 2P
   N-Channel MOSFET Transistor
More results

Similar Description - IPD65R1K4C6

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPW60R280C6FKSA1 INFINEON-IPW60R280C6FKSA1 Datasheet
1Mb / 19P
   Metal Oxide Semiconductor Field Effect Transistor
2010-02-09 revision:2.1
IPA60R520C6 INFINEON-IPA60R520C6_14 Datasheet
1Mb / 17P
   Metal Oxide Semiconductor Field Effect Transistor
2014-12-10 revision:2.2
IPD65R190C7 INFINEON-IPD65R190C7 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.1,2013-10-17
IPP65R074C6 INFINEON-IPP65R074C6 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
2011-09-14 revision:2.1
IPD60R3K3C6 INFINEON-IPD60R3K3C6_15 Datasheet
963Kb / 14P
   Metal Oxide Semiconductor Field Effect Transistor
Rev 2.3, 2015-11-12
IPA65R125C7 INFINEON-IPA65R125C7 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.0,2013-10-11
IPA60R600E6 INFINEON-IPA60R600E6_14 Datasheet
1Mb / 17P
   Metal Oxide Semiconductor Field Effect Transistor
Rev. 2.0, 2010-04-12
IPA60R280C6 INFINEON-IPA60R280C6_14 Datasheet
1Mb / 19P
   Metal Oxide Semiconductor Field Effect Transistor
2014-12-09 revision:2.2
IPD65R250C6 INFINEON-IPD65R250C6 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
2011-09-15 revision:2.1
IPX80R2K8CE INFINEON-IPX80R2K8CE Datasheet
2Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.2,2016-04-12
IPW65R048CFDA INFINEON-IPW65R048CFDA Datasheet
1Mb / 14P
   Metal Oxide Semiconductor Field Effect Transistor
2012-03-28 revision:2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com