Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPD60N10S4L-12 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # IPD60N10S4L-12
Description  OptiMOSTM-T2 Power-Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPD60N10S4L-12 Datasheet(HTML) 5 Page - Infineon Technologies AG

  IPD60N10S4L-12 Datasheet HTML 1Page - Infineon Technologies AG IPD60N10S4L-12 Datasheet HTML 2Page - Infineon Technologies AG IPD60N10S4L-12 Datasheet HTML 3Page - Infineon Technologies AG IPD60N10S4L-12 Datasheet HTML 4Page - Infineon Technologies AG IPD60N10S4L-12 Datasheet HTML 5Page - Infineon Technologies AG IPD60N10S4L-12 Datasheet HTML 6Page - Infineon Technologies AG IPD60N10S4L-12 Datasheet HTML 7Page - Infineon Technologies AG IPD60N10S4L-12 Datasheet HTML 8Page - Infineon Technologies AG IPD60N10S4L-12 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
IPD60N10S4L-12
5 Typ. output characteristics
6 Typ. drain-source on-state resistance
I D = f(V DS); T j = 25 °C
R DS(on) = f(I D); T j = 25 °C
parameter: V GS
parameter: V GS
7 Typ. transfer characteristics
8 Typ. drain-source on-state resistance
I D = f(V GS); V DS = 6V
R DS(on) = f(T j); I D = 60 A; V GS = 10 V
parameter: T j
4
7
10
13
16
19
22
-60
-20
20
60
100
140
180
T j [°C]
4 V
4.5 V
5 V
10 V
3.5 V
0
60
120
180
240
0
1
2
3
4
V DS [V]
3.5 V
4 V
4.5 V
5 V
10 V
5
10
15
20
25
30
35
40
45
50
0
60
120
180
240
I D [A]
-55 °C
25 °C
175 °C
0
50
100
150
200
250
1
2
3
4
5
V GS [V]
Rev. 1.0
page 5
2011-11-30


Similar Part No. - IPD60N10S4L-12

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPD60N10S4-12 INFINEON-IPD60N10S4-12 Datasheet
291Kb / 9P
   N-channel - Normal Level - Enhancement mode
Rev. 1.0 2014-06-30
More results

Similar Description - IPD60N10S4L-12

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB180N10S4-02 INFINEON-IPB180N10S4-02 Datasheet
210Kb / 9P
   OptiMOSTM-T2 Power-Transistor
Rev. 1.0 2013-01-30
IPB120N04S4L02 INFINEON-IPB120N04S4L02 Datasheet
209Kb / 9P
   OptiMOSTM-T2 Power-Transistor
Rev. 1.0 2013-06-03
ITD50N04S4L-07 INFINEON-ITD50N04S4L-07 Datasheet
219Kb / 9P
   OptiMOSTM-T2 Power-Transistor
Rev. 1.0 2013-06-05
BSC072N04LD INFINEON-BSC072N04LD Datasheet
1Mb / 10P
   OptiMOSTM-T2 Power Transistor, 40 V
Rev. 2.0, 2018-12-11
BSC076N04ND INFINEON-BSC076N04ND Datasheet
1Mb / 11P
   OptiMOSTM-T2 Power Transistor, 40 V
Rev. 2.0, 2018-12-11
IPD053N06N INFINEON-IPD053N06N Datasheet
498Kb / 9P
   OptiMOSTM Power-Transistor
Rev.2.2 2012-12-20
BSZ068N06NS INFINEON-BSZ068N06NS Datasheet
697Kb / 9P
   OptiMOSTM Power-Transistor
Rev.2.0 2013-10-17
BSC014N06NS INFINEON-BSC014N06NS_13 Datasheet
556Kb / 10P
   OptiMOSTM Power-Transistor
Rev.2.1 2013-01-29
IPB026N06N INFINEON-IPB026N06N Datasheet
606Kb / 9P
   OptiMOSTM Power-Transistor
Rev.2.2 2012-12-20
IPB057N06N INFINEON-IPB057N06N Datasheet
614Kb / 9P
   OptiMOSTM Power-Transistor
Rev.2.2 2012-12-20
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com