Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPC100N04S5L-1R1 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # IPC100N04S5L-1R1
Description  OptiMOS??5 Power-Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPC100N04S5L-1R1 Datasheet(HTML) 4 Page - Infineon Technologies AG

  IPC100N04S5L-1R1 Datasheet HTML 1Page - Infineon Technologies AG IPC100N04S5L-1R1 Datasheet HTML 2Page - Infineon Technologies AG IPC100N04S5L-1R1 Datasheet HTML 3Page - Infineon Technologies AG IPC100N04S5L-1R1 Datasheet HTML 4Page - Infineon Technologies AG IPC100N04S5L-1R1 Datasheet HTML 5Page - Infineon Technologies AG IPC100N04S5L-1R1 Datasheet HTML 6Page - Infineon Technologies AG IPC100N04S5L-1R1 Datasheet HTML 7Page - Infineon Technologies AG IPC100N04S5L-1R1 Datasheet HTML 8Page - Infineon Technologies AG IPC100N04S5L-1R1 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
IPC100N04S5L-1R1
1 Power dissipation
2 Drain current
P tot = f(T C); V GS = 10 V
I D = f(T C); V GS = 10 V
3 Safe operating area
4 Max. transient thermal impedance
I D = f(V DS); T C = 25 °C; D = 0
Z thJC = f(t p)
parameter: t p
parameter: D =t p/T
single pulse
0.01
0.05
0.1
0.5
10-6
10-5
10-4
10-3
10-2
10-1
100
10-3
10-2
10-1
100
101
t
p [s]
1 µs
10 µs
100 µs
150 µs
1
10
100
1000
0.1
1
10
100
V
DS [V]
0
50
100
150
0
50
100
150
200
T
C [°C]
0
10
20
30
40
50
60
70
80
90
100
110
0
50
100
150
200
T
C [°C]
Rev. 1.1
page 4
2016-09-07


Similar Part No. - IPC100N04S5L-1R1

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPC100N04S5L-1R5 INFINEON-IPC100N04S5L-1R5 Datasheet
463Kb / 9P
   OptiMOS??5 Power-Transistor
Rev. 1.2 2016-12-06
IPC100N04S5L-1R9 INFINEON-IPC100N04S5L-1R9 Datasheet
427Kb / 9P
   OptiMOS??- power MOSFET for automotive applications
Rev. 1.3 2017-08-03
More results

Similar Description - IPC100N04S5L-1R1

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IAUT200N08S5N023 INFINEON-IAUT200N08S5N023 Datasheet
388Kb / 9P
   OptiMOS??5 Power-Transistor
Rev. 1.0 2017-12-15
IPC90N04S5-3R6 INFINEON-IPC90N04S5-3R6 Datasheet
401Kb / 9P
   OptiMOS??5 Power-Transistor
Rev. 1.0 2016-12-06
IPC100N04S5-1R7 INFINEON-IPC100N04S5-1R7 Datasheet
426Kb / 9P
   OptiMOS??5 Power-Transistor
Rev. 1.3 2017-08-03
IPC100N04S5L-1R5 INFINEON-IPC100N04S5L-1R5 Datasheet
463Kb / 9P
   OptiMOS??5 Power-Transistor
Rev. 1.2 2016-12-06
IPC70N04S5-4R6 INFINEON-IPC70N04S5-4R6 Datasheet
400Kb / 9P
   OptiMOS??5 Power-Transistor
Rev. 1.0 2016-12-09
IAUZ30N10S5L240 INFINEON-IAUZ30N10S5L240 Datasheet
790Kb / 10P
   OptiMOS??5 Power-Transistor
Rev. 1.0 2019-07-23
IAUZ40N08S5N100 INFINEON-IAUZ40N08S5N100 Datasheet
831Kb / 9P
   OptiMOS??5 Power-Transistor
Rev. 1.0 2019-09-16
IAUZ40N10S5L120 INFINEON-IAUZ40N10S5L120 Datasheet
1Mb / 10P
   OptiMOS??5 Power Transistor
Rev. 1.0 2021-05-14
IAUC60N06S5N074 INFINEON-IAUC60N06S5N074 Datasheet
785Kb / 12P
   OptiMOS??5 Power-Transistor
Rev. 1.0 2021-05-04
IPC100N04S5-1R2 INFINEON-IPC100N04S5-1R2 Datasheet
428Kb / 9P
   OptiMOS??5 Power-Transistor
Rev. 1.3 2017-08-03
IPC100N04S5L-2R6 INFINEON-IPC100N04S5L-2R6 Datasheet
402Kb / 9P
   OptiMOS??5 Power-Transistor
Rev. 1.0 2016-12-06
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com