Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R2E190-RA50-21 Datasheet(PDF) 1 Page - ebm-papst

Part # R2E190-RA50-21
Description  AC centrifugal fans - RadiCal
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

R2E190-RA50-21 Datasheet(HTML) 1 Page - ebm-papst

  R2E190-RA50-21 Datasheet HTML 1Page - ebm-papst R2E190-RA50-21 Datasheet HTML 2Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Curves
Highlights:
– Backward curved
– 7-blade impeller, single phase motor
– Thermal overload protector (TOP) wired internally
– Mounting position: Any
– Condensate discharge holes: None
– Ingress protection of IP44; dependent on installation and position
Material: Fiberglass reinforced composite
Impeller: PA
Direction of rotation: Clockwise, seen on rotor
AC centrifugal fans - RadiCal®
Series R2E190 RA Ø190 mm
(1) Nominal data at operating point with maximum load.
Nominal Data
Type
CFM
VAC
Watts
RPM
oC
g
µF
R2E190-RA50-21
341.4
115
50/60
Yes
70
2,450
-25...75
1,200
IP44
6
Yes
R2E190-RA26-20
347.3
230
50/60
Yes
70
2,500
-25...75
1,200
IP44
1.5
Yes
1
2
3
4
5
6
7
8
9
10
11
12
A
A
A
A
A
A
A
A
A
A
A
A
13
14
15
16
A
A
A
A
1
2
3
4
5
6
7
8
9
10
11
12
A
A
A
A
A
A
A
A
A
A
A
A
13
14
15
16
A
A
A
A
Druck p f s[Pa]für Rho=1,2kg/m^3
qv[m^3/h]
600
550
500
450
400
350
300
250
200
150
100
50
0
qv[cfm]
350
300
250
200
150
100
50
0
460
440
420
400
380
360
340
320
300
280
260
240
220
200
180
160
140
120
100
80
60
40
20
0
1,85
1,8
1,75
1,7
1,65
1,6
1,55
1,5
1,45
1,4
1,35
1,3
1,25
1,2
1,15
1,1
1,05
1
0,95
0,9
0,85
0,8
0,75
0,7
0,65
0,6
0,55
0,5
0,45
0,4
0,35
0,3
0,25
0,2
0,15
0,1
0,05
0
1
2
3
4
Measurement: LU-128367
Air performance measured
as per: ISO 5801, Installation
category A, without protection
against accidental contact.
Suction-side noise levels:
LWA as per ISO 13347, LPA
measured at 1m distance to
fan axis.
The values given are valid
under the measuring
conditions mentioned and may
vary accoring to the actual
installation situation.
With any deviation to the
standard set-up, the specific
values have to be checked
and reviewed once installed
or fitted.
For detailed information on
the measuring set-up, please
contact ebm-papst.
R2E190-RA50-21
Curves
n
rpm
Pe
W
I
A
(115V)
LwA
dB(A)
2750
60
0.53
68
2575
63
0.55
64
2450
66
0.59
60
2630
62
0.54
65


Similar Part No. - R2E190-RA50-21

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R2E190-RA50-21 ETC2-R2E190-RA50-21 Datasheet
603Kb / 2P
   AC centrifugal fans - RadiCal
logo
ebm-papst
R2E190-RA50-21 EBMPAPST-R2E190-RA50-21 Datasheet
603Kb / 2P
   AC centrifugal fans
More results

Similar Description - R2E190-RA50-21

ManufacturerPart #DatasheetDescription
logo
ebm-papst
R2E225-RA EBMPAPST-R2E225-RA Datasheet
570Kb / 2P
   AC centrifugal fans - RadiCal
R2E250-RB EBMPAPST-R2E250-RB Datasheet
636Kb / 2P
   AC centrifugal fans - RadiCal
logo
List of Unclassifed Man...
R2E190RA ETC2-R2E190RA Datasheet
603Kb / 2P
   AC centrifugal fans - RadiCal
logo
ebm-papst
R2E220-RA EBMPAPST-R2E220-RA Datasheet
588Kb / 2P
   AC centrifugal fans - RadiCal
R3G250-RE EBMPAPST-R3G250-RE Datasheet
716Kb / 2P
   EC centrifugal fans - RadiCal
R3G225-RE EBMPAPST-R3G225-RE Datasheet
671Kb / 2P
   EC centrifugal fans - RadiCal
R3G190-RD EBMPAPST-R3G190-RD Datasheet
673Kb / 2P
   EC centrifugal fans - RadiCal
R3G220-RD EBMPAPST-R3G220-RD Datasheet
723Kb / 2P
   EC centrifugal fans - RadiCal
R4E310-RA06-01 EBMPAPST-R4E310-RA06-01 Datasheet
795Kb / 5P
   AC centrifugal fan - RadiCal
RER160-2856S EBMPAPST-RER160-2856S Datasheet
191Kb / 1P
   AC centrifugal fans
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com