Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M3G112-EA Datasheet(PDF) 6 Page - ebm-papst

Part # M3G112-EA
Description  EC centrifugal fan - RadiPac
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

M3G112-EA Datasheet(HTML) 6 Page - ebm-papst

  M3G112-EA Datasheet HTML 1Page - ebm-papst M3G112-EA Datasheet HTML 2Page - ebm-papst M3G112-EA Datasheet HTML 3Page - ebm-papst M3G112-EA Datasheet HTML 4Page - ebm-papst M3G112-EA Datasheet HTML 5Page - ebm-papst M3G112-EA Datasheet HTML 6Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
EC centrifugal fan - RadiPac
backward-curved, single-intake
R3G310-AX54-21
Curves: Air performance 50 Hz
Druck p f s[Pa]für Rho=1,2kg/m^3
qv[m^3/h]
5.000
4.500
4.000
3.500
3.000
2.500
2.000
1.500
1.000
500
0
qv[cfm]
3.000
2.500
2.000
1.500
1.000
500
0
1.300
1.250
1.200
1.150
1.100
1.050
1.000
950
900
850
800
750
700
650
600
550
500
450
400
350
300
250
200
150
100
50
0
5,2
5
4,8
4,6
4,4
4,2
4
3,8
3,6
3,4
3,2
3
2,8
2,6
2,4
2,2
2
1,8
1,6
1,4
1,2
1
0,8
0,6
0,4
0,2
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
Measurement: LU-126020
Measurement: LU-131413
Measurement: LU-131415
Measurement: LU-131416
Air performance measured according to ISO
5801 installation category A. For detailed
information on the measurement setup,
contact ebm-papst. Intake sound level:
Sound power level according to ISO 13347 /
sound pressure level measured at 1 m
distance from fan axis. The values given are
valid under the specified measuring
conditions and may vary due to conditions of
installation. For deviations from the standard
configuration, the parameters have to be
checked on the installed unit.
Measured values
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
U
V
230
230
230
230
230
230
230
230
230
230
230
230
230
230
230
230
f
Hz
50
50
50
50
50
50
50
50
50
50
50
50
50
50
50
50
n
min-1
2930
2895
2850
2850
2430
2430
2430
2430
1955
1955
1955
1955
1465
1465
1465
1465
Ped
W
946
1147
1270
1237
529
663
743
751
299
360
398
400
139
159
177
184
I
A
4.14
5.01
5.60
5.41
2.34
2.91
3.26
3.29
1.36
1.61
1.77
1.78
0.72
0.79
0.86
0.89
LpAin
dB(A)
81
76
72
75
77
71
70
71
71
66
65
66
64
59
58
59
LwAin
dB(A)
88
83
79
83
84
78
77
78
78
73
72
73
71
67
65
66
LwAout
dB(A)
94
90
87
89
89
85
84
85
83
79
78
79
76
73
72
73
qv
m3/h
4980
4340
3410
2300
4165
3585
2925
1980
3345
2860
2335
1585
2505
2130
1735
1185
pfs
Pa
0
425
760
1050
0
309
556
781
0
193
356
499
0
106
196
280
U = Power supply · f = Frequency · n = Speed · Ped = Power consumption · I = Current draw · LpAin = Sound pressure level intake side · LwAin = Sound power level intake side
LwAout = Sound power level outlet side · qv = Air flow · pfs = Pressure increase
Item no. 50235-5-9980 · ENU · Change 84593 · Approved 2015-01-05 · Page 6 / 6
ebm-papst Mulfingen GmbH & Co. KG · Bachmühle 2 · D-74673 Mulfingen · Phone +49 (0) 7938 81-0 · Fax +49 (0) 7938 81-110 · info1@de.ebmpapst.com · www.ebmpapst.com


Similar Part No. - M3G112-EA

ManufacturerPart #DatasheetDescription
logo
ebm-papst
M3G112-EA EBMPAPST-M3G112-EA Datasheet
949Kb / 5P
   EC centrifugal fan - RadiPac
More results

Similar Description - M3G112-EA

ManufacturerPart #DatasheetDescription
logo
ebm-papst
R3G310-AX52-90 EBMPAPST-R3G310-AX52-90 Datasheet
949Kb / 5P
   EC centrifugal fan - RadiPac
R3G310-BB49-03 EBMPAPST-R3G310-BB49-03 Datasheet
1Mb / 6P
   EC centrifugal fan - RadiPac
R3G310-AZ88-03 EBMPAPST-R3G310-AZ88-03 Datasheet
1Mb / 2P
   EC centrifugal fans - RadiPac
R3G310-AY73-13 EBMPAPST-R3G310-AY73-13 Datasheet
1Mb / 2P
   EC centrifugal fans - RadiPac
R3G190-RC05-03 EBMPAPST-R3G190-RC05-03 Datasheet
546Kb / 5P
   EC centrifugal fan - RadiCal
2016-04-29
R3G310-RS05-J1 EBMPAPST-R3G310-RS05-J1 Datasheet
1Mb / 5P
   EC centrifugal fan - RadiCal
R3G250-RE09-07 EBMPAPST-R3G250-RE09-07 Datasheet
886Kb / 5P
   EC centrifugal fan - RadiCal
R3G310-RS01-I1 EBMPAPST-R3G310-RS01-I1 Datasheet
1Mb / 6P
   EC centrifugal fan-RadiCal
R3G560-AH29-66F EBMPAPST-R3G560-AH29-66F Datasheet
1Mb / 2P
   EC centrifugal fans
R3G630-AB30-63F EBMPAPST-R3G630-AB30-63F Datasheet
1Mb / 2P
   EC centrifugal fans
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com