Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC2-4.5SNU Datasheet(PDF) 5 Page - NEC

Part # EC2-4.5SNU
Description  COMPACT AND LIGHTWEIGHT, SMALL MOUNTING SIZE, HIGH BREAKDOWN VOLTAGE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

EC2-4.5SNU Datasheet(HTML) 5 Page - NEC

  EC2-4.5SNU Datasheet HTML 1Page - NEC EC2-4.5SNU Datasheet HTML 2Page - NEC EC2-4.5SNU Datasheet HTML 3Page - NEC EC2-4.5SNU Datasheet HTML 4Page - NEC EC2-4.5SNU Datasheet HTML 5Page - NEC EC2-4.5SNU Datasheet HTML 6Page - NEC EC2-4.5SNU Datasheet HTML 7Page - NEC EC2-4.5SNU Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
DATA SHEET ER0002EJ4V0DS00
EC2 SERIES
TYPICAL PERFORMANCE DATA
100
0
10
20
30
40
50
200
300
400
3
2
1
0
100
200
300
400
500
Applied Power (mW)
Applied Power (mW)
30
100
200
2
1
0.5
0.4
0.3
0.2
Switching Voltage (V)
Operate Time
Bounce Time Operate
2
1
0
100
200
300
400
500
Applied Power (mW)
Bounce Time at Release
Release Time
3
2
1
0
100
200
300
400
500
Applied Power (mW)
Release Time
Bounce Time at Release
0.273 A
250 V
220 V
DC Load (resistive)
AC Load (resistive)
SWITCHING CAPACITY
OPERATE TIME
RELEASE TIME WITHOUT DIODE
RELEASE TIME WITH DIODE
COIL TEMPERATURE RISE
RUNNING SPECIFICATIONS (Noload)
5
4
3
2
1
0
12
3
4
10
Sample : EE2-5 n=10
Load : None
Operate Voltage
Release Voltage
Number of Operations(x10
6operations)
1000
500
300
200
100
50
30
20
10
1
0
23
5
10
Temperature : 85˚C
Drive : 5 Vdc, 10 Hz 5% duty
Make contact
Break contact
Number of Operations(x10
6operations)


Similar Part No. - EC2-4.5SNU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
EC2-4.5SNU-L KEMET-EC2-4.5SNU-L Datasheet
2Mb / 18P
   Electronic switching systems
EC2-4.5SNUH-L KEMET-EC2-4.5SNUH-L Datasheet
2Mb / 18P
   Electronic switching systems
EC2-4.5SNUX-L KEMET-EC2-4.5SNUX-L Datasheet
2Mb / 18P
   Electronic switching systems
More results

Similar Description - EC2-4.5SNU

ManufacturerPart #DatasheetDescription
logo
NEC
EC2-5SNJ NEC-EC2-5SNJ Datasheet
100Kb / 11P
   COMPACT AND LIGHTWEIGHT, SMALL MOUNTING SIZE, HIGH BREAKDOWN VOLTAGE
logo
List of Unclassifed Man...
EE2-5NU ETC2-EE2-5NU Datasheet
228Kb / 12P
   Compact and lightweight, High breakdown voltage, Surface mounting type
logo
NEC
EE2-24NU NEC-EE2-24NU Datasheet
228Kb / 12P
   Compact and lightweight, High breakdown voltage, Surface mounting type
EC29SND NEC-EC29SND Datasheet
142Kb / 12P
   High Insulation, High breakdown voltage, compact and lightweight, Surface mounting type
ED2-5NJ NEC-ED2-5NJ Datasheet
389Kb / 16P
   Ultra-low power, compact and lightweight, High breakdown voltage, Surface mounting type
ED29SNU NEC-ED29SNU Datasheet
159Kb / 16P
   Ultra-low power, compact and lightweight, High breakdown voltage, Surface mounting type
logo
Panasonic Semiconductor
ERJ-8GEYJ182V PANASONIC-ERJ-8GEYJ182V Datasheet
84Kb / 2P
   Small size and lightweight
ERJ-8GEYJ102V PANASONIC-ERJ-8GEYJ102V Datasheet
84Kb / 2P
   Small size and lightweight
logo
NEC
EA2-24NU NEC-EA2-24NU Datasheet
106Kb / 12P
   COMPACT AND LIGHTWEIGHT
EA2-3SNU NEC-EA2-3SNU Datasheet
113Kb / 8P
   COMPACT AND LIGHTWEIGHT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com