Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EA2-9TNU Datasheet(PDF) 1 Page - NEC

Part # EA2-9TNU
Description  MINIATURE SIGNAL RELAY
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

EA2-9TNU Datasheet(HTML) 1 Page - NEC

  EA2-9TNU Datasheet HTML 1Page - NEC EA2-9TNU Datasheet HTML 2Page - NEC EA2-9TNU Datasheet HTML 3Page - NEC EA2-9TNU Datasheet HTML 4Page - NEC EA2-9TNU Datasheet HTML 5Page - NEC EA2-9TNU Datasheet HTML 6Page - NEC EA2-9TNU Datasheet HTML 7Page - NEC EA2-9TNU Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
COMPACT AND LIGHTWEIGHT
DESCRIPTION
The EA2 series has reduced package size and power consumption to other NEC Conventional relays.
Furthermore, it complies with 1500 V surge-voltage requirement of FCC part 68 by the unique structure and the
efficient magnetic circuit
FEATURES
™ Low power consumption
™ Compact and light weight
™ 2 form c contact arrangement
™ Low magnetic arrangement
™ Breakdown voltage : 1000 Vac (surge voltage 1500 V), FCC Part 68 compliant
™ Tube packaging
™ UL recognized (E73266), CAS certified (LR46266)
APPLICATIONS
Electronic switching systems, PBX, key telephone systems, automatic test equipment and other electronic equip-
ment.
DATA SHEET
EA2 SERIES
MINIATURE SIGNAL RELAY
ATTENTION
DO NOT EXCEED MAXIMUM RATINGS.
Do not use relays under exceeding conditions such as over ambient temperature, over voltage and over
current. Incorrect use could result in abnormal heating, damage to related parts or cause burning.
READ CAUTIONS IN THE SELECTION GUIDE.
Read the cautions described in NEC's "Miniature Relays" (ER0046EJ
∗) when you choose relays for
your application.
Document No. ER0001EJ6V0DS00 (6th edition)
Date Published June 1999 M
Printed in Japan
©
1989 (1996)


Similar Part No. - EA2-9TNU

ManufacturerPart #DatasheetDescription
logo
NEC
EA2-9TNU NEC-EA2-9TNU Datasheet
113Kb / 8P
   COMPACT AND LIGHTWEIGHT
More results

Similar Description - EA2-9TNU

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
RPL-1C-P-48 ADAM-TECH-RPL-1C-P-48 Datasheet
93Kb / 1P
   MINIATURE SIGNAL RELAY
RPL-1A-P-24 ADAM-TECH-RPL-1A-P-24 Datasheet
92Kb / 1P
   MINIATURE SIGNAL RELAY
logo
Hongfa Technology
HFD3-I HONGFA-HFD3-I Datasheet
833Kb / 6P
   MINIATURE SIGNAL RELAY
logo
Fujitsu Component Limit...
FTR-C2 FUJITSU-FTR-C2 Datasheet
539Kb / 8P
   ULTRA MINIATURE RELAY SIGNAL RELAY
logo
Fuji Electric
FTR-C1 FUJI-FTR-C1 Datasheet
439Kb / 8P
   ULTRA MINIATURE RELAY SIGNAL RELAY
logo
Fujitsu Component Limit...
FTR-B4 FUJITSU-FTR-B4 Datasheet
1,008Kb / 9P
   ULTRA MINIATURE RELAY SLIM SIGNAL RELAY
logo
American Electronic Com...
DTC1 AEC-DTC1 Datasheet
354Kb / 3P
   ultra miniature pcb signal relay
logo
Omron Electronics LLC
G5V-2 OMRON-G5V-2_1 Datasheet
86Kb / 4P
   Miniature Relay for Signal Circuits
G5V2 OMRON-G5V2 Datasheet
421Kb / 6P
   Miniature Relay for Signal Circuits
G5V-2-DC24 OMRON-G5V-2-DC24 Datasheet
369Kb / 6P
   Miniature Relay for Signal Circuits
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com