Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC2-6TNU Datasheet(PDF) 1 Page - NEC

Part # EC2-6TNU
Description  COMPACT AND LIGHTWEIGHT, SMALL MOUNTING SIZE, HIGH BREAKDOWN VOLTAGE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

EC2-6TNU Datasheet(HTML) 1 Page - NEC

  EC2-6TNU Datasheet HTML 1Page - NEC EC2-6TNU Datasheet HTML 2Page - NEC EC2-6TNU Datasheet HTML 3Page - NEC EC2-6TNU Datasheet HTML 4Page - NEC EC2-6TNU Datasheet HTML 5Page - NEC EC2-6TNU Datasheet HTML 6Page - NEC EC2-6TNU Datasheet HTML 7Page - NEC EC2-6TNU Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DESCRIPTION
The EC2 series has reduced mounting space but sustained high-performance of NEC EA2 series. Furthermore,
it complies with 2500 V surge-voltage requirement of Bellcore specification.
FEATURES
™ Compact and light weight
™ 2 form c contact arrangement
™ Low power consumption
™ Reduced mounting space : 15 mm
× 7.5 mm
™ High-breakdown voltage of coil to contacts :
1500 Vac, 2500 V (rise time : 2
µs, fall time : 10 µs)
™ Capable of High-power switching :
700 Vac, 4.2 A, 4 times in case of accident
™ UL recognized (E73266), CAS certified (LR46266)
APPLICATIONS
Electronic switching systems, PBX, terminal equipment, telephone systems.
DATA SHEET
COMPACT AND LIGHTWEIGHT, SMALL MOUNTING SIZE,
HIGH BREAKDOWN VOLTAGE
EC2 SERIES
MINIATURE SIGNAL RELAY
Document No. ER0002EJ4V0DS00 (4th edition)
Date Published June 1999 M
Printed in Japan
©
1994(1996)
For Right Use of Miniature Relays
DO NOT EXCEED MAXIMUM RATINGS.
Do not use relays under exceeding conditions such as over ambient temperature, over voltage
and over current. Incorrect use could result in abnormal heating, damage to related parts or
cause burning.
READ CAUTIONS IN THE SELECTION GUIDE.
Read the cautions described in NEC's "Miniature Relays" (ER0046EJ
∗) when you choose relays
for your application.


Similar Part No. - EC2-6TNU

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
EC2-12 SAMTEC-EC2-12 Datasheet
472Kb / 1P
   SHROUDED IDC EJECTOR HEADER
logo
Kemet Corporation
EC2-12ND KEMET-EC2-12ND Datasheet
86Kb / 1P
   Relays, Signal, KEMET, EC2
logo
NEC
EC2-12NJ NEC-EC2-12NJ Datasheet
100Kb / 11P
   COMPACT AND LIGHTWEIGHT, SMALL MOUNTING SIZE, HIGH BREAKDOWN VOLTAGE
EC2-12NU NEC-EC2-12NU Datasheet
100Kb / 11P
   COMPACT AND LIGHTWEIGHT, SMALL MOUNTING SIZE, HIGH BREAKDOWN VOLTAGE
logo
Kemet Corporation
EC2-12NU KEMET-EC2-12NU Datasheet
86Kb / 1P
   Relays, Signal, EC2
More results

Similar Description - EC2-6TNU

ManufacturerPart #DatasheetDescription
logo
NEC
EC2-5SNJ NEC-EC2-5SNJ Datasheet
100Kb / 11P
   COMPACT AND LIGHTWEIGHT, SMALL MOUNTING SIZE, HIGH BREAKDOWN VOLTAGE
logo
List of Unclassifed Man...
EE2-5NU ETC2-EE2-5NU Datasheet
228Kb / 12P
   Compact and lightweight, High breakdown voltage, Surface mounting type
logo
NEC
EE2-24NU NEC-EE2-24NU Datasheet
228Kb / 12P
   Compact and lightweight, High breakdown voltage, Surface mounting type
EC29SND NEC-EC29SND Datasheet
142Kb / 12P
   High Insulation, High breakdown voltage, compact and lightweight, Surface mounting type
ED2-5NJ NEC-ED2-5NJ Datasheet
389Kb / 16P
   Ultra-low power, compact and lightweight, High breakdown voltage, Surface mounting type
ED29SNU NEC-ED29SNU Datasheet
159Kb / 16P
   Ultra-low power, compact and lightweight, High breakdown voltage, Surface mounting type
logo
Panasonic Semiconductor
ERJ-8GEYJ182V PANASONIC-ERJ-8GEYJ182V Datasheet
84Kb / 2P
   Small size and lightweight
ERJ-8GEYJ102V PANASONIC-ERJ-8GEYJ102V Datasheet
84Kb / 2P
   Small size and lightweight
logo
NEC
EA2-24NU NEC-EA2-24NU Datasheet
106Kb / 12P
   COMPACT AND LIGHTWEIGHT
EA2-3SNU NEC-EA2-3SNU Datasheet
113Kb / 8P
   COMPACT AND LIGHTWEIGHT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com