Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EF2-12TNU Datasheet(PDF) 10 Page - NEC

Part # EF2-12TNU
Description  Ultra-low power, compact and lightweight, High breakdown voltage, Surface mounting type
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

EF2-12TNU Datasheet(HTML) 10 Page - NEC

Back Button EF2-12TNU Datasheet HTML 6Page - NEC EF2-12TNU Datasheet HTML 7Page - NEC EF2-12TNU Datasheet HTML 8Page - NEC EF2-12TNU Datasheet HTML 9Page - NEC EF2-12TNU Datasheet HTML 10Page - NEC EF2-12TNU Datasheet HTML 11Page - NEC EF2-12TNU Datasheet HTML 12Page - NEC EF2-12TNU Datasheet HTML 13Page - NEC EF2-12TNU Datasheet HTML 14Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ED2/EF2 SERIES
DATA SHEET ER0304EJ2V0DS00
10
Reel
Top cover tape
Embossed carrying tape
APPEARANCE
TAPE DIMENSION mm (inch)
2.0(0.079)
0.4
(0.016)
A
4.0(0.157)
1.5
(0.054)
φ
φ 2.2
(0.087)
16.0(0.63)
B
AB
EF2-
∗∗
Max.10.9
10.0
EF2-
∗∗NU
(0.429)
(0.394)
EF2-
∗∗NUX
EF2-
∗∗NUH Max.11.1
8.0
EF2-
∗∗NUN
(0.437)
(0.315)
Relay orientation mark and tape carrying direction.
Orientation mark
Orientation mark
Tape carrying direction
L
EF2-***-L
Carrying tape type
Part number
R
EF2-****-R
Rubber stopper (Red)
Rubber stopper (Green)
Index Mark
543
± 1
11.9
± 0.3
(2.4)
( ) Reference
Outline of Package
Dimension of Package (Unit : mm)
35 pieces / Tube
Material : Polyvinyl chloride
(anti-static treated)
TUBE PACKAGE (ED2, EF2)
TAPE PACKAGE (EF2)


Similar Part No. - EF2-12TNU

ManufacturerPart #DatasheetDescription
logo
NEC
EF2-24NU NEC-EF2-24NU Datasheet
389Kb / 16P
   Ultra-low power, compact and lightweight, High breakdown voltage, Surface mounting type
EF2-24NUX NEC-EF2-24NUX Datasheet
389Kb / 16P
   Ultra-low power, compact and lightweight, High breakdown voltage, Surface mounting type
EF2-3NU NEC-EF2-3NU Datasheet
389Kb / 16P
   Ultra-low power, compact and lightweight, High breakdown voltage, Surface mounting type
EF2-3NUH-L NEC-EF2-3NUH-L Datasheet
389Kb / 16P
   Ultra-low power, compact and lightweight, High breakdown voltage, Surface mounting type
EF2-5NU NEC-EF2-5NU Datasheet
389Kb / 16P
   Ultra-low power, compact and lightweight, High breakdown voltage, Surface mounting type
More results

Similar Description - EF2-12TNU

ManufacturerPart #DatasheetDescription
logo
NEC
ED2-5NJ NEC-ED2-5NJ Datasheet
389Kb / 16P
   Ultra-low power, compact and lightweight, High breakdown voltage, Surface mounting type
logo
List of Unclassifed Man...
EE2-5NU ETC2-EE2-5NU Datasheet
228Kb / 12P
   Compact and lightweight, High breakdown voltage, Surface mounting type
logo
NEC
EE2-24NU NEC-EE2-24NU Datasheet
228Kb / 12P
   Compact and lightweight, High breakdown voltage, Surface mounting type
EC29SND NEC-EC29SND Datasheet
142Kb / 12P
   High Insulation, High breakdown voltage, compact and lightweight, Surface mounting type
EC2-5SNJ NEC-EC2-5SNJ Datasheet
100Kb / 11P
   COMPACT AND LIGHTWEIGHT, SMALL MOUNTING SIZE, HIGH BREAKDOWN VOLTAGE
EC29SNU NEC-EC29SNU Datasheet
107Kb / 8P
   COMPACT AND LIGHTWEIGHT, SMALL MOUNTING SIZE, HIGH BREAKDOWN VOLTAGE
EA2-24NU NEC-EA2-24NU Datasheet
106Kb / 12P
   COMPACT AND LIGHTWEIGHT
EA2-3SNU NEC-EA2-3SNU Datasheet
113Kb / 8P
   COMPACT AND LIGHTWEIGHT
logo
Panasonic Semiconductor
AEV14012W PANASONIC-AEV14012W Datasheet
203Kb / 9P
   Compact and lightweight
logo
KODENSHI_AUK CORP.
PIC-A1804 KODENSHI-PIC-A1804 Datasheet
1Mb / 3P
   Compact and lightweight design
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com