Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5000F Datasheet(PDF) 2 Page - GETAI ELECTRONICS DEVICE CO., LTD

Part # R5000F
Description  200mA 5.0kV 500nS-HIGH VOLTAGE DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GETEDZ [GETAI ELECTRONICS DEVICE CO., LTD]
Direct Link  http://www.hvgtsemi.com
Logo GETEDZ - GETAI ELECTRONICS DEVICE CO., LTD

R5000F Datasheet(HTML) 2 Page - GETAI ELECTRONICS DEVICE CO., LTD

  R5000F_16 Datasheet HTML 1Page - GETAI ELECTRONICS DEVICE CO., LTD R5000F_16 Datasheet HTML 2Page - GETAI ELECTRONICS DEVICE CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GETE ELECTRONIC CO.,LTD n E-mail:
Tel: 0086-20-8184 9628
n Fax: 0086-20-8184 9638 n www.hvgtsemi.com
02
GUANGZHOU * CHINA
www.getedz.com
sales@getedz.com
China Tel:
4001 83 84 85
RA TING AND CHARACTERISTIC CURVES:
R5000F
200mA 5.0kV 500nS-HIGH VOLTAGE DIODE


Similar Part No. - R5000F_16

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
R5000F LRC-R5000F_15 Datasheet
214Kb / 7P
   HIGH VOLTAGE FAST RECOVERY RECTIFIERS
More results

Similar Description - R5000F_16

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
R4000F GETEDZ-R4000F_16 Datasheet
296Kb / 2P
   200mA 4.0kV 500nS-HIGH VOLTAGE DIODE
R3000F GETEDZ-R3000F_16 Datasheet
296Kb / 2P
   200mA 3.0kV 500nS-HIGH VOLTAGE DIODE
R2000F GETEDZ-R2000F_16 Datasheet
293Kb / 2P
   200mA 2.0kV 500nS-HIGH VOLTAGE DIODE
HV200F062CL2FE GETEDZ-HV200F062CL2FE Datasheet
66Kb / 1P
   6.0kV 200mA HIGH VOLTAGE DIODE
CL03-15F GETEDZ-CL03-15F Datasheet
80Kb / 1P
   15kV 200mA HIGH VOLTAGE DIODE
HV37-20F GETEDZ-HV37-20F Datasheet
80Kb / 1P
   20kV 200mA HIGH VOLTAGE DIODE
HV200F042CL2FD GETEDZ-HV200F042CL2FD Datasheet
66Kb / 1P
   4.0kV 200mA HIGH VOLTAGE DIODE
CL03-15 GETEDZ-CL03-15 Datasheet
80Kb / 1P
   15kV 200mA HIGH VOLTAGE DIODE
HV37-20 GETEDZ-HV37-20 Datasheet
80Kb / 1P
   20kV 200mA HIGH VOLTAGE DIODE
HC5 GETEDZ-HC5 Datasheet
120Kb / 1P
   5.0kV 1.0A HIGH VOLTAGE DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com