Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0760605220 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0760605220
Description  Impact 100 Ohm 5 Pair Right Angle Daughtercard Receptacle, Right Guided
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

0760605220 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0760605220 Datasheet HTML 1Page - Molex Electronics Ltd. 0760605220 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical
Current - Maximum per Contact
0.75A
Data Rate
25.0 Gbps
Impedance
100Ω
Shield Type
N/A
Shielded
No
Voltage - Maximum
30V AC (RMS)/DC
Material Info
Reference - Drawing Numbers
Application Specification
AS-76060-990-001, AS-76060-9999-001
Electrical Model Document
EE-76060-003
Packaging Specification
PK-70873-611
Product Specification
PS-76060-999-001
S-Parameter Model
SP-76060-003
Sales Drawing
SD-76060-004
Symbol/Footprint Data
SYM-76060-5220
This document was generated on 11/21/2016
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0760605220

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0760605220 MOLEX1-0760605220_17 Datasheet
50Kb / 2P
   Impact 100 Ohm 5 Pair Right Angle Daughtercard Receptacle, Right Guided
More results

Similar Description - 0760605220

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0760605014 MOLEX11-0760605014 Datasheet
49Kb / 2P
   Impact 100 Ohm 5 Pair Right Angle Daughtercard Receptacle, Right Guided
0760605020 MOLEX11-0760605020 Datasheet
52Kb / 2P
   Impact 100 Ohm 5 Pair Right Angle Daughtercard Receptacle, Right Guided
0760605166 MOLEX11-0760605166 Datasheet
53Kb / 2P
   Impact 100 Ohm 5 Pair Right Angle Daughtercard Receptacle, Right Guided
0760605020 MOLEX1-0760605020_17 Datasheet
50Kb / 2P
   Impact 100 Ohm 5 Pair Right Angle Daughtercard Receptacle, Right Guided
0760605022 MOLEX1-0760605022_17 Datasheet
48Kb / 2P
   Impact 100 Ohm 5 Pair Right Angle Daughtercard Receptacle, Right Guided
0760605026 MOLEX1-0760605026_17 Datasheet
51Kb / 2P
   Impact 100 Ohm 5 Pair Right Angle Daughtercard Receptacle, Right Guided
0760605012 MOLEX11-0760605012 Datasheet
49Kb / 2P
   Impact 100 Ohm 5 Pair Right Angle Daughtercard Receptacle, Right Guided
0760605024 MOLEX1-0760605024_17 Datasheet
49Kb / 2P
   Impact 100 Ohm 5 Pair Right Angle Daughtercard Receptacle, Right Guided
0760605166 MOLEX1-0760605166_17 Datasheet
51Kb / 2P
   Impact 100 Ohm 5 Pair Right Angle Daughtercard Receptacle, Right Guided
0760605220 MOLEX1-0760605220_17 Datasheet
50Kb / 2P
   Impact 100 Ohm 5 Pair Right Angle Daughtercard Receptacle, Right Guided
0760605024 MOLEX11-0760605024 Datasheet
49Kb / 2P
   Impact 100 Ohm 5 Pair Right Angle Daughtercard Receptacle, Right Guided
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com