Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EF2-24SNUX Datasheet(PDF) 5 Page - NEC

Part # EF2-24SNUX
Description  Ultra-low power, compact and lightweight, High breakdown voltage, Surface mounting type
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

EF2-24SNUX Datasheet(HTML) 5 Page - NEC

  EF2-24SNUX Datasheet HTML 1Page - NEC EF2-24SNUX Datasheet HTML 2Page - NEC EF2-24SNUX Datasheet HTML 3Page - NEC EF2-24SNUX Datasheet HTML 4Page - NEC EF2-24SNUX Datasheet HTML 5Page - NEC EF2-24SNUX Datasheet HTML 6Page - NEC EF2-24SNUX Datasheet HTML 7Page - NEC EF2-24SNUX Datasheet HTML 8Page - NEC EF2-24SNUX Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
ED2/EF2 SERIES
5
DATA SHEET ER0304EJ2V0DS00
PART NUMBER SYSTEM
EF2 - 5 S NUH
Latch type
Nil : Non-latch type (Note 2)
S
: Single coil latch type
T
: Double coil latch type
Nominal coil voltage
1.5, 3, 4.5, 5, 6, 9, 12, 24 volts
EF2 series
Feature
Nil
: Standard type
NU
: UL recognized, CSA certified type
NUX : High solder joint reliability (20 years)
NUH : Minimum footprint (7.5
× 15)
NUN : High solder joint reliability with minimum footprint
ED2 – 9 S NU
Nil : Standard type
NU : UL recognized, CSA certified type
NJ : Trimed leads
(UL recognized, CSA certified type)
Latch type
Nil : Non-latch type (Note 1)
S : Single coil latch type
T : Double coil latch type
Nominal coil voltage
1.5, 3, 4.5, 5, 6, 9, 12, 24 V
ED2 series
(UL, CSA : Under application for latch type)
Additional “N” type
Standard type
Part Number
ED2-*NU
-*NJ
ED2-
Must Operate Voltage
75%
80%
Note 1. There are two specification in operate voltage of Non-latch type relay.
∗ : Nominal coil voltage
Additional “N” type
Standard type
Part Number
ED2-*NU
-*NUX
-*NUH
-*NUN
EF2-
Must Operate Voltage
75%
80%
Note 2. There are two specification in operate voltage of Non-latch type relay.
∗ : Nominal coil voltage


Similar Part No. - EF2-24SNUX

ManufacturerPart #DatasheetDescription
logo
NEC
EF2-24NU NEC-EF2-24NU Datasheet
389Kb / 16P
   Ultra-low power, compact and lightweight, High breakdown voltage, Surface mounting type
EF2-24NUX NEC-EF2-24NUX Datasheet
389Kb / 16P
   Ultra-low power, compact and lightweight, High breakdown voltage, Surface mounting type
More results

Similar Description - EF2-24SNUX

ManufacturerPart #DatasheetDescription
logo
NEC
ED2-5NJ NEC-ED2-5NJ Datasheet
389Kb / 16P
   Ultra-low power, compact and lightweight, High breakdown voltage, Surface mounting type
logo
List of Unclassifed Man...
EE2-5NU ETC2-EE2-5NU Datasheet
228Kb / 12P
   Compact and lightweight, High breakdown voltage, Surface mounting type
logo
NEC
EE2-24NU NEC-EE2-24NU Datasheet
228Kb / 12P
   Compact and lightweight, High breakdown voltage, Surface mounting type
EC29SND NEC-EC29SND Datasheet
142Kb / 12P
   High Insulation, High breakdown voltage, compact and lightweight, Surface mounting type
EC2-5SNJ NEC-EC2-5SNJ Datasheet
100Kb / 11P
   COMPACT AND LIGHTWEIGHT, SMALL MOUNTING SIZE, HIGH BREAKDOWN VOLTAGE
EC29SNU NEC-EC29SNU Datasheet
107Kb / 8P
   COMPACT AND LIGHTWEIGHT, SMALL MOUNTING SIZE, HIGH BREAKDOWN VOLTAGE
EA2-24NU NEC-EA2-24NU Datasheet
106Kb / 12P
   COMPACT AND LIGHTWEIGHT
EA2-3SNU NEC-EA2-3SNU Datasheet
113Kb / 8P
   COMPACT AND LIGHTWEIGHT
logo
Panasonic Semiconductor
AEV14012W PANASONIC-AEV14012W Datasheet
203Kb / 9P
   Compact and lightweight
logo
KODENSHI_AUK CORP.
PIC-A1804 KODENSHI-PIC-A1804 Datasheet
1Mb / 3P
   Compact and lightweight design
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com