Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SQ4284EY Datasheet(PDF) 9 Page - Vishay Siliconix

Part # SQ4284EY
Description  Automotive Dual N-Channel 40 V (D-S) MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQ4284EY Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button SQ4284EY Datasheet HTML 2Page - Vishay Siliconix SQ4284EY Datasheet HTML 3Page - Vishay Siliconix SQ4284EY Datasheet HTML 4Page - Vishay Siliconix SQ4284EY Datasheet HTML 5Page - Vishay Siliconix SQ4284EY Datasheet HTML 6Page - Vishay Siliconix SQ4284EY Datasheet HTML 7Page - Vishay Siliconix SQ4284EY Datasheet HTML 8Page - Vishay Siliconix SQ4284EY Datasheet HTML 9Page - Vishay Siliconix SQ4284EY Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Application Note 826
Vishay Siliconix
www.vishay.com
Document Number: 72606
22
Revision: 21-Jan-08
RECOMMENDED MINIMUM PADS FOR SO-8
Recommended Minimum Pads
Dimensions in Inches/(mm)
0.172
(4.369)
0.028
(0.711)
0.050
(1.270)
0.022
(0.559)
Return to Index
Return to Index


Similar Part No. - SQ4284EY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQ4284EY VISHAY-SQ4284EY Datasheet
206Kb / 10P
   Automotive P-Channel 30 V (D-S) 175 °C MOSFET
Rev. C, 20-May-13
SQ4284EY VISHAY-SQ4284EY Datasheet
217Kb / 9P
   Automotive Dual N-Channel 40 V (D-S) 175 째C MOSFET
01-Jan-2022
SQ4284EY VISHAY-SQ4284EY Datasheet
216Kb / 9P
   Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFET
01-Jan-2023
logo
VBsemi Electronics Co.,...
SQ4284EY-T1-GE3 VBSEMI-SQ4284EY-T1-GE3 Datasheet
1Mb / 9P
   Dual N-Channel 60 V (D-S) 175 째C MOSFET
logo
Vishay Siliconix
SQ4284EY VISHAY-SQ4284EY_15 Datasheet
257Kb / 11P
   Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFET
Rev. D, 22-Apr-13
More results

Similar Description - SQ4284EY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQ4940AEY VISHAY-SQ4940AEY Datasheet
252Kb / 10P
   Automotive Dual N-Channel 40 V (D-S) MOSFET
Rev. A, 20-Jan-14
SQJ970EP VISHAY-SQJ970EP Datasheet
156Kb / 9P
   Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFET
Rev. C, 19-Dec-11
SQJQ904E VISHAY-SQJQ904E Datasheet
214Kb / 7P
   Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFET
Rev. A, 20-Feb-17
SQJ912DEP VISHAY-SQJ912DEP Datasheet
262Kb / 9P
   Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFET
Rev. A, 03-Aug-2020
SQJQ900E VISHAY-SQJQ900E Datasheet
287Kb / 10P
   Automotive Dual N-Channel 40 V (D-S) 175 째C MOSFET
01-Jan-2022
SQJQ906E VISHAY-SQJQ906E Datasheet
191Kb / 7P
   Automotive Dual N-Channel 40 V (D-S) 175 째C MOSFET
08-Feb-17
SQJB48EP VISHAY-SQJB48EP_V01 Datasheet
271Kb / 10P
   Automotive Dual N-Channel 40 V (D-S) 175 째C MOSFET
01-Jan-2022
SQJQ904E VISHAY-SQJQ904E_V01 Datasheet
267Kb / 10P
   Automotive Dual N-Channel 40 V (D-S) 175 째C MOSFET
01-Jan-2022
SQJB48EP VISHAY-SQJB48EP_V02 Datasheet
270Kb / 10P
   Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFET
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com