Electronic Components Datasheet Search |
|
EB2-12TNUH-N Datasheet(PDF) 2 Page - NEC |
|
EB2-12TNUH-N Datasheet(HTML) 2 Page - NEC |
2 / 8 page 2 EB2 SERIES DATA SHEET ER0016EJ5V0DS00 PART NUMBER SYSTEM EB2 - 5 S NUH - L EB2 series Nominal voltage 3, 4.5, 5, 6, 9, 12, 24 volts Latch type Nil : Non latch type S : Single coil latch type T : Double coil latch type Packaging code Nil : Tube type L : Embossd carrying type (L type) R : Embossd carrying type (R type) Feature Nil : Standard type NU : UL recognized, CSA certified standard type NUH : Minimum footprint type ∗ NUE : Low profile type ∗ NUL : Ultra-low profile type ∗ ∗ UL recognized, CSA certified type OUTLINE DRAWINGS AND DIMENSIONS PAD LAYOUTS (bottom view) 14.3 MAX.(0.56) 9.3 MAX.(0.37) 14.3 MAX.(0.56) 9.3 MAX.(0.37) 11.5(0.45) 7.62(0.30) 9.3(0.37) 7.62(0.30) 2.54 (0.1) 2.54 2.54 2.54 Note. General tolerance: ±0.2 (±0.008) ∗ Relay hight of NUE TYPE – 6.5 mm (0.26) MAX. (Initial) Note. General tolerance: ±0.1 (±0.004) 2.54 (0.1) 2.54 2.54 2.54 EB2-..NUH EB2-.. EB2-..NU EB2-..NUE Unit: mm (inch) EB2-..NUH EB2-.. EB2-..NU EB2-..NUE EB2-..NUL Unit: mm (inch) 2.54(0.1) 1.0(0.04) 2.54(0.1) 1.0(0.04) 14.3 MAX.(0.56) 9.3 MAX.(0.37) 11.5 (0.45) 7.62 (0.30) 2.54 (0.1) 2.54 2.54 2.54 EB2-..NUL PIN CONFIGURATIONS (bottom view) 12 3 4 5 10 9 8 7 6 12 3 4 5 12 3 4 5 10 9 8 S R S R 76 10 9 8 7 6 Index mark of relay derection Non-latch type (not energized position) Single coil latch type (reset position) S : Coil polarity of set (operate) R : Coil polarity of reset (release) Double coil latch type (reset position) |
Similar Part No. - EB2-12TNUH-N |
|
Similar Description - EB2-12TNUH-N |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |