Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SQ4946EY Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SQ4946EY
Description  Dual N-Channel 60 V (D-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQ4946EY Datasheet(HTML) 4 Page - Vishay Siliconix

  SQ4946EY Datasheet HTML 1Page - Vishay Siliconix SQ4946EY Datasheet HTML 2Page - Vishay Siliconix SQ4946EY Datasheet HTML 3Page - Vishay Siliconix SQ4946EY Datasheet HTML 4Page - Vishay Siliconix SQ4946EY Datasheet HTML 5Page - Vishay Siliconix SQ4946EY Datasheet HTML 6Page - Vishay Siliconix SQ4946EY Datasheet HTML 7Page - Vishay Siliconix SQ4946EY Datasheet HTML 8Page - Vishay Siliconix SQ4946EY Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.vishay.com
Document Number: 74492
4
S-81560-Rev. C, 23-Oct-08
SQ4946EY
Vishay Siliconix
TYPICAL CHARACTERISTICS TA = 25 °C, unless otherwise noted
On-Resistance vs. Junction Temperature
On-Resistance vs. Gate-to-Source Voltage
Source Drain Diode Forward Voltage
Drain Source Breakdown
vs. Junction Temperature
0.4
0.7
1.0
1.3
1.6
1.9
2.2
- 50
- 25
0
25
50
75
100
125
150
175
VGS = 10 V
ID = 4.5 A
TJ - Junction Temperature (°C)
- 1.0
- 0.8
- 0.6
- 0.4
- 0.2
0.0
0.2
0.4
- 50
- 25
0
25
50
75
100
125
150
175
ID = 250 µA
TJ - Temperature (°C)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1
10
20
VSD - Source-to-Drain Voltage (V)
TJ = 25 °C
TJ = 175 °C
40
44
48
52
56
- 50
- 25
0
25
50
75
100
125
150
175
TJ - Junction Temperature (°C)
Graph to be available
upon completion
of testing


Similar Part No. - SQ4946EY

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SQ4946EY-T1-E3 VBSEMI-SQ4946EY-T1-E3 Datasheet
1Mb / 9P
   Dual N-Channel 60 V (D-S) 175 째C MOSFET
More results

Similar Description - SQ4946EY

ManufacturerPart #DatasheetDescription
logo
Analog Power
AMA960N ANALOGPOWER-AMA960N Datasheet
354Kb / 5P
   Dual N-Channel 60-V (D-S) MOSFET
AM7962N ANALOGPOWER-AM7962N Datasheet
69Kb / 2P
   Dual N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SI9945BDY VISHAY-SI9945BDY Datasheet
271Kb / 10P
   Dual N-Channel 60-V (D-S) MOSFET
Rev. A, 02-Mar-09
logo
VBsemi Electronics Co.,...
2N7002KDW VBSEMI-2N7002KDW Datasheet
945Kb / 6P
   Dual N-Channel 60 V (D-S) MOSFET
VBK362K VBSEMI-VBK362K Datasheet
494Kb / 6P
   Dual N-Channel 60 V (D-S) MOSFET
SI1926DL-T1-GE3 VBSEMI-SI1926DL-T1-GE3 Datasheet
945Kb / 6P
   Dual N-Channel 60 V (D-S) MOSFET
logo
Vishay Siliconix
SI1926DL VISHAY-SI1926DL_V01 Datasheet
252Kb / 11P
   Dual N-Channel 60 V (D-S) MOSFET
01-Jan-2022
logo
VBsemi Electronics Co.,...
435YW VBSEMI-435YW Datasheet
945Kb / 6P
   Dual N-Channel 60 V (D-S) MOSFET
UM6K31NTN VBSEMI-UM6K31NTN Datasheet
945Kb / 6P
   Dual N-Channel 60 V (D-S) MOSFET
UM6K33NTN VBSEMI-UM6K33NTN Datasheet
945Kb / 6P
   Dual N-Channel 60 V (D-S) MOSFET
logo
Vishay Siliconix
SIS9634LDN VISHAY-SIS9634LDN Datasheet
209Kb / 7P
   Dual N-Channel 60-V (D-S) MOSFET
Rev. A, 26-Sep-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com