Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EF2-4.5TNUX Datasheet(PDF) 3 Page - NEC

Part # EF2-4.5TNUX
Description  Ultra-low power, compact and lightweight, High breakdown voltage, Surface mounting type
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

EF2-4.5TNUX Datasheet(HTML) 3 Page - NEC

  EF2-4.5TNUX Datasheet HTML 1Page - NEC EF2-4.5TNUX Datasheet HTML 2Page - NEC EF2-4.5TNUX Datasheet HTML 3Page - NEC EF2-4.5TNUX Datasheet HTML 4Page - NEC EF2-4.5TNUX Datasheet HTML 5Page - NEC EF2-4.5TNUX Datasheet HTML 6Page - NEC EF2-4.5TNUX Datasheet HTML 7Page - NEC EF2-4.5TNUX Datasheet HTML 8Page - NEC EF2-4.5TNUX Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
ED2/EF2 SERIES
3
DATA SHEET ER0304EJ2V0DS00
PIN CONFIGURATIONS (bottom view)
ED2 SERIES
Index mark of
relay direction
Non-latch type
(not energized position)
Single coil latch type
(reset position)
Double coil latch type
(reset position)
S : Coil polarity of set (operate)
R : Coil polarity of reset (release)
13
4
5
6
12
10
9
8
7
13
4
5
12
10
9
8
13
4
5
12
10
9
S
RS
R
8
13
4
5
12
10
9
8
R
Index mark of
relay direction
13
4
5
12
10
9
8
6
7
13
4
5
12
10
9
8
S
R
S
Non-latch type
(not energized position)
Single coil latch type
(reset position)
Double coil latch type
(reset position)
S : Coil polarity of set (operate)
R : Coil polarity of reset (release)
EF2 SERIES
ED2-5NU
9717
JAPAN
JAPAN
1
4
3
6
5
2
ED2-5
9717
1
4
3
5
2
q Part number
w Manufacturer
e Country of origin
r Date code
t Index mark of relay direction
(pin No. 1, 12)
y UL, CSA Marking
Standard type
UL recognized,
CSA certified type (Under application for latch type)
MARKINGS (top view)
UL Recognized
CSA Certificated
(UL508)*
(CSA C22.2 No14)
File No E73266
File No LR46266
30 Vdc, 1 A
(Resistive)
110 Vdc, 0.3 A (Resistive)
125 Vac, 0.5 A (Resistive)
* Spacing : UL114, UL478
SAFETY STANDARD AND RATING


Similar Part No. - EF2-4.5TNUX

ManufacturerPart #DatasheetDescription
logo
NEC
EF2-24NU NEC-EF2-24NU Datasheet
389Kb / 16P
   Ultra-low power, compact and lightweight, High breakdown voltage, Surface mounting type
EF2-24NUX NEC-EF2-24NUX Datasheet
389Kb / 16P
   Ultra-low power, compact and lightweight, High breakdown voltage, Surface mounting type
EF2-3NU NEC-EF2-3NU Datasheet
389Kb / 16P
   Ultra-low power, compact and lightweight, High breakdown voltage, Surface mounting type
EF2-3NUH-L NEC-EF2-3NUH-L Datasheet
389Kb / 16P
   Ultra-low power, compact and lightweight, High breakdown voltage, Surface mounting type
EF2-5NU NEC-EF2-5NU Datasheet
389Kb / 16P
   Ultra-low power, compact and lightweight, High breakdown voltage, Surface mounting type
More results

Similar Description - EF2-4.5TNUX

ManufacturerPart #DatasheetDescription
logo
NEC
ED2-5NJ NEC-ED2-5NJ Datasheet
389Kb / 16P
   Ultra-low power, compact and lightweight, High breakdown voltage, Surface mounting type
logo
List of Unclassifed Man...
EE2-5NU ETC2-EE2-5NU Datasheet
228Kb / 12P
   Compact and lightweight, High breakdown voltage, Surface mounting type
logo
NEC
EE2-24NU NEC-EE2-24NU Datasheet
228Kb / 12P
   Compact and lightweight, High breakdown voltage, Surface mounting type
EC29SND NEC-EC29SND Datasheet
142Kb / 12P
   High Insulation, High breakdown voltage, compact and lightweight, Surface mounting type
EC2-5SNJ NEC-EC2-5SNJ Datasheet
100Kb / 11P
   COMPACT AND LIGHTWEIGHT, SMALL MOUNTING SIZE, HIGH BREAKDOWN VOLTAGE
EC29SNU NEC-EC29SNU Datasheet
107Kb / 8P
   COMPACT AND LIGHTWEIGHT, SMALL MOUNTING SIZE, HIGH BREAKDOWN VOLTAGE
EA2-24NU NEC-EA2-24NU Datasheet
106Kb / 12P
   COMPACT AND LIGHTWEIGHT
EA2-3SNU NEC-EA2-3SNU Datasheet
113Kb / 8P
   COMPACT AND LIGHTWEIGHT
logo
Panasonic Semiconductor
AEV14012W PANASONIC-AEV14012W Datasheet
203Kb / 9P
   Compact and lightweight
logo
KODENSHI_AUK CORP.
PIC-A1804 KODENSHI-PIC-A1804 Datasheet
1Mb / 3P
   Compact and lightweight design
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com