Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EF2-24TNUX Datasheet(PDF) 1 Page - NEC

Part # EF2-24TNUX
Description  Ultra-low power, compact and lightweight, High breakdown voltage, Surface mounting type
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

EF2-24TNUX Datasheet(HTML) 1 Page - NEC

  EF2-24TNUX Datasheet HTML 1Page - NEC EF2-24TNUX Datasheet HTML 2Page - NEC EF2-24TNUX Datasheet HTML 3Page - NEC EF2-24TNUX Datasheet HTML 4Page - NEC EF2-24TNUX Datasheet HTML 5Page - NEC EF2-24TNUX Datasheet HTML 6Page - NEC EF2-24TNUX Datasheet HTML 7Page - NEC EF2-24TNUX Datasheet HTML 8Page - NEC EF2-24TNUX Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
DATA SHEET
ED2/EF2 SERIES
MINIATURE SIGNAL RELAY
Ultra-low power, compact and lightweight, High breakdown voltage,
Surface mounting type
DESCRIPTION
NEC's new miniature signal relays, ED2/EF2 series, achieved 50 mW of ultra low power consumption.
FEATURES
™ Low power consumption (50 mW)
™ Applicable for the surge voltage standard of FCC (1500 V, 10
× 160
µs) and BELLCORE (2500 V, 2 × 10 µs)
™ Two types for through-hole mounting (ED2 series) and surface mounting (EF2 series)
™ Variation of dense mounting type and/or long-joint-life type for latest SMT
• Compatible configuration and terminal allocation with dense mounting type of EE2 series
• Upgraded soldering joint reliability between the relay terminal and PCB by optimization of the terminal
configuration;
20-year-joint-life under 35˚C-per-day-temperature-difference specified in IPC-SM-785 for telecommuication
equipment
APPLICATIONS
Electronic switching systems, PBX, terminal equipment, telephone system, instrumental equipment.
For Right Use of Miniature Relays
DO NOT EXCEED MAXIMUM RATINGS.
Do not use relays under exceeding conditions such as over ambient temperature, over voltage
and over current. Incorrect use could result in abnormal heating, damage to related parts or
cause burning.
READ CAUTIONS IN THE SELECTION GUIDE.
Read the cautions described in NEC's "Miniature Relays" (ER0046EJ
∗) when you choose relays
for your application.
Document No. ER0304EJ2V0DS00 (2nd edition)
Date Published February 1999 M
Printed in Japan
The information in this document is subject to change without notice.
©
1997


Similar Part No. - EF2-24TNUX

ManufacturerPart #DatasheetDescription
logo
NEC
EF2-24NU NEC-EF2-24NU Datasheet
389Kb / 16P
   Ultra-low power, compact and lightweight, High breakdown voltage, Surface mounting type
EF2-24NUX NEC-EF2-24NUX Datasheet
389Kb / 16P
   Ultra-low power, compact and lightweight, High breakdown voltage, Surface mounting type
More results

Similar Description - EF2-24TNUX

ManufacturerPart #DatasheetDescription
logo
NEC
ED2-5NJ NEC-ED2-5NJ Datasheet
389Kb / 16P
   Ultra-low power, compact and lightweight, High breakdown voltage, Surface mounting type
logo
List of Unclassifed Man...
EE2-5NU ETC2-EE2-5NU Datasheet
228Kb / 12P
   Compact and lightweight, High breakdown voltage, Surface mounting type
logo
NEC
EE2-24NU NEC-EE2-24NU Datasheet
228Kb / 12P
   Compact and lightweight, High breakdown voltage, Surface mounting type
EC29SND NEC-EC29SND Datasheet
142Kb / 12P
   High Insulation, High breakdown voltage, compact and lightweight, Surface mounting type
EC2-5SNJ NEC-EC2-5SNJ Datasheet
100Kb / 11P
   COMPACT AND LIGHTWEIGHT, SMALL MOUNTING SIZE, HIGH BREAKDOWN VOLTAGE
EC29SNU NEC-EC29SNU Datasheet
107Kb / 8P
   COMPACT AND LIGHTWEIGHT, SMALL MOUNTING SIZE, HIGH BREAKDOWN VOLTAGE
EA2-24NU NEC-EA2-24NU Datasheet
106Kb / 12P
   COMPACT AND LIGHTWEIGHT
EA2-3SNU NEC-EA2-3SNU Datasheet
113Kb / 8P
   COMPACT AND LIGHTWEIGHT
logo
Panasonic Semiconductor
AEV14012W PANASONIC-AEV14012W Datasheet
203Kb / 9P
   Compact and lightweight
logo
KODENSHI_AUK CORP.
PIC-A1804 KODENSHI-PIC-A1804 Datasheet
1Mb / 3P
   Compact and lightweight design
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com