Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC2-9SNP Datasheet(PDF) 6 Page - NEC

Part # EC2-9SNP
Description  COMPACT AND LIGHTWEIGHT, SMALL MOUNTING SIZE, HIGH BREAKDOWN VOLTAGE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

EC2-9SNP Datasheet(HTML) 6 Page - NEC

  EC2-9SNP Datasheet HTML 1Page - NEC EC2-9SNP Datasheet HTML 2Page - NEC EC2-9SNP Datasheet HTML 3Page - NEC EC2-9SNP Datasheet HTML 4Page - NEC EC2-9SNP Datasheet HTML 5Page - NEC EC2-9SNP Datasheet HTML 6Page - NEC EC2-9SNP Datasheet HTML 7Page - NEC EC2-9SNP Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
EC2 SERIES
DATA SHEET ER0002EJ4V0DS00
+40
+30
+20
+10
0
I
II
III
IV
V
VI
10
20
30
40
+40
+30
+20
+10
0
I
II
III
IV
V
VI
10
20
30
40
2.54
ON
ON
ON
ON
ON
ON
OFF
OFF
ON
OFF
OFF
I
II
III
IV
Layout V
OFF
OFF
OFF
Layout VI
Mounting Layout (mm)
Layout
Layout
Layout
Layout
Sample
Min.
Max.
Min.
Max.
Layout
Layout
MAGNETIC INTERFERENCE
BREAKDOWN VOLTAGE
0.5
1.0
Breakdown voltage (kV)
Breakdown voltage (kV)
Breakdown voltage (kV)
10
5
0
1.5
Sample : EC2-5
(a) Between Open Contacts
(n = 10 pcs)
(a) Between Adjacent Contacts
(n = 10 pcs)
(a) Between Coil and Contacts
(n = 25 pcs)
1.5
2.0
10
5
0
2.5
2.0
2.5
10
5
0
3.0


Similar Part No. - EC2-9SNP

ManufacturerPart #DatasheetDescription
logo
NEC
EC2-9SND NEC-EC2-9SND Datasheet
142Kb / 12P
   High Insulation, High breakdown voltage, compact and lightweight, Surface mounting type
logo
Kemet Corporation
EC2-9SNU KEMET-EC2-9SNU Datasheet
87Kb / 1P
   Relays, Signal, KEMET, EC2
More results

Similar Description - EC2-9SNP

ManufacturerPart #DatasheetDescription
logo
NEC
EC2-5SNJ NEC-EC2-5SNJ Datasheet
100Kb / 11P
   COMPACT AND LIGHTWEIGHT, SMALL MOUNTING SIZE, HIGH BREAKDOWN VOLTAGE
logo
List of Unclassifed Man...
EE2-5NU ETC2-EE2-5NU Datasheet
228Kb / 12P
   Compact and lightweight, High breakdown voltage, Surface mounting type
logo
NEC
EE2-24NU NEC-EE2-24NU Datasheet
228Kb / 12P
   Compact and lightweight, High breakdown voltage, Surface mounting type
EC29SND NEC-EC29SND Datasheet
142Kb / 12P
   High Insulation, High breakdown voltage, compact and lightweight, Surface mounting type
ED2-5NJ NEC-ED2-5NJ Datasheet
389Kb / 16P
   Ultra-low power, compact and lightweight, High breakdown voltage, Surface mounting type
ED29SNU NEC-ED29SNU Datasheet
159Kb / 16P
   Ultra-low power, compact and lightweight, High breakdown voltage, Surface mounting type
logo
Panasonic Semiconductor
ERJ-8GEYJ182V PANASONIC-ERJ-8GEYJ182V Datasheet
84Kb / 2P
   Small size and lightweight
ERJ-8GEYJ102V PANASONIC-ERJ-8GEYJ102V Datasheet
84Kb / 2P
   Small size and lightweight
logo
NEC
EA2-24NU NEC-EA2-24NU Datasheet
106Kb / 12P
   COMPACT AND LIGHTWEIGHT
EA2-3SNU NEC-EA2-3SNU Datasheet
113Kb / 8P
   COMPACT AND LIGHTWEIGHT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com