Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC2-6TNP Datasheet(PDF) 2 Page - NEC

Part # EC2-6TNP
Description  COMPACT AND LIGHTWEIGHT, SMALL MOUNTING SIZE, HIGH BREAKDOWN VOLTAGE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

EC2-6TNP Datasheet(HTML) 2 Page - NEC

  EC2-6TNP Datasheet HTML 1Page - NEC EC2-6TNP Datasheet HTML 2Page - NEC EC2-6TNP Datasheet HTML 3Page - NEC EC2-6TNP Datasheet HTML 4Page - NEC EC2-6TNP Datasheet HTML 5Page - NEC EC2-6TNP Datasheet HTML 6Page - NEC EC2-6TNP Datasheet HTML 7Page - NEC EC2-6TNP Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
EC2 SERIES
DATA SHEET ER0002EJ4V0DS00
OUTLINE DRAWING AND DIMENSIONS
PAD LAYOUT (bottom view)
Unit : mm (inch)
MARKINGS
EC2-5NU
9206
JAPAN
JAPAN
1
4
3
6
5
2
EC2-5
9206
1
4
3
5
2
q Part number
w Manufacturer
e Country of origin
r Date code
t Index mark of relay direction
(pin No. 1, 12)
y UL, CSA Marking
Standard type
UL recognized,
CSA certified type
PIN CONFIGURATIONS (bottom view)
7.5 (0.30) MAX.
5.08
0.25
(0.01)
0.5
(0.02)
15.0 (0.59) MAX.
5.08 2.54 2.54 2.54
(0.20)(0.10)(0.10)(0.10)
(0.20)
Note. General tolerance :
0.2 ( 0.008)
Dimensions in
show basic size.
NJ type : Leads-2.8 mm (0.11)
+
+
Note. General tolerance : 0.1 ( 0.004)
+
+
4
× 2.54 (0.1)
8 - 0.8 (0.31)
5
× 2.54 (0.1)
2.54
(0.10)
2.54
(0.10)
10- 0.8 (0.31)
φφ
Non-latch and Single coil latch
Double coil latch
Index mark of
relay direction
Non-latch type
(not energized position)
Single coil latch type
(reset position)
Double coil latch type
(reset position)
S : Coil polarity of set (operate)
R : Coil polarity of reset (release)
13
4
5
6
12
10
9
8
7
13
4
5
12
10
9
8
13
4
5
12
10
9
S
RS
R
8
SAFETY STANDARD AND RATING
UL Recognized
(UL508)∗
File No E73266
CSA Certificated
(CSA C22.2 No 14)
File No LR46266
30 Vdc, 2A
(Resistive)
110 Vdc, 0.3A (Resistive)
125 Vdc, 0.5A (Resistive)
∗ Spacing : UL114, UL478
TUV Certificate
(EN60255 / IEC60255)
Creepage and clearance of
coil to contact is more than 2 mm.
(According EN60950)
Basic insulation class
No. R 9751153
(Nonlatch and Single-coil-latch)


Similar Part No. - EC2-6TNP

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
EC2-12 SAMTEC-EC2-12 Datasheet
472Kb / 1P
   SHROUDED IDC EJECTOR HEADER
logo
Kemet Corporation
EC2-12ND KEMET-EC2-12ND Datasheet
86Kb / 1P
   Relays, Signal, KEMET, EC2
logo
NEC
EC2-12NJ NEC-EC2-12NJ Datasheet
100Kb / 11P
   COMPACT AND LIGHTWEIGHT, SMALL MOUNTING SIZE, HIGH BREAKDOWN VOLTAGE
EC2-12NU NEC-EC2-12NU Datasheet
100Kb / 11P
   COMPACT AND LIGHTWEIGHT, SMALL MOUNTING SIZE, HIGH BREAKDOWN VOLTAGE
logo
Kemet Corporation
EC2-12NU KEMET-EC2-12NU Datasheet
86Kb / 1P
   Relays, Signal, EC2
More results

Similar Description - EC2-6TNP

ManufacturerPart #DatasheetDescription
logo
NEC
EC2-5SNJ NEC-EC2-5SNJ Datasheet
100Kb / 11P
   COMPACT AND LIGHTWEIGHT, SMALL MOUNTING SIZE, HIGH BREAKDOWN VOLTAGE
logo
List of Unclassifed Man...
EE2-5NU ETC2-EE2-5NU Datasheet
228Kb / 12P
   Compact and lightweight, High breakdown voltage, Surface mounting type
logo
NEC
EE2-24NU NEC-EE2-24NU Datasheet
228Kb / 12P
   Compact and lightweight, High breakdown voltage, Surface mounting type
EC29SND NEC-EC29SND Datasheet
142Kb / 12P
   High Insulation, High breakdown voltage, compact and lightweight, Surface mounting type
ED2-5NJ NEC-ED2-5NJ Datasheet
389Kb / 16P
   Ultra-low power, compact and lightweight, High breakdown voltage, Surface mounting type
ED29SNU NEC-ED29SNU Datasheet
159Kb / 16P
   Ultra-low power, compact and lightweight, High breakdown voltage, Surface mounting type
logo
Panasonic Semiconductor
ERJ-8GEYJ182V PANASONIC-ERJ-8GEYJ182V Datasheet
84Kb / 2P
   Small size and lightweight
ERJ-8GEYJ102V PANASONIC-ERJ-8GEYJ102V Datasheet
84Kb / 2P
   Small size and lightweight
logo
NEC
EA2-24NU NEC-EA2-24NU Datasheet
106Kb / 12P
   COMPACT AND LIGHTWEIGHT
EA2-3SNU NEC-EA2-3SNU Datasheet
113Kb / 8P
   COMPACT AND LIGHTWEIGHT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com