Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ED2-3SNJ Datasheet(PDF) 8 Page - NEC

Part # ED2-3SNJ
Description  Ultra-low power, compact and lightweight, High breakdown voltage, Surface mounting type
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

ED2-3SNJ Datasheet(HTML) 8 Page - NEC

Back Button ED2-3SNJ Datasheet HTML 4Page - NEC ED2-3SNJ Datasheet HTML 5Page - NEC ED2-3SNJ Datasheet HTML 6Page - NEC ED2-3SNJ Datasheet HTML 7Page - NEC ED2-3SNJ Datasheet HTML 8Page - NEC ED2-3SNJ Datasheet HTML 9Page - NEC ED2-3SNJ Datasheet HTML 10Page - NEC ED2-3SNJ Datasheet HTML 11Page - NEC ED2-3SNJ Datasheet HTML 12Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ED2/EF2 SERIES
DATA SHEET ER0304EJ2V0DS00
8
q Coil Temperature Rise
q Operate Time
q Contact Resistance
q Switching Capacity
q Breakdown Voltage
q Release Time without diode
q Release Time with diode
q Transfer Time
20
15
10
5
0
50
100
150
200
Applied Power(mW) at 20˚C
99.99
99.9
99
95
90
80
60
40
20
10
5
1
0.1
0.01
Breakdown Voltage(KV,AC)
Between
adjacent
contacts
Between coil
and contacts
Between open
contacts
12
3
4
5
4
2
0
50
100
150
200
250
Bounce Time at Operate
Operate Time
Applied Power(mW)
2
1
0
50
100
150
200
Applied Power(mW)
Release Time
Bounce Time at Release
Make contact
Break contact
0
1020
30
40 50
6070 8090 100
99.99
99.9
99
95
90
80
60
40
20
10
5
1
0.1
0.01
Contact Resistance(m
Ω)
4
2
0
50
100
150
200
Applied power(mW)
Release Time
Bounce Time at Release
2.0
1.0
0.5
0.4
0.3
0.2
30
100
200
DC Load(resistive)
AC Load(resistive)
Switching Voltage(V)
99.99
99.9
99
95
90
80
60
40
20
10
5
1
0.1
0.01
Transfer Time(ms)
At operate
At release
0
0.2 0.4 0.6 0.8
1
1.2 1.4 1.6 1.8
2
TYPICAL PERFORMANCE DATA


Similar Part No. - ED2-3SNJ

ManufacturerPart #DatasheetDescription
logo
NEC
ED2-3NJ NEC-ED2-3NJ Datasheet
100Kb / 11P
   COMPACT AND LIGHTWEIGHT, SMALL MOUNTING SIZE, HIGH BREAKDOWN VOLTAGE
More results

Similar Description - ED2-3SNJ

ManufacturerPart #DatasheetDescription
logo
NEC
ED2-5NJ NEC-ED2-5NJ Datasheet
389Kb / 16P
   Ultra-low power, compact and lightweight, High breakdown voltage, Surface mounting type
logo
List of Unclassifed Man...
EE2-5NU ETC2-EE2-5NU Datasheet
228Kb / 12P
   Compact and lightweight, High breakdown voltage, Surface mounting type
logo
NEC
EE2-24NU NEC-EE2-24NU Datasheet
228Kb / 12P
   Compact and lightweight, High breakdown voltage, Surface mounting type
EC29SND NEC-EC29SND Datasheet
142Kb / 12P
   High Insulation, High breakdown voltage, compact and lightweight, Surface mounting type
EC2-5SNJ NEC-EC2-5SNJ Datasheet
100Kb / 11P
   COMPACT AND LIGHTWEIGHT, SMALL MOUNTING SIZE, HIGH BREAKDOWN VOLTAGE
EC29SNU NEC-EC29SNU Datasheet
107Kb / 8P
   COMPACT AND LIGHTWEIGHT, SMALL MOUNTING SIZE, HIGH BREAKDOWN VOLTAGE
EA2-24NU NEC-EA2-24NU Datasheet
106Kb / 12P
   COMPACT AND LIGHTWEIGHT
EA2-3SNU NEC-EA2-3SNU Datasheet
113Kb / 8P
   COMPACT AND LIGHTWEIGHT
logo
Panasonic Semiconductor
AEV14012W PANASONIC-AEV14012W Datasheet
203Kb / 9P
   Compact and lightweight
logo
KODENSHI_AUK CORP.
PIC-A1804 KODENSHI-PIC-A1804 Datasheet
1Mb / 3P
   Compact and lightweight design
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com