Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSZ070N08LS5 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # BSZ070N08LS5
Description  OptiMOS짧5 Power-Transistor, 80 V
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSZ070N08LS5 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button BSZ070N08LS5 Datasheet HTML 3Page - Infineon Technologies AG BSZ070N08LS5 Datasheet HTML 4Page - Infineon Technologies AG BSZ070N08LS5 Datasheet HTML 5Page - Infineon Technologies AG BSZ070N08LS5 Datasheet HTML 6Page - Infineon Technologies AG BSZ070N08LS5 Datasheet HTML 7Page - Infineon Technologies AG BSZ070N08LS5 Datasheet HTML 8Page - Infineon Technologies AG BSZ070N08LS5 Datasheet HTML 9Page - Infineon Technologies AG BSZ070N08LS5 Datasheet HTML 10Page - Infineon Technologies AG BSZ070N08LS5 Datasheet HTML 11Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
OptiMOSª5Power-Transistor,80V
BSZ070N08LS5
Rev.2.2,2016-08-18
Final Data Sheet
Diagram5:Typ.outputcharacteristics
VDS[V]
0
1
2
3
4
5
0
40
80
120
160
4.5 V
6 V
10 V
4 V
3.5 V
3 V
ID=f(VDS);Tj=25°C;parameter:VGS
Diagram6:Typ.drain-sourceonresistance
ID[A]
0
20
40
60
80
100
0
3
6
9
12
15
4 V
4.5 V
5 V
5.5 V
6 V
10 V
RDS(on)=f(ID);Tj=25°C;parameter:VGS
Diagram7:Typ.transfercharacteristics
VGS[V]
0
2
4
6
8
0
40
80
120
160
25 °C
150 °C
ID=f(VGS);|VDS|>2|ID|RDS(on)max;parameter:Tj
Diagram8:Typ.forwardtransconductance
ID[A]
0
20
40
60
80
100
0
20
40
60
80
100
120
gfs=f(ID);Tj=25°C


Similar Part No. - BSZ070N08LS5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSZ075N08NS5 INFINEON-BSZ075N08NS5 Datasheet
1Mb / 12P
   Ideal for high frequency switching and sync. rec.
Rev.2.1,2014-05-05
BSZ076N06NS3G INFINEON-BSZ076N06NS3G Datasheet
248Kb / 9P
   OptiMOS3 Power-Transistor
Rev.2.4 2009-11-11
More results

Similar Description - BSZ070N08LS5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB073N15N5 INFINEON-IPB073N15N5 Datasheet
1Mb / 11P
   OptiMOS짧5 Power-Transistor, 150 V
Rev.2.0,2016-03-17
IPB060N15N5 INFINEON-IPB060N15N5 Datasheet
1Mb / 11P
   OptiMOS짧5 Power-Transistor, 150 V
Rev.2.0,2016-12-13
IPP030N10N5 INFINEON-IPP030N10N5_16 Datasheet
1Mb / 11P
   OptiMOS짧5 Power-Transistor, 100 V
Rev.2.2,2016-07-22
IPB044N15N5 INFINEON-IPB044N15N5 Datasheet
1Mb / 10P
   OptiMOS짧5 Power-Transistor, 150 V
2016-04-06
IPP076N15N5 INFINEON-IPP076N15N5 Datasheet
1Mb / 10P
   OptiMOS짧5 Power-Transistor, 150 V
Rev.2.0,2016-03-03
IPI051N15N5 INFINEON-IPI051N15N5 Datasheet
1Mb / 10P
   OptiMOS짧5 Power-Transistor, 150 V
Rev.2.0,2016-02-01
IPB048N15N5 INFINEON-IPB048N15N5 Datasheet
1Mb / 11P
   OptiMOS짧5 Power-Transistor, 150 V
Rev.2.0,2016-02-05
IPP051N15N5 INFINEON-IPP051N15N5 Datasheet
1Mb / 10P
   OptiMOS짧5 Power-Transistor, 150 V
Rev.2.0,2016-02-01
IPI076N15N5 INFINEON-IPI076N15N5 Datasheet
1Mb / 10P
   OptiMOS짧5 Power-Transistor, 150 V
Rev.2.0,2016-03-03
IPP039N10N5 INFINEON-IPP039N10N5 Datasheet
1Mb / 11P
   OptiMOS짧5 Power-Transistor, 100 V
Rev.2.0,2016-11-22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com