Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT5826 Datasheet(PDF) 8 Page - Texas Instruments

Part # PT5826
Description  16-A 12-V Input Adjustable Integrated Switching Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT5826 Datasheet(HTML) 8 Page - Texas Instruments

Back Button PT5826 Datasheet HTML 2Page - Texas Instruments PT5826 Datasheet HTML 3Page - Texas Instruments PT5826 Datasheet HTML 4Page - Texas Instruments PT5826 Datasheet HTML 5Page - Texas Instruments PT5826 Datasheet HTML 6Page - Texas Instruments PT5826 Datasheet HTML 7Page - Texas Instruments PT5826 Datasheet HTML 8Page - Texas Instruments PT5826 Datasheet HTML 9Page - Texas Instruments PT5826 Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
Application Notes continued
Va (req.d)
2.800
3.6K
2.750
9.3K
2.700
17.9K
2.650
32.2K
2.600
60.7K
2.550
146.0K
2.500
2.450
(321.0)k
2.400
(146.0)k
2.350
(85.7)k
2.300
(55.3)k
2.250
(37.2)k
2.200
(25.0)k
2.150
(16.4)k
2.100
(9.9)k
2.3k
2.050
(4.8)k
7.7k
2.000
(0.8)k
15.9k
1.950
29.5k
1.900
56.7k
1.850
138.0k
1.800
1.1k
1.750
(169.0)k
6.3k
1.700
(66.9)k
14.1k
1.650
(32.9)k
27.2k
1.600
(15.9)k
53.2k
1.550
(5.7)k
131.0k
1.500
1.8k
1.475
(239.0)k
4.2k
1.450
(102.0)k
7.1k
1.425
(56.4)k
10.7k
1.400
(33.7)k
15.1k
1.375
(20.0)k
20.8k
1.350
(10.9)k
28.4k
1.325
(4.4)k
39.1k
1.300
55.1k
2.3k
1.275
81.8k
4.8k
1.250
135.0k
7.7k
1.225
295.0k
11.4k
1.200
15.9k
1.175
(125.0)k
21.7k
1.150
(45.1)k
29.5k
1.125
(18.4)k
40.4k
1.100
(5.1)k
56.7k
1.075
83.9k
1.050
138.0k
1.025
302.0K
1.000
0.975
(46.5)k
0.950
(5.7)k
PT5820 Series
Table 3-2
ISR ADJUSTMENT RESISTOR VALUES
Series Pt. No.
PT5827
PT5821
PT5822
PT5823
PT5824
PT5825
PT5826
Vo (nom)
5.0V
3.3V
2.5V
1.8V
1.5V
1.2V
1.0V
Va (req.d)
5.50
0.5k
5.40
6.9k
5.30
17.4k
5.20
38.6k
5.10
102.0k
5.00
4.90
(338.0)k
4.80
(152.0)k
4.70
(89.4)k
4.60
(58.3)k
4.50
(39.7)k
4.40
(27.3)k
4.30
(18.4)k
4.20
(11.7)k
4.10
(6.5)k
4.00
(2.4)k
3.60
2.3k
3.55
7.7k
3.50
15.9k
3.45
29.5k
3.40
56.7k
3.35
138.0k
3.30
3.25
(475.0)k
3.20
(220.0)k
3.15
(135.0)k
3.10
(92.4)k
3.05
(66.9)k
3.00
(49.9)k
2.95
(37.5)k
2.90
(28.6)k
2.85
(21.6)k
2.80
(15.9)k
2.75
(11.3)k
2.70
(7.4)k
2.65
(4.1)k
2.60
(1.3)k
R1 = Black R2 = (Blue)


Similar Part No. - PT5826

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PT5800 ETC-PT5800 Datasheet
203Kb / 11P
   18-A 5-V Input Adjustable Integrated Switching Regulator
logo
Texas Instruments
PT5800 TI1-PT5800 Datasheet
227Kb / 13P
[Old version datasheet]   18A Output Current
logo
Tyco Electronics
PT580024 MACOM-PT580024 Datasheet
387Kb / 4P
   Miniature Relay
logo
Texas Instruments
PT5800 TI1-PT5800_14 Datasheet
227Kb / 13P
[Old version datasheet]   18A Output Current
logo
List of Unclassifed Man...
PT5801 ETC-PT5801 Datasheet
203Kb / 11P
   18-A 5-V Input Adjustable Integrated Switching Regulator
More results

Similar Description - PT5826

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6360 TI-PT6360 Datasheet
317Kb / 14P
[Old version datasheet]   11 A 12-V Input Adjustable Integrated Switching Regulator
PT6364 TI-PT6364 Datasheet
307Kb / 9P
[Old version datasheet]   11 A 12-V Input Adjustable Integrated Switching Regulator
PT6340 TI1-PT6340 Datasheet
206Kb / 11P
[Old version datasheet]   6-A 12-V Input Adjustable Integrated Switching Regulator
PT6341 TI-PT6341 Datasheet
174Kb / 9P
[Old version datasheet]   6-A 12-V Input Adjustable Integrated Switching Regulator
PT6650 TI1-PT6650_13 Datasheet
373Kb / 16P
[Old version datasheet]   5-A 12 /24-V Input Adjustable Integrated Switching Regulator
logo
List of Unclassifed Man...
PT5800 ETC-PT5800 Datasheet
203Kb / 11P
   18-A 5-V Input Adjustable Integrated Switching Regulator
logo
Texas Instruments
PT6470 TI-PT6470 Datasheet
289Kb / 14P
[Old version datasheet]   14-A 3.3-V Input Adjustable Integrated Switching Regulator
PT6460 TI-PT6460 Datasheet
192Kb / 10P
[Old version datasheet]   14-A 5-V Input Adjustable Integrated Switching Regulator
PT5810 TI-PT5810 Datasheet
202Kb / 11P
[Old version datasheet]   20-A 3.3-V Input Adjustable Integrated Switching Regulator
PT5520 TI1-PT5520 Datasheet
185Kb / 9P
[Old version datasheet]   1.5-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com