Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD6346FV Datasheet(PDF) 11 Page - Rohm

Part # BD6346FV
Description  Three-phase Full-wave Fan Motor Driver
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD6346FV Datasheet(HTML) 11 Page - Rohm

Back Button BD6346FV Datasheet HTML 7Page - Rohm BD6346FV Datasheet HTML 8Page - Rohm BD6346FV Datasheet HTML 9Page - Rohm BD6346FV Datasheet HTML 10Page - Rohm BD6346FV Datasheet HTML 11Page - Rohm BD6346FV Datasheet HTML 12Page - Rohm BD6346FV Datasheet HTML 13Page - Rohm BD6346FV Datasheet HTML 14Page - Rohm BD6346FV Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
Datasheet
Datasheet
11/21
TSZ02201-0H1H0B100520-1-2
17.Jun.2013 Rev.001
© 2013 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
BD6346FV
●Application circuit example(Constant values are for reference)
3)
PWM control motor variable speed for application by input pulse signal (direct PWM input)
ex. external PWM signal duty control directly rotation speed for application. Its not necessary to set minimum
rotation speed.
Control input terminal setting of PWM control motor variable speed by pulse input for application
In case of PWM control with OSC terminal is shorted GND, control input terminal (CONT, MIN) is showed in Fig.
28,29. But CONT terminal setting Pull-up or OPEN, Motor is state of constant rotation speed.
REF
OK
Setting Pull-up
( torque is ON)
CONT
Setting Pull-down
(prohibition: torque is OFF)
REF
CONT
NG
CONT
REF
Pulse input within CONT
input voltage range
OK
PWM
Fig. 27 Direct PWM application
Fig. 28 PWM control by input pulse signal (OSC terminal is shorted GND), CONT terminal setting
REF
OK
Setting OPEN(torque is
ON,internal resistance Pull-up)
CONT
REF
OK
Setting Pull-up
( torque is ON )
MIN
Setting Pull-down
(prohibition: test-mode input
REF
MIN
NG
Fig. 29 PWM control by input pulse signal (OSC terminal is shorted GND), MIN terminal setting
REF
NG
Setting OPEN
(prohibition:input is irregular)
MIN
MIN
REF
Setting under REF voltage
(prohibition:input unrelated
control)
NG
(
)
( )
Soft-Start time setting
Stable REF for provision
Input Direct PWM
MIN terminal is connected REF
terminal, invalidate minimum
output duty setting.
Absolute Output Voltage 20V
Absolute Output Current 1.2A
FG open collector protection
Connect a pull-up external
resistor
Detect current to limit motor
current,
pay
attention
to
wattage. Because large current
is present.
Provision for Vcc-rise by kick-back
the bypass capacitor, diode must be
routed Vcc terminal as near as
possible
Against reverse FAN
connector for provision
Input Direct PWM,
OSC terminal is shorted
Sync-Startup time setting
Its necessary to choose the
best capacitor value for
optimum start-up operation
Select slope current setting
PWM
0.47µF
to 4.7µF
0.1µF to
Vcc
DET.
COMP
TOSC
OSC
W
Vcc
V
COM
FG
GND
GND
GND
SS
SEL
MIN
CONT
U
RNF
GND
GND
GND
REF
Vcl
VccVcc
PWM
COMP
SIGNAL
OUTPUT
LOCK
PROTECT
150° SOFT
SWITCH
QUICK
START
PRE DRIVER
DETECT
LEVEL
UVLO
TOSC
TSD
BEMF
DETECT
REF
OSC
SIG
1
2
3
4
5
6
7
15
16
8
14
12
11
10
9
13
20
19
18
17
4.7µF to
680pF to
2200pF
0.22Ω to
REF
0Ω to
to 10kΩ
SOFT START
& CURRENT
LIMIT
COMP
CONTROL
LOGIC


Similar Part No. - BD6346FV

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BD634 ISC-BD634 Datasheet
244Kb / 2P
   isc Silicon PNP Power Transistor
logo
Rohm
BD63441AFU ROHM-BD63441AFU Datasheet
1Mb / 23P
   Multifunction Three-phase Full-wave Fan Motor Driver
BD6345FV ROHM-BD6345FV Datasheet
1Mb / 18P
   Three-phase Full-wave DC Brushless Fan Motor Driver
More results

Similar Description - BD6346FV

ManufacturerPart #DatasheetDescription
logo
Rohm
BH67172NUX ROHM-BH67172NUX Datasheet
673Kb / 20P
   Three-Phase Full-Wave Fan Motor Driver
BD63242EFV ROHM-BD63242EFV Datasheet
1Mb / 33P
   Three-phase Full-wave Fan Motor Driver
BD67173NUX ROHM-BD67173NUX Datasheet
2Mb / 30P
   Three-Phase Full-Wave Fan Motor Driver
BD63282EFV ROHM-BD63282EFV Datasheet
2Mb / 31P
   Three-phase Full-wave Fan Motor Driver
BD6326ANUX ROHM-BD6326ANUX Datasheet
1Mb / 26P
   Three-Phase Full-Wave Fan Motor Driver
BD63441AFU ROHM-BD63441AFU Datasheet
1Mb / 23P
   Multifunction Three-phase Full-wave Fan Motor Driver
BD63241FV ROHM-BD63241FV Datasheet
1Mb / 25P
   Three-phase Full-Wave 1Hall Fan Motor Driver
BD6345FV ROHM-BD6345FV Datasheet
1Mb / 18P
   Three-phase Full-wave DC Brushless Fan Motor Driver
BH6717NUV-E2 ROHM-BH6717NUV-E2 Datasheet
402Kb / 11P
   Three-Phase Full-Wave Fan Motor Driver for Note PC
logo
Sanyo Semicon Device
LB11862M SANYO-LB11862M Datasheet
393Kb / 5P
   Single-Phase Full-Wave Fan Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com