Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD6722FS Datasheet(PDF) 3 Page - Rohm

Part # BD6722FS
Description  Multifunction Single-phase Full-wave Fan Motor Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD6722FS Datasheet(HTML) 3 Page - Rohm

  BD6722FS Datasheet HTML 1Page - Rohm BD6722FS Datasheet HTML 2Page - Rohm BD6722FS Datasheet HTML 3Page - Rohm BD6722FS Datasheet HTML 4Page - Rohm BD6722FS Datasheet HTML 5Page - Rohm BD6722FS Datasheet HTML 6Page - Rohm BD6722FS Datasheet HTML 7Page - Rohm BD6722FS Datasheet HTML 8Page - Rohm BD6722FS Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3/12
Datasheet
Datasheet
BD6722FS
TSZ02201-0H1H0B100180-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
28.JUL.2012 Rev.002
www.rohm.com
TSZ22111・15・001
●Electrical characteristics(Unless otherwise specified Ta=25°C, Vcc=12V)
Limit
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Ref.
data
Circuit current
Icc
5
8
11
mA
Fig.3
Hall input hysteresis voltage
Vhys
±5
±10
±15
mV
Fig.4
High side output current
Ioh
5
10
15
mA
Voh=12V
Fig.5
High side output leak current
Iohl
-
-
10
µA
Voh=34V
Fig.6
Low side output low voltage
Voll
-
0.30
0.45
V
Iol=600mA
Fig.7, 8
Lock detection ON time
Ton
018
0.30
0.42
s
Fig.9
Lock detection OFF time
Toff
3.6
6.0
8.4
s
Fig.10
FG output low voltage
Vfgl
-
0.15
0.30
V
Ifg=5mA
Fig.11, 12
FG output leak current
Ifgl
-
-
10
µA
Vfg=17V
Fig.13
AL output low voltage
Vall
-
0.15
0.30
V
Ial=5mA
Fig.11, 12
AL output leak current
Iall
-
-
10
µA
Val=17V
Fig.13
OSC high voltage
Vosch
2.24
2.44
2.64
V
Fig.14
OSC low voltage
Voscl
0.8
1.0
1.2
V
Fig.14
OSC charge current
Icosc
–50
–32
–26
µA
Fig.15
OSC discharge current
Idosc
26
32
50
µA
Fig.15
Output ON duty 1
Poh1
75
80
85
%
Vth=Vref x 0.429
Pull up resistance 1k
Ω,
OSC=470pF
-
Output ON duty 2
Poh2
45
50
55
%
Vth=Vref x 0.573
Pull up resistance 1k
Ω,
OSC=470pF
-
Output ON duty 3
Poh3
15
20
25
%
Vth=Vref x 0.717
Pull up resistance 1k
Ω,
OSC=470pF
-
Reference voltage
Vref
2.8
3.0
3.2
V
Iref=–2mA
Fig.16, 17
Current limit setting voltage
Vcl
320
350
380
mV
Fig.18
TH input bias current
Ith
-
-
–0.2
µA
Vth=0V
Fig.19
MIN input bias current
Imin
-
-
–0.2
µA
Vmin=0V
Fig.20
About a current item, define the inflow current to IC as a positive notation, and the outflow current from IC as a negative notation.


Similar Part No. - BD6722FS

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6722FS ROHM-BD6722FS Datasheet
314Kb / 6P
   Single-Phase Full-Wave Motor Driver for Fan Motor
BD6722FS ROHM-BD6722FS Datasheet
149Kb / 5P
   Single-Phase Full-Wave Motor Driver for Fan Motor
BD6722FS ROHM-BD6722FS_1 Datasheet
149Kb / 5P
   Single-Phase Full-Wave Motor Driver for Fan Motor
More results

Similar Description - BD6722FS

ManufacturerPart #DatasheetDescription
logo
Rohm
BD61251FV ROHM-BD61251FV Datasheet
1Mb / 27P
   Multifunction Single-phase Full-wave Fan Motor Driver
12.Oct.2017 Rev.001
BD6721FS ROHM-BD6721FS_12 Datasheet
649Kb / 17P
   Multifunction Single-phase Full-wave Fan Motor Driver
BD6974FV-LB ROHM-BD6974FV-LB Datasheet
750Kb / 20P
   Multifunction Single-phase Full-wave Fan Motor Driver
BD61247NUX ROHM-BD61247NUX Datasheet
1Mb / 24P
   Multifunction Single-phase Full-wave Fan Motor Driver
BD69730FFV ROHM-BD69730FFV Datasheet
1Mb / 31P
   Multifunction Single-phase Full-wave Fan Motor Driver
BD61245EFV ROHM-BD61245EFV Datasheet
1Mb / 30P
   Multifunction Single-phase Full-wave Fan Motor Driver
BD6973FV-LB ROHM-BD6973FV-LB Datasheet
750Kb / 20P
   Multifunction Single-phase Full-wave Fan Motor Driver
BD63441AFU ROHM-BD63441AFU Datasheet
1Mb / 23P
   Multifunction Three-phase Full-wave Fan Motor Driver
logo
Sanyo Semicon Device
LB11862M SANYO-LB11862M Datasheet
393Kb / 5P
   Single-Phase Full-Wave Fan Motor Driver
LB11964T SANYO-LB11964T Datasheet
77Kb / 5P
   Single-Phase Full-Wave Fan Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com